Part Number Hot Search : 
ABACT00 AN6783S NJU87 UNR31A1G ST72F SA211 52203 AT24C
Product Description
Full Text Search
 

To Download ZMG46W-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
ZMG46W-3
www.SunLED.com
SUBMINIATURE SOLID STATE LAMP
Features
SUBMINIATURE PACKAGE. GULL WING LEAD. LONG LIFE - SOLID STATE RELIABILITY. LOW PACKAGE PROFILE. PACKAGE : 1000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice.
Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg
MG (GaP) 5 25 140 62.5 -40 ~ +85 -40 ~ +85
Unit V mA mA mW C
Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR
MG (GaP) 2.2 2.5 10
Unit V V uA
P
565
nm
D
568
nm
30
nm
C
15
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 79
Wavelength nm P
Viewing Angle 2 1/2
ZMG46W-3
Green
GaP
Water Clear
36
565
20
Published Date : FEB 26,2008
Drawing No : SDSA0248
V5
Checked : B.L.LIU
P.1/4
Part Number:
ZMG46W-3
www.SunLED.com
SUBMINIATURE SOLID STATE LAMP
MG
Published Date : FEB 26,2008
Drawing No : SDSA0248
V5
Checked : B.L.LIU
P.2/4
Part Number:
ZMG46W-3
www.SunLED.com
SUBMINIATURE SOLID STATE LAMP
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : FEB 26,2008 Drawing No : SDSA0248 V5 Checked : B.L.LIU P.3/4
Part Number:
ZMG46W-3
www.SunLED.com
SUBMINIATURE SOLID STATE LAMP
PACKING & LABEL SPECIFICATIONS
ZMG46W-3
Published Date : FEB 26,2008
Drawing No : SDSA0248
V5
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of ZMG46W-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X