Part Number Hot Search : 
BA2903KN 2N1651 EF100 GV860 13003A CXXXE TC2000 AD10201
Product Description
Full Text Search
 

To Download ZMDKVG57W-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
ZMDKVG57W-1
www.SunLED.com
3.0x2.5mm SURFACE MOUNT LED LAMP
Features
3.0mmx2.5mm SMT LED, 1.4mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACK LIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. INNER LENS TYPE MOISTURE SENSITIVITY LEVEL : LEVEL 3. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3.Specifications are subject to change without notice. Operating Characteristics (TA=25C) Unit V mA mA mW C Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=20mA) mcd min. ZMDKVG57W-1 Red Green InGaAlP InGaAlP Water Clear 110 36 typ. 297 79 650 574 100 VF VF IR MDK (InGaA lP) 1.95 2.5 10 VG (InGaA lP) 2.1 2.5 10 Unit
Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg
MDK VG (InGaA (InGaA lP) lP) 5 30 185 75 5 30 150 75
V V uA
P
650
574
nm
-40 ~ +85 -40 ~ +85
D
635
570
nm
28
20
nm
C
35
15
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Wavelength nm P
Viewing Angle 2 1/2
Published Date : FEB 25 , 2008
Drawing No : SDSA6266
V1
Checked : B.L.LIU
P.1/5
Part Number:
ZMDKVG57W-1
www.SunLED.com
3.0x2.5mm SURFACE MOUNT LED LAMP
MDK
Published Date : FEB 25 , 2008
Drawing No : SDSA6266
V1
Checked : B.L.LIU
P.2/5
Part Number:
ZMDKVG57W-1
www.SunLED.com
3.0x2.5mm SURFACE MOUNT LED LAMP
VG
Published Date : FEB 25 , 2008
Drawing No : SDSA6266
V1
Checked : B.L.LIU
P.3/5
Part Number:
ZMDKVG57W-1
www.SunLED.com
3.0x2.5mm SURFACE MOUNT LED LAMP
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : FEB 25 , 2008
Drawing No : SDSA6266
V1
Checked : B.L.LIU
P.4/5
Part Number:
ZMDKVG57W-1
www.SunLED.com
3.0x2.5mm SURFACE MOUNT LED LAMP
PACKING & LABEL SPECIFICATIONS
ZMDKVG57W-1
Published Date : FEB 25 , 2008
Drawing No : SDSA6266
V1
Checked : B.L.LIU
P.5/5


▲Up To Search▲   

 
Price & Availability of ZMDKVG57W-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X