Part Number Hot Search : 
2B001 OPB846L 2SA1404 S3PDB AD8400 DRC4143T 300B1 S9015M
Product Description
Full Text Search
 

To Download ZMDK56W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
ZMDK56W
www.SunLED.com
3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
Features
3.0mmx1.0mm RIGHT ANGLE SMT LED, 2.0mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACK LIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.15(0.006") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg MDK (InGaAlP) 5 30 185 75 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=20mA) Wavelength of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR MDK (InGaAlP) 1.95 2.5 10 Unit V V uA
P
650
nm
D
635
nm
28
nm
C
35
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 248
Wavelength nm P
Viewing Angle 2 1/2
ZMDK56W
Red
InGaAlP
Water Clear
110
650
120
Published Date : FEB 25, 2008
Drawing No : SDSA2572
V7
Checked : B.L.LIU
P.1/4
Part Number:
ZMDK56W
www.SunLED.com
3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
MDK
Published Date : FEB 25, 2008
Drawing No : SDSA2572
V7
Checked : B.L.LIU
P.2/4
Part Number:
ZMDK56W
www.SunLED.com
3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : FEB 25, 2008 Drawing No : SDSA2572 V7 Checked : B.L.LIU P.3/4
Part Number:
ZMDK56W
www.SunLED.com
3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
PACKING & LABEL SPECIFICATIONS
ZMDK56W
Published Date : FEB 25, 2008
Drawing No : SDSA2572
V7
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of ZMDK56W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X