Part Number Hot Search : 
PS253 3323W101 PSD4235 IN74HC ADN4600 CHM634 2N1099 PT1000
Product Description
Full Text Search
 

To Download ZFUR05C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
ZFUR05C2
www.SunLED.com
SURFACE MOUNT DISPLAY
Features
0.2 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. I.C. COMPATIBLE. MECHANICALLY RUGGED. GRAY FACE, WHITE SEGMENT. PACKAGE : 300PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
UR
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.The gap between the reflector and PCB shall not exceed 0.25mm. 4.Specifications are subject to change without notice. Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Absolute maximum ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg UR (GaAsP/GaP) 5 30 160 75 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=10mA) Wavelength of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR UR (GaAsP/GaP) 1.9 2.5 10 Unit V V uA
P
627
nm
D
625
nm
45
nm
C
15
pF
Part Number
Emitting Color
Emitting Material
Luminous Intensity (IF=10mA) ucd min. typ. 5790
Wavelength nm P
Description
ZFUR05C2
Red
GaAsP/GaP
1200
627
Common Cathode.Rt.Hand Decimal
Published Date : FEB 28,2008
Drawing No : SDSA5297
V4
Checked : Shin Chi
P.1/4
Part Number:
ZFUR05C2
www.SunLED.com
SURFACE MOUNT DISPLAY
UR
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : FEB 28,2008
Drawing No : SDSA5297
V4
Checked : Shin Chi
P.2/4
Part Number:
ZFUR05C2
www.SunLED.com
SURFACE MOUNT DISPLAY
Recommended Soldering Pattern (Units : mm;Tolerance: 0.15)
Tape Specification (Units : mm)
Published Date : FEB 28,2008
Drawing No : SDSA5297
V4
Checked : Shin Chi
P.3/4
Part Number:
ZFUR05C2
www.SunLED.com
SURFACE MOUNT DISPLAY
PACKING & LABEL SPECIFICATIONS
ZFUR05C2
Published Date : FEB 28,2008
Drawing No : SDSA5297
V4
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of ZFUR05C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X