Part Number Hot Search : 
11800 AH286 MAX39 TFR315C 22V10 MAX16920 MAX17061 1N3939
Product Description
Full Text Search
 

To Download ZFAVG10A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
ZFAVG10A
SURFACE MOUNT DISPLAY
Features
0.4 INCH CHARACTER HEIGHT. LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. CATEGORIZED FOR LUMINOUS INTENSITY. MECHANICALLY RUGGED. GRAY FACE, WHITE SEGMENT. PACKAGE :400PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. 4.The gap between the reflector and PCB shall not exceed 0.25mm. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF VG (InGaAlP) 5 30 Unit V mA
Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. typ. 18490 574 Wavelength nm P VF VF IR
VG (InGaAlP) 2.0 2.5 10
Unit V V uA
P
574
nm
iFS
150
mA
D
570
nm
PT TA Tstg
75 -40 ~ +85 -40 ~ +85
mW C
20
nm
C
15
pF
Part Number
Emitting Color
Emitting Material
Description
ZFAVG10A
Green
InGaAlP
4700
Common Anode, Rt. Hand Decimal
Published Date : MAR 03,2008
Drawing No : SDSA5413
V3
Checked : Shin Chi
P.1/4
Part Number:
www.SunLED.com
ZFAVG10A
SURFACE MOUNT DISPLAY
VG
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 03,2008
Drawing No : SDSA5413
V3
Checked : Shin Chi
P.2/4
Part Number:
www.SunLED.com
ZFAVG10A
SURFACE MOUNT DISPLAY
Recommended Soldering Pattern (Units : mm;Tolerance: 0.15)
Tape Specification (Units : mm)
Published Date : MAR 03,2008
Drawing No : SDSA5413
V3
Checked : Shin Chi
P.3/4
Part Number:
www.SunLED.com
ZFAVG10A
SURFACE MOUNT DISPLAY
PACKING & LABEL SPECIFICATIONS
ZFAVG10A
Published Date : MAR 03,2008
Drawing No : SDSA5413
V3
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of ZFAVG10A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X