Part Number Hot Search : 
GMS90C3X LB122 5503P PW2300 1688M IDT71V 17256 SE103
Product Description
Full Text Search
 

To Download VT5365 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VT5365
Single chip optical/laser mouse sensor for wireless applications
Features

Description
The VT5365 is the first generally available complete system on-chip for use in wireless optical mice. The device has been designed to provide long battery life while enabling excellent navigation control and precision on a wide range of surfaces. Housed in the smallest currently available package (7 mm x 7 mm), the chip is suitable for use in small form-factor mice demanded by laptop users. Minimal external circuitry is required, thereby reducing BOM and assembly costs. Table 1.
Resolution Pixel size Array size Frame rate High speed motion detector(1) Clock Supply voltage
One chip solution with internal microprocessor and minimal external circuitry 1.8 V (single battery) or 2.0 V to 3.2 V (serial batteries) supply operation Very low power operation, enabling long battery life 800 / 1600 CPI resolution (switchable by simultaneous button press) Up to 10,000 frames per second Tracking at up to 40 ips Internal 27.045 MHz modulator available Single 12 MHz crystal design ST 4.8 kbps protocol 254 ID codes Mechanical Z-wheel + 5 buttons Low battery detect and indicator ID update & E2 store at every CONNECT press Firmware customization available on request Proven, high volume package technology, smallest package currently available on market Suitable for use with LED and laser light sources Reference designs available
Technical specifications
800 (default) / 1600 CPI 30.4 m 20*20 pixels Up to 10,000 frames/second 400 CPI - 32 ips 800 CPI - 16 ips 1600 CPI - 8 ips 3200 CPI - 4 ips 12 MHz 1.8 V Fast RUN (10 Kfps) - 28 mA Slow RUN (2.5 Kfps) - 16 mA IDLE 1 - 500 A IDLE 2 - 120 A SLEEP - 60 A
Supply current(2)
Applications
Wireless optical mouse for Laptop/Desktop PC
Operating temperature [0 - 60] C Package type 7*7 mm 32 lead LOQFP (Low profile Optical Quad Flat Pack)
1. Speed limitation is due to RF protocol, which is also in line with the USB Low Speed Device. The VT5365 motion detector can handle up to 40 ips. 2. All currents were measured on an ST Reference Design Mouse supplied with 1.8 V at maximum exposure and include an IR LED and RF stage.
March 2007
Rev 1
1/26
www.st.com 26
Contents
VT5365
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
1.1 Detailed overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2
Design notes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.1 2.2 2.3 2.4 2.5 2.6 2.7 Pin assignment . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Reference design schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Reference design - bill of materials . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Optical center . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Sensor orientation on PCB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Driving the navigation LED . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
3
ST default firmware . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
3.1 3.2 3.3 Switches (GPIO 3 - 7) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Scroll wheel (GPIO 1 & 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 GPIO 0 - internal/external RF selection + low battery output . . . . . . . . . . 12
3.3.1 3.3.2 Internal/external RF selection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Low battery output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
3.4 3.5 3.6 3.7 3.8 3.9 3.10
SGPIO 0 - power supply select . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 SGPIO 1 - VGate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 CPI swap . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 ST protocol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 RF ID - external EEPROM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Power management . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
3.9.1 Power management scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Overall system performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
4
Customizable firmware . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
4.1 4.2 4.3 4.4 GPIO management . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Battery level monitoring . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Power mode time constants . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 RF protocol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
2/26
VT5365
Contents
4.5 4.6 4.7
RF channels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 CPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Motion sensitivity tuning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
5
Optics assembly . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
5.1 5.2 Drawings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Mouse assembly guidelines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
6
LED selection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
6.1 6.2 6.3 Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Key LED parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 VCSEL & IR illumination . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
7
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
7.1 7.2 Typical operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Logic IO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
8
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
8.1 LQFP package guidelines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
9 10
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
3/26
Introduction
VT5365
1
Introduction
The VT5365 sensor is a single-chip solid state optical tracking engine with no moving parts. It allows the creation of a high performance, fully featured wireless mouse with the minimum of external components. The device, which provides excellent navigation control and precision, works on a wide range of surfaces. The VT5365 incorporates features that simplify product design and reduce time to market. By minimizing the number of external components, the mouse manufacturer has flexibility for layout and product design. ST has worked with optical component suppliers to produce a single piece light guide with integrated lens, and makes recommendations for a compatible LED. Details of the optics and LED are included in this document. Figure 1. VT5365 reference design mouse
1.1
Detailed overview
The VT5365 has been optimized for low power operation, enabling long battery life, which is achieved by either a single 1.8 V or 2.0 V to 3.2 V supply. The on-chip regulators allow for a wide range of power supplies taken from 2 batteries in series, enabling a low cost BOM. However, for the most efficient power consumption, the regulators can be bypassed so that the chip is driven at the minimal supply of 1.8 V by an external power source (typically a DC/DC convertor from a single cell voltage). In both cases, an on-chip DCDC regulator controls the LED, so that only a single 1.8 V supply is required for the overall application. The supply scheme is selected by connecting an IO to GND or VDD.
4/26
VT5365
Introduction Care has been taken to implement ultra-low power idle/sleep modes with wakeups at programmable periods and/or via external events, enabling very long battery life. It is estimated that with a typical user and two AA Alkaline batteries configured in parallel, a useful battery lifetime of 9 months can be achieved. STMicroelectronics default firmware supports 5 buttons, mechanical Z-wheel, low battery level detect/indicate output and internal DC/DC controller to supply the navigation LED. The firmware generates baseband 4.8 kbps, Manchester coded data with RF on signal for standby. The output can be selected as either baseband RF serial data, or 27.045 MHz FSK digitally modulated signal. In this case, minimal external circuitry is required for filtering and amplification, and the overall system can be achieved using a single 12 MHz Xtal. This firmware may be replaced allowing customers to build in their own features for their particular mouse (including 2 extra GPIO). For more details please refer to Section 4: Customizable firmware on page 16. The VT5365 sensor will operate over a wide range of illuminant wavelengths and is suitable for use with visible, IR and laser light sources. A specifically designed optical system with integrated light guide and lens is available along with an aperture piece which clips the package in place aligning the optics. This has been optimized for low cost, space saving and ease of assembly in high volume mouse manufacture. The main functional blocks of the VT5365 are shown in Figure 2. Figure 2. VT5365 block diagram
Single Cell Voltage Power Vdd (1.8 V) Power Management TRK_LED 1.8 V Single Stage Amplifier 27 MHz Passive LC Filter LED Control
VT5365
Pixel Array
RFOUT RFON
SDA SCL SGPIO 1 VHIGH VGATE
Optional EEPROM VLED
X1 X0 12 MHz 365 Core
SGPIO 0 GPIO 0 GPIO1-7
PSU Select LO BATT Buttons Z-wheel
5/26
Design notes
VT5365
2
2.1
Design notes
Pin assignment
Figure 3. VT5365 pin assignment
CHAN_SYNC
TRK_LED
DEBUG
AVDD
NC
VBAT
32 AVSS NC ADC_IN 1 2 3
31
30
29
28
27
26
25 24 23 22 DVDD1 SCL RFOFF
VHIGH XI X0 DVSS2 DVDD2
4 5 6 7 8 9 RC_TIMER 10 VGATE 11 PSU SELECT
DVSS1
TEST
VT5365
21 20 19 18 17
RFOUT SDA LOW BATT ZA ZB
12 SWRIGHT
13 SWLEFT
14 SWMID
15 SWFOR
16 SWBACK
6/26
VT5365
Design notes
2.2
Pin description
Table 2.
Pin No. 1 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 32
VT5365 pin description
Pin Name AVSS ADC_IN VHIGH XI XO DVSS2 DVDD2 RC_TIMER SGPIO1 SGPIO0 GPIO7 GPIO6 GPIO5 GPIO4 GPIO3 GPIO2 GPIO1 GPIO0 SDA RFOUT RFOFF SCL DVDD1 DVSS1 TRK_LED CHAN_SYNC VBAT DEBUG TEST AVDD Type PWR I/O I/O OSC OSC PWR PWR I/O I/O I/O IO I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O PWR PWR I/O I/O PWR I/O I PWR VGATE PSU Select SWRIGHT - `Right' switch input (active low) SWLEFT - `Left' switch input (active low) SWMID - `Middle' switch input (active low) SWFOR - `Forward' switch input (active low) SWBACK - `Back' switch input (active low) ZB ZA LBAT_OUT - Low Battery Indicator I2C SDA Line RF Data RF On I2C SCL Line 1.8 V Digital Supply Digital Ground Navigation LED Output ID Button 2.0 V to 3.2 V Power Supply Pin Connect to GROUND Connect to GROUND 1.8 V analog supply Analog Ground Analog input Analog Input Feedback 12 MHz Xtal 12 MHz Xtal Digital Ground 1.8 V Digital Supply Description
Note:
All other pins are not connected.
7/26
Design notes
VT5365
2.3
Reference design schematic
Figure 4. VT5365 reference schematic - batteries in series
8/26
VT5365
Design notes
2.4
Reference design - bill of materials
Table 3.
Ref. U1 Q1 Q2 D2 L1 D1 X1 SW1 - SW6 SW7 R1- R6 R9 R12 R7,R8,R13 C6,C7 C1 C2,C5,C9 C3,C4,C8
Bill of materials: main components
Description Optical mouse sensor Manufacturer STMicroelectronics Part Number VT5365V032 518-621
BSS138 N-channel MOSFET, SOT23 Farnell NPN transistor to drive D1 SMD power Schottky diode, STPS340U SMB 15 H surface mount inductor DO1608 series Navigation LED 12 MHz low profile HS49 Xtal Sealed keyswitch (SMD) B3S1000, ID button Z-wheel 100K resistor Controls max current through LED 560K resistor 470K resistor 22 pF capacitor 680 pF capacitor 100 nF capacitor 10 F tantalum capacitor
Standard component - many supplier Farnell CoilCraft See Section 6: LED selection on page 21 TXC Standard component - many supplier Dicgu HK Electronics EN028D-11PS1-30R 935-207
Standard component - many suppliers Standard component - many suppliers Standard component - many suppliers Standard component - many suppliers Standard component - many suppliers Standard component - many suppliers Standard component - many suppliers Standard component - many suppliers
Only required if EEPROM is fitted U2 R10,R11 256 or 4 KByte EEPROM 1K2 resistor STMicroelectronics Standard component - many suppliers
Additional items not mounted on the PCB Optics assembly Aperture stop See Section 5: Optics assembly on page 18 See Section 5: Optics assembly on page 18
For complete reference design schematics for both single battery and batteries in series designs, please refer to the STV-365-R0X user manuals.
9/26
Design notes
VT5365
2.5
Optical center
The optical center of the VT5365 is NOT in the centre of the package, it is offset by -0.243 mm in the X-axis and 0.215 mm in the Y axis with respect to the centre of the package as shown in Figure 5. The PCB designer must take this into account when laying out the PCB. Figure 5. VT5365 optical center
Optical center (-0.243mm, +0.215mm) pin 1 marking
mechanical center of package (0,0)
TOP VIEW OF VT5365
2.6
Sensor orientation on PCB
The VT5365 must be orientated correctly on the PCB in order to move the cursor in the correct directions when the mouse is moved. This is shown in Figure 6. Figure 6. VT5365 sensor orientation
UP
pin 1 marking
LEFT
RIGHT
VT5365 mounted UNDERNEATH TOP VIEW of PCB DOWN
10/26
VT5365
Design notes
2.7
Driving the navigation LED
The VT5365 provides an output (NAV_LED) to drive the LED that is used to illuminate the mousing surface. This output is active HIGH but cannot be used to drive the navigation LED directly. An external NPN bipolar transistor is recommended as shown in the reference schematic (Figure 4 on page 8). The maximum current through the LED is controlled by a resistor (R9 on the reference schematic).
Note:
The navigation LED is used in a non-continuous mode. The duty cycle of the LED is varied by the exposure controller inside the VT5365 and has a maximum value of 40% (on very dark surfaces).
11/26
ST default firmware
VT5365
3
3.1
ST default firmware
Switches (GPIO 3 - 7)
The VT5365 supports up to 5 switch inputs with the default firmware. These switches provide the standard mouse functions of LEFT, RIGHT and MIDDLE as well as the advanced functions of BACK and FORWARD. The switch inputs are all active LOW. An external pull-up resistor is required between the switch input and the VBAT (1.8 V) supply.
3.2
Scroll wheel (GPIO 1 & 2)
The VT5365 supports the use of an external mechanical shaft encoder with quadrature outputs to act as a scroll wheel. Pull-up resistors are required between the ZA and ZB outputs of the shaft encoder and the VBAT supply. Note that the two quadrature outputs ZA and ZB are not interchangeable and must be connected correctly.
3.3
3.3.1
GPIO 0 - internal/external RF selection + low battery output
Internal/external RF selection
The state of GPIO 0 is detected at power-up:

If GPIO 0 is LOW, the RF output will be baseband serial data and an external RF modulator will be required. However, if GPIO 0 is HIGH at power-up, the internal RF modulator will be enabled and the output will be digitally modulated 27.045 MHz FSK. In this case, very minimal external circuitry is required for filtering and amplification, and the overall system can be achieved using a single 12MHz crystal.
For more details and schematics, please refer to the STV-365-R0X user manuals.
3.3.2
Low battery output
After power-up, if a low battery condition is detected, GPIO 0 becomes an output that can drive a low current LED. If the battery goes below 0.8 V, GPIO 0 will be pulled low during RUNNING mode only (that is, when the mouse is moving or during ZWheel/button presses), and goes to highZ in IDLE or SLEEP modes. If the battery voltage goes above 1 V, GPIO 0 will stay highZ in all modes.
3.4
SGPIO 0 - power supply select
The VT5365 can be powered by either a single 1.8 V supply (single/parallel batteries) or a 2.0 V to 3.2 V supply (batteries in series). Connecting SGPIO 0 to 0 V enables the direct drive, turning off the internal 1.8 V regulator. While connecting SGPIO 0 to 1V8 allows the VT5365 to be driven at the minimal supply of 1.8 V, all internal regulators are used.
12/26
VT5365
ST default firmware
3.5
SGPIO 1 - VGate
If required, (that is, if VLED > 1.8 V) SGPIO 1 can be used as a DCDC Controller output to supply VLED. For more details please refer to STV-365-R0X user manuals.
3.6
CPI swap
The default CPI 'Counts Per Inch' of the VT5365 is 800 CPI. This can easily be toggled between 800/1600 CPI by the user, by simply holding down the left and right buttons for 2 seconds. Once the CPI has changed, GPIO 0 will go low and turn on the Low Battery LED. The LED turns off again as soon as one of the buttons is released. If the batteries are removed from the mouse it will return to the default (800 CPI).
3.7
ST protocol
ST has designed their own 27 MHz RF protocol for wireless mouse applications. The coded scheme used is the Manchester method, baud rate = 4.8 kbps. There is support for 5 buttons, Z-wheel, 254 channel IDs + checksum.
3.8
RF ID - external EEPROM
The RF identification is stored in and read from an external EEPROM. If there is no EEPROM fitted, then every time the mouse is powered off the user will have to reconnect the mouse/receiver on power up.
3.9
Power management
The VT5365 is self contained, controlling everything on chip, including power management and automatic sleep or wake-up. The VT5365 includes several features that enable the user to choose the implementation to maximize battery life. Typically, the MCU has the power to shut the complete chip down (with the exception of the digital regulator, the POR and the on-chip low frequency timer). In this mode all the clocks are OFF and the chip can wake up in two ways: 1. 2. Upon completion of a timer cycle (period is programmable and is set prior to going to sleep). Upon reception of an external event, such as a state change on one of the eight main GPIOs.
Note:
The user can program which GPIO has the ability to wake up, or not to wake up, the system.
13/26
ST default firmware
VT5365
3.9.1
Power management scheme
Figure 7. Power management modes
RUN MODE: No motion and/or GPIO activity for 200 ms System up and running (2 sub-modes): - low frame rate (2.5 Kfps) for slow motion - fast frame rate (10 Kfps) for fast motion Motion detected and/or GPIO activity IDLE 1 MODE: System wakes for 1 frame every 10 ms to check for motion SLEEP MODE: System wakes for 1 frame every 500 ms to check for motion
After 25 secs of IDLE 1 mode
IDLE 2 MODE: System wakes for 1 frame every 100 ms to check for motion
After 10 mins of IDLE 2 mode
The VT5365 has a four state power scheme - RUN, IDLE1, IDLE2, and SLEEP. RUN mode is the mode where the whole system is up and running. This mode has three submodes, dependant on the mouse velocity: 2.5 Kfps (for motion slower than 3 ips), 5 Kfps (for motion between 3 and 6 ips) and 10 Kfps (for motion faster than 6 ips). As long as there is some motion or any GPIO activity (e.g. Z-wheel, buttons) the mouse will remain in this state. After 50 ms of mouse inactivity, the mouse goes into the IDLE1 mode. In this mode the system wakes up for 1 frame every 10 ms and checks for motion: if the mouse has not moved, the system automatically goes back to its low power state, otherwise the system will go into RUN mode. Note: As described in Figure 7 above, the system will wake up if any GPIO activity occurs during the low power states. GPIO means - in this case - the CHANNEL_SYNC and the standard GPIOs (e.g. buttons, Z-wheel). After 25 seconds of IDLE1 mode, the system then goes into IDLE2 mode, where it wakes up for 1 frame every 100 ms. After 10 minutes of no activity, the system then falls into SLEEP mode, which is exactly the same as the IDLE modes except that the system wakes up only every 500 ms to check motion activity. As per the IDLE modes, any GPIO activity will send the system back to RUN mode.
14/26
VT5365
ST default firmware
3.10
Overall system performance
The overall performance of a wireless mouse system depends on many different factors including:

Battery choice Power supply design Design of external RF transmission circuitry User model (that is, how much time the mouse is actually being used)
15/26
Customizable firmware
VT5365
4
Customizable firmware
The VT5365 features 4 kBytes of code space that is held in RAM. The RAM can be uploaded at power-up from an external EEPROM (via the on-chip I2C master module) which can be programmed with customer specific firmware. Please contact ST for more details. The EEPROM must be connected to the SDA and SCL pins of the VT5365. The EEPROM cannot be programmed by the VT5365 itself and must be pre-programmed before being fitted to the final PCB. This sequence is only performed once at power-up, (for example, when the batteries are replaced).
4.1
GPIO management
There are up to 9 GPIOs available for customization: GPIO 0 - 7 and SGPIO 1 (SGPIO 1 output only, if not being used as a DCDC controller output to supply VLED, see Section 3.5: SGPIO 1 - VGate). SGPIO 0 is not available for customization as it is used as the Power Supply Select (see Section 3.4: SGPIO 0 - power supply select).
4.2
Battery level monitoring
In the default firmware, the low battery level is set at 0.8 V with 200 mV hysteresis. This level can be customized to be set from 0.6 V to 1.6 V in steps of 3.9 mV (1 V / 256).
4.3
Power mode time constants
The following power management time constants are also available for customization: 1. 2. 3. 4. The time before the mouse goes from one mode to the next i.e. from RUN to IDLE1 or from IDLE 1 to IDLE 2. Minimum time between modes is 50 ms. RUN mode frame rate, up to a maximum of 10 Kfps. Speed at which the frame rate changes occur: low / medium / high frame rate. IDLE and SLEEP times, for example increase or decrease IDLE 2 off time from 100 ms. Minimum `off time' = 10 ms.
4.4
RF protocol
If required, the ST 27 MHz RF protocol can be replaced by the customer's own protocol. Please contact ST for more details.
16/26
VT5365
Customizable firmware
4.5
RF channels
The chip features a digital programmable frequency synthesizer using a 108 MHz clock as an input, creating fractionally divided signals with frequencies around 27 MHz. The different frequencies available are listed below:

F = 26.995 MHz, F = 27.045 MHz, (default) F = 27.095 MHz, F = 27.145 MHz, F = 27.195 MHz, F = 27.245 MHz
The ST firmware enables all the frequencies, with the default (at power up) being 27.045 MHz. Depending on particular requirements, the customer can choose to have up to all six frequencies available, selecting their own default channel. Note: As the output is digital, it will feature some unwanted frequency components, that will require additional filtering circuitry to remove.
4.6
CPI
The customer can choose their own default CPI, although increasing the CPI will decrease the maximum speed (due to the RF protocol). For example:

400 CPI : max. speed = 32 ips 800 CPI : max. speed = 16 ips 1600 CPI : max. speed = 8 ips 3200 CPI : max. speed = 4 ips
4.7
Motion sensitivity tuning
The motion engine has the ability to force no motion detection, if the features reported to it are less than the minimum feature threshold. As at this point the mouse is either on a very low contrast surface or is raised, the motion detection is stopped as noise could create false wake-ups. Depending on the typical surfaces to be used, the customer can decide on the threshold value to enable the best balance between the mouse working on low contrast surfaces and being able to go into it's non-run (idle/sleep) modes.
17/26
Optics assembly
VT5365
5
5.1
Optics assembly
Drawings
The optics assembly is shown in Figure 8 and Figure 9. Figure 8. MaxEmil optics
18/26
VT5365
)
2
RevNo Revision note ECN No. Date Checked
1 6
3
4
5
7
8
Figure 9.
Exploded View
A
PCB
A
B
Sensor Package
B
LED Aperture
C
C
Lens and Light Guide
D
Mouse Base
D
2D assembly drawing of the VT5365 (exploded view)
E
E
Tolerances, unless otherwise stated Interpret drawing per BS308, 3RD Angle Projection Material
Sig. All dimensions in mm Finish Date All dimensions in mm Do Not Scale Scale
F
F
STMicroelectronics
Home, Personal Communication Sector- Imaging Division
Optics assembly
Linear 0 Place Decimals 0 1.0 1 Place Decimals 0.0 0.10 2 Place Decimals 0.00 0.07 Angular 0.25 degrees Diameter +0.10/-0.00 Position 0.10 Surface Finish 1.6 microns
This drawing is the property of STMicroelectronics and will not be copied or loaned without the written permission of STMicroelectronics.
Drawn Checked Appd. Mech. Appd. Elect. Appd. Prod. Appd. Q.A.
Part No.
Title
Sheet
19/26
2
1
3
6
7
8
4 of 4
Optics assembly
VT5365
5.2
Mouse assembly guidelines
1. 2. 3. Attach the sensor and all other electrical components onto the PCB, with the exception of the navigation LED. Form the LED leads and insert the LED into the optical assembly. Fit the optics with aperture to the PCB using the guideposts, and feed the navigation LED leads through their openings. Take care to avoid contamination of the sensor surface. The aperture should self-align to the sensor package. Assemble the completed PCB onto the base plate. Solder the navigation LED leads and trim. Add the mouse top case, feet etc.
4. 5. 6. Note:
For more details on the optics (including manufacturers) please refer to the STV-365-R0X user manuals.
20/26
VT5365
LED selection
6
6.1
LED selection
Overview
There are a number of LEDs from a range of suppliers which will work well with the VT5365. It is the responsibility of the customer to ensure that the chosen LED works in their specific implementation. There are various price/performance trade-offs that can be made.
6.2
Key LED parameters
For optimal performance, the VT5365 system requires a bright visible RED LED in a standard 5 mm (T1 3/4) package. The ideal viewing angle is 20o and the intensity should be at least 900 mcd at a forward current of 20 mA. The key LED parameters are listed in Table 4: Table 4. Key LED parameters
Recommended value 5 mm 8.6 mm AlInGaP 900 mcd 20o +/- 2o Red 640 nm +/- 50 nm 80% Illumination value required for Red/IR LED and VCSEL Notes important for fit with lens Important for fit with lens For long-term reliability Minimum value Half intensity Accuracy of the die positioning within the LED body
Parameter Diameter Length Material Luminous intensity (@20 mA) Viewing angle Mechanical accuracy Colour Wavelength Relative Illumination at sensor plane for a circle of 1.1 mm diameter
6.3
VCSEL & IR illumination
The VT5365 sensor will operate over a wide range of illuminant wavelengths. For devices operating at approx 850 nm (IR LED or VCSEL), the on-die automatic exposure controller (AEC) will compensate for the change in sensitivity compared to 640 nm (red LED). Navigation performance may be improved by increasing the illuminated device drive.
21/26
Electrical characteristics
VT5365
7
7.1
Electrical characteristics
Typical operating conditions
Table 5.
Symbol Vin Vtop Supply voltage Supply Voltage Supply current (Fast RUN mode - 10 Kfps) Supply current (Slow RUN mode - 2.5 Kfps) Supply current (IDLE 1 mode) Supply current (IDLE 2 mode) Supply current (SLEEP mode)
Operating conditions
Parameter Min. 1.7 2.0 28 16 500 120 60 Typ. 1.8 Max. 2.0 3.2 Unit V v mA mA A A A
Note:
1 2
Supply currents above are for VT5365 sensor, IR LED and RF stage, measured at 1.8 V (direct drive). Vtop - VT5365 in regulated mode. In direct drive Vtop should be connected to Vin.
7.2
Logic IO
Table 6.
Symbol CMOS digital inputs VIL VIH IIL IIH Low level input voltage High level input voltage Low level input current High level input current 0V 0.7 VDD 0.3 VDD 5.5 V -1 1 V V A A
Digital IO electrical characteristics
Parameter description Min. Typ. Max. Unit
CMOS digital outputs VOL VOH Low level output voltage (4 mA load) High level output voltage (4 mA load) 0.7 VDD 0.3 VDD V V
Note:
All digital inputs/outputs are 1.8 V capable, 5 V tolerant.
22/26
VT5365
Package mechanical data
8
Package mechanical data
Figure 10. LQFP32 clear resin body 7.0 x 7.0 x 1.40 foot print 1.0
23/26
Package mechanical data Table 7. LQFP dimensions (mm)
Min. (mm) Typ. (mm)
VT5365
Reference A A1 A2 B c D D1 D3 e E E1 E3 L L1 k W1 W2
Max. (mm) 1.600
0.050 1.350 0.300 0.090 9.00 7.000 5.600 0.800 9.000 7.000 5.600 0.450 0.600 1.000 0d 3.5d 5.000 0.065 1.400 0.370
0.15 1.450 0.450 0.200
0.750
7d
Note:
1 2 3
Surface finish W1 is 0.07 Ra. Ejectors are on 5.2 mm square for both top and bottom package. On top package, only the identification for pin one is not an engraved ejector.
8.1
LQFP package guidelines
The IC can be exposed a maximum of 2 times to an IR/Convection reflow solder process having a temperature profile peak of no higher than 240o C. The package/chip are lead free and ROHS compliant. For full handling guidelines please contact ST (doc no. 7310263).
24/26
VT5365
Ordering information
9
Ordering information
Table 8. Order Codes
Description Optical mouse sensor
Part number VT5365V032
10
Revision history
Table 9.
Date 14-Mar-2007
Document revision history
Revision 1 Initial release. Changes
25/26
VT5365
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
26/26


▲Up To Search▲   

 
Price & Availability of VT5365

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X