Part Number Hot Search : 
1000M 74HC2 74HC2 24121 E001756 1R00J 2SK3307 C106D1G
Product Description
Full Text Search
 

To Download VCO3030A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ! FEATURES
* * * * * * Industry Standard 12.7x12.7mm SMT Footprint +5Vdc Supply Voltage -40 to +85 Temp. Range C C Low Phase Noise Tape & Reel Packaging Fully compliant to RoHS Directive 2002/95/EC
DESCRIPTION
The CTS VCO3030A is a high performance SMT VCO. Its low phase noise makes it the ideal choice for any wireless telecommunications system.
VCO3030A 1700 M * M CTS 07XX
*
SeeWWW.CTSCORP.COM for product patent status.
ELECTRICAL SPECIFICATIONS
Parameter
Operating Frequency Supply Voltage Supply Current Operating Temperature Range Storage Temperature Range Tuning Voltage Range Tuning Sensitivity Power Output Pushing Pulling Harmonics Spurious response 1kHz Phase Noise 10kHz 100KHz 1MHz (RF Amplitude) (5.0V +/-.3V) (VSWR = 1.67:1) VCC I cc TOP TSTG VT
Conditions & Remarks
F OUT
Min 1700 4.75 -40 -40 0.5 -3 -5 -5 -
Typical 5.0 0 -94 -139
Max 1760 5.25 21 +85 +85 4.5 45 5 5 -8 -80 -67 -92 -117 -137
Unit MHz Vdc mA C C Vdc MHz/V dBm MHz/V MHz dBc dBc dBc/Hz dBc/Hz dBc/Hz dBc/Hz
!
"
# $
% ,, ,
! ! "
&
' #( ) $
*+
!
MECHANICAL SPECIFICATIONS:
10.54 [.415] 5.46 [.215] 8.00 [.315] 2.92 [.115] 0.00 [.000] 0.00 [.000] 2.92 [.115] 5.46 Pin 1 [.215] 8.00 [.315] 10.54 [.415] 12.70 [.500] 10.29 [.405] 7.75 [.305] 5.21 [.205] 2.67 [.105]
Pin 4 Exposed conductive ground plane
12.70.1 [.500.004]
4.0 MAX [.158]
Pin 3 2.03 [.080]
Pin 3
Pin 1 12.70.1 [.500.004]
VCO3030A 1700 M CTS 07XX
4.57 [.180] Pin 2 7.11 [.280] Pin 2 9.78 [.385] O.51 [.020] 16 places
Pin #1 mark
Recommended Land Pattern
14.48 [.570] 1.78 TYP [.070] 10.92 [.430] 1.78 [.070] TYP 1.52 [.060] TYP
Pad Detail 3 Places Function table Pin 1 2 3 4 Function Vt RF Output Vcc GND
1.78 [.070] 0.79 [.031] 1.32 [.052]
2.90 [.114]
10.92 [.430]
14.48 [.570]
Note: The Lid/Sheild is grounded.
0.94 [.037]
THIRD ANGLE PROJECTION
Package outline
1.14 TYP [.045]
13 Ground Vias located approximately as shown
All dimensions are in MM [Inches]. All dimensions are nominal unless otherwise specified. Lead Termination Finish: Gold Flash, <10 micro inch, over Ni plated Cu.
-
!
"
# $
% ,, ,
! ! "
&
' #( ) $
*+
!
Tape & Reel Information: Tape width 24 mm, pitch 16 mm, as per EIA 481-2, 1000 units max per 330 mm reel.
4.00 [.157] 16.00 [.630]
1.75 [.069]
O1.5 [.059]
24.00 [.945]
*
All dimensions are in MM [INCHES]. All dimensions are Nominal
STANDARD ENVIRONMENTAL LIMITS:
This product is capable of operating within the following environmental conditions: Operating Temperature:-40 to +85 C. Storage Temperature: -40 to +85 C. Humidity: 85% Relative humidity max @ 50C. Solder Reflow Conditions: Device is capable of withstanding reflow of 260 degrees C for 10 seconds maximum. Atmospheric Pressure: 730 to 780 mm Hg. Moisture Sensitivity: MSL 1 RoHS: This device is fully compliant to RoHS Directive 2002/95/EC
!
"
# $
% ,, ,
! ! "
&
' #( ) $
*+


▲Up To Search▲   

 
Price & Availability of VCO3030A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X