Part Number Hot Search : 
8F048T 11016 LT241 AD7980 TD62476P CEE125 HD74AC P34BF
Product Description
Full Text Search
 

To Download UF5404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UF5400 thru UF5408
Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
Features
Plastic package has Underwriters Laboratories Flammability Classification 94V-0 Glass passivated chip junction Low cost Ultrafast recovery time for high efficiency Low forward voltage, high current capability Low leakage High surge capability High temperature soldering guaranteed: 250oC, 0.375" (9.5mm) lead length for 10 seconds, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-201AD molded plastic body over passivated chip Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.04 ounce, 1.1 grams
Maximum Ratings and Electrical Characteristics
Ratings at 25oC ambient temperature unless otherwise specified.
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current, 0.375" (9.5mm) lead length at TA=55oC Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) at TA=55oC Maximum instantaneous forward voltage at 3.0A (Note 2) Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time at IF= 0.5A, IR= 1.0A, Irr= 0.25A @ TA=25 C @ TA=100oC TJ=25oC
o
Symbols VRRM VRMS V DC IF(AV) IFSM VF IR trr CJ RJA RJL TJ TSTG
UF 5400 50 35 50
UF 5401 100 70 100
UF 5402 200 140 200
UF 5403 300 210 300
UF 5404 400 280 400 3.0
UF 5405 500 350 500
UF 5406 600 420 600
UF 5407 800 560 800
UF 5408 1000 700 1000
Units Volts Volts Volts Amps
150.0 1.0 10 75 50 45 20 8.5 -55 to +150 -55 to +150 200 75 36 1.7
Amps Volts uA nS pF
o
Typical junction capacitance at 4.0V, 1MHz Typical thermal resistance (Note 1) Operating junction temperature range Storage temperature range
Notes:
C/W
o
C C
o
1. Thermal resistance from junction to lead and from junction to ambient with 0.375" (9.5mm) lead length, both leads attached to heatsink 2. Pulse test: 300us pulse width, 1% duty cycle
177
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
178


▲Up To Search▲   

 
Price & Availability of UF5404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X