Part Number Hot Search : 
F49L040A BLF88 BCM847DS BU252 512K16 RP103X SP486E 1N960C
Product Description
Full Text Search
 

To Download UF5404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0A Ultra Fast Recovery Rectifier UF5400 - UF5408
3.0A Ultra Fast Recovery Rectifier
Features
* * * * Glass passivated chip junction Low forward voltage, high current capability Low leakage, high surge capability High temperature soldering guaranteed: 250C, 0.375" (9.5mm) Lead length for 10 seconds, 5 lbs. (2.3kg) tension * Plastic package has UL Flammability Classification 94V-0 * RoHS Compliance
DO-201AD
Mechanical Data
Case: Terminals: Polarity: Mounting Position: Weight: JEDEC DO-201AD molded plastic over passivated chip Plated axial leads, solderable per MIL-STD-750, Method 2026 Color band denotes cathode end Any 1.1 grams
Maximum Ratings and Electrical Characteristics (T A=25C unless otherwise noted)
Symbol Description Max. Repetitive Peak Reverse Voltage Max. DC Blocking Voltage Max. RMS Voltage Max. Forward Voltage Max. Average Forward Rectified Current Peak Forward Surge Current UF5400 UF5401 UF5402 UF5403 UF5404 UF5405 UF5406 UF5407 UF5408 Unit Conditions
VRRM
50
100
200
300
400
500
600
800
1000
V
VDC VRMS VF
35 50
70 100
140 200 1.0
210 300
280 400
350 500
420 600 1.7
560 800
700 1000
V V V IF(AV)=3.0A
IF(AV)
3.0
A
TA=55C
IFSM
150
A
TA=55C, See note 1
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/DX 2007-06-04 Page 1 of 4
3.0A Ultra Fast Recovery Rectifier UF5400 - UF5408
Symbol Description Max. Reverse Current @ VR = VRRM Max. Reverse Recovery Time Typical Thermal Resistance Typical Junction Capacitance Operating Junction and Storage Temperature Range 45 UF5400 UF5401 UF5402 UF5403 UF5404 10 75 200 UF5405 UF5406 UF5407 UF5408 Unit uA uA Conditions TA = 25C TA = 100C IF = 0.5A, IR = 1.0A, Irr = 0.25A
IR
Trr
50
75
nS
RthJA RthJL CJ
20 8.5 36
C / W
Note 2
pF
VR= 4V, f=1MHz
TJ,TSTG
-55 to +150
C
Note: 1. 8.3ms single half sine-wave superimposed on rated load (JEDEC Method)
2. Thermal resistance from junction to lead and from to ambient with 0.375" (9.5mm) Lead length, both leads attached to heatsink.
Typical Characteristics Curves
Fig.1- Forward Current Derating Curve Peak Forward Surge Current, (A) Average Forward Current, (A) Fig.2- Maximum Non-Repetitive Forward Surge Current
Ambient Temperature, C
Number of Cycles at 60Hz
Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 2 of 4
3.0A Ultra Fast Recovery Rectifier UF5400 - UF5408
Instantaneous Reverse Leakage Current, (A) Fig.3- Typical Forward Characteristics Instantaneous Forward Current, (A) Fig.4-Typical Reverse Characteristics
Instantaneous Forward Voltage, Volts
Percent of Rated Peak Reverse Voltage, %
Fig.5-Typical Junction Capacitance Junction Capacitance, (pF)
Reverse Voltage, Volts
Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 3 of 4
3.0A Ultra Fast Recovery Rectifier UF5400 - UF5408
Dimensions in inches (mm)
How to contact us:
DO-201AD US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of UF5404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X