Part Number Hot Search : 
C20T06QH 04447 GBU1510 E122801 FR9120 04447 MMBD301L BPX90K
Product Description
Full Text Search
 

To Download UF1002FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
UF1000FCT~UF1008FCT
ULTRAFAST RECOVERY RECTIFIERS VOLTAGE
FEATURES
.112(2.85) .100(2.55) .272(6.9) .248(6.3)
50 to 800 Volts
CURRENT
10.0 Amperes
ITO-220AB
Unit : inch (mm)
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * Ultra fast recovery time, high voltage. * Both normal and Pb free product are available : Normal : 80~95% Sn, 5~20% Pb Pb free: 98.5% Sn above
.406(10.3) .381(9.7) .134(3.4) .118(3.0)
.189(4.8) .165(4.2) .130(3.3) .114(2.9)
.606(15.4) .583(14.8)
MECHANCALDATA
Case: ITO-220AB full molded plastic package Terminals: Lead solderable per MIL-STD-202, Method 208 Polarity: As marked. Standard packaging: Any Weight: 0.08 ounces, 2.24grams.
.055(1.4) .039(1.0) .035(0.9) .011(0.3) .1 (2.55) .1 (2.55)
.161(4.1)MAX
.543(13.8) .512(13.0)
.071(1.8) .055(1.4)
.114(2.9) .098(2.5)
.032(.8) MAX
AC
Positive CT
AC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
P A R A M E TE R M a xim um R e curre nt P e a k R e ve rse V o l a g e t M a xim um R M S V o l a g e t M a xim um D C B l cking V o l a g e o t M a xim um A ve ra g e F o rw a rd C urre nt a t T c = 1 0 0 O C P e a k F o rw a rd S urg e C urre nt :8 .3 m s sing l ha l sine e f w a ve sup e rim p o se d o n ra te d l a d (JE D E C m e tho d ) o M a xim um F o rw a rd V o l a g e a t 5 .0 A t M a xim um D C R e ve rse C urre nt T A = 2 5 O C a t R a te d D C B l cking V o l a g e T A = 1 2 5 O C o t Typ ica l Junctio n C a p a cita nce (N o te 1 ) M a xim um R e ve rse R e co ve ry Tim e (N o te 2 ) Typ ica l T he rm a l R e sista nce (N o te 3 ) O p e ra ting Junctio n a nd S to ra g e Te m p e ra ture R a ng e S YM B O L U F 1000F C T U F 1001F C T U F 1002F C T U F 1003F C T U F 1004F C T U F 1006F C T U F 1008F C T U N I S T V RRM V RM S VDC IV A
F I SM
50 35 50
100 70 100
200 140 200
300 210 300 10 125
400 280 400
600 420 600
800 560 800
V V V A A
VF
1 .0 10 500 80 50 2
1 .3 0
1 .7 0
V
R I
uA
CJ TR R R JC TJ,T S TG
50 100
O
pF ns C /W
O
-5 0 to + 1 5 0
C
NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC. 2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A. 3. Thermal resistance from Junction to case. 4. Both Bonding and Chip structure are available.
STAD-MAR.12.2004
PAGE . 1
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT, AMPERES
12.5
JUNCTION CAPACITANCE, pF
240
10.0 7.5 5.0 2.5 0 0 150
O
200 160 120 80 40 0 1 2 5 10 20 50 100 200 500
TJ = 25 C
O
50
100
CASE TEMPERATURE, C
REVERSE VOLTAGE, VOLTS
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.2 TYPICAL JUNCTION CAPACITANCES
1000
INSTANTANEOUS FORWARD CURRENT, Amperes
100
INSTANTANEOUS REVERSE CURRENT,uA
300-400V 50-200V 10 600-800V
100
TJ= 125 C
O
10
1.0
TJ= 25 C
O
T J =25 OC 1.0 0.8 1.0 1.2 1.4 1.6 1.8
0.1
20
40
60
80
100
120
140
FORWARD VOLTAGE, volts
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
Fig.3 FORWARD CHARACTERISTICS
Fig.4 TYPICAL REVERSE CHARACTERISTICS
FORWARD SURGE CURRENT,AMPERES
175 150 125 100 75 50 25
1 10 100
NO. OF CYCLES AT 60Hz Fig.5 PEAK FORWARD SURGE CURRENT
STAD-MAR.12.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of UF1002FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X