Part Number Hot Search : 
12T20 HHR300SC 0ACPZ 98463 BGA2709 TN5126 H5TQ1 SP1045
Product Description
Full Text Search
 

To Download TS4405P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY DATA SHEET
For information only
TS4405P - Single P-Channel 1.8V Specified MicroSURFTM
General Description
Taiwan Semiconductor's new low cost, state of the art MicroSURFTM lateral MOSFET process technology in chipscale bondwireless packaging minimizes PCB space and RDS(ON) plus provides an ultralow Qg X RDS(ON) figure of merit.
Features
* -4.9A, -12V RDS(ON) = 50m at -4.5 Volts * -4.4A, -12V RDS(ON) = 70m at -2.5 Volts * -4.0A, -12V RDS(ON) = 90m at -1.8 Volts * Low profile package: less than 0.8mm height when mounted on PCB. * Occupies only 1.21 mm2 of PCB area. Less than 30% of the area of a SC-70. * Excellent thermal characteristics. * Lead free solder bumps available.
MicroSURFTM for Load Switching and PA Switch Patent Pending
S
S
D
G
Bump Side View
Absolute Maximum Ratings
Symbol Parameter
VDSS VGSS ID PD TJ, TSTG
TA=25C unless otherwise noted
Ratings
-12 +8 -4.9 -10 1.5 -55 to +150
Units
V V A W C
Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed Power Dissipation (Steady State) Operating and Storage Junction Temperature Range
Thermal Characteristics
RJA RJR RJC Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Ball Thermal Resistance, Junction-to-Case
1
85 20 1.8
C/W
6/8/03 Rev0
PRELIMINARY DATA SHEET
Electrical Characteristics
Symbol V(BD)SS IDSS Parameter
Drain-Source Breakdow n Voltage Zero Gate Voltage Drain Current Zero Gate Voltage Drain Current
TA=25C unless otherwise specified
TS4405P
Test Condition VGS=0V, ID=-250A VDS=-12V, VGS=0V VDS=-12V, VGS=0V, T=70C VGS=8V, VDS=0V VDS=VGS, ID=-250A VGS=-4.5V, ID=-1A VGS=-2.5V, ID=-1A VGS=-1.8V, ID=-1A VDS=-12V, VG=0V, F=1MHZ VDS=-12V, VG=0V, F=1MHZ VDS=-12V, VG=0V, F=1MHZ VGS=-4.5V, ID=-4A, VDS=-8V VGS=-4.5V, ID=-4A, VDS=-8V VGS=-4.5V, ID=-4A, VDS=-8V IS=-4A, VGS=0V
Min
Typ
Max -11 -1 -5 100
Units V A A nA V
IGSS VGS(th)
Gate-Body Leakage Gate Threshold Voltage Drain-Source On-State Resistance
-0,58 50 70 90 300 200 80 10 2 1 0.7
m m m pF pF pF nC nC nC V
rDS(on)
Drain-Source On-State Resistance Drain-Source On-State Resistance
Ciss Coss Crss Qg Qgs Qgd VSD
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate Source-Charge Gate Drain-Charge Diode Forw ard Voltage
2
6/8/03 Rev0
PRELIMINARY DATA SHEET
Dimensional Outline and Pad Layout TS4405P
O 0.25mm Solder Mask O ~ 0.35mm S G S 0.50mm D 0.27mm 0.50mm LAND PATTERN RECOMMENDATION D = Drain Pad S = Source Pad G = Gate Pad SILICON 0.80mm MAX
1.10mm
0.30mm
1.10mm
0.50mm
44XXX MARK ON BACKSIDE OF DIE XXX = Date/Lot Traceability Code Bumps are Eutectic solder 63/37 Sn/Pb
Bump O 0.37mm
0.50mm 0.30mm
3
6/8/03 Rev0


▲Up To Search▲   

 
Price & Availability of TS4405P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X