Part Number Hot Search : 
1N522 APTGT1 25616 OPB618 331M1 070906FS M6004 TC74A
Product Description
Full Text Search
 

To Download TOAT-R512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Precision
Digital Step Attenuator
50 TTL Control, Pin Diode
Maximum Ratings
Operating Temperature Storage Temperature Input Power DC Voltage TTL -55C to 100C -55C to 125C 15 dBm 5.5 V 5.5V
TOAT-R512+ TOAT-R512
10 to 1000 MHz
Features
* wideband, 10 to 1000 MHz * excellent step accuracy, 0.2 dB typ. * excellent VSWR 1.3 typ. * low DC current, 6 mA typ. * hermetic, metal, TO-8 case
CASE STYLE: QQ96 PRICE: $64.45 ea. QTY (1-9)
Applications Pin Connections
RF IN RF OUT TTL CONTROL #1 TTL CONTROL #2 TTL CONTROL #3 +5V DC CASE GROUND 4 11 2 3 1 12 5,6,7,8,9,10
fL TOAT-R512(+) 10 fU 1000 #1 0.50.18
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
* base stations * cellular * test-sets * military, hi-rel applications
MODEL NO. FREQUENCY (MHz) PRIMARY ATTENUATION STEPS (dB)
@TTL CONTROL PORT
Digital Step Attenuator Electrical Specifications
ATTENUATION (dB) VSWR (:1)
(1,1,1)** #2 10.25 #3 20.25
(0,0,0)
Nom.
3.5
Max.
4.0
L 1.6
M 1.4
U 1.5
Outline Drawing
L=10 to 100 MHz M=100 to 500 MHz U=500 to 1000 MHz ** Total attenuation above thru-loss. 1. Step accuracy is specified for basic steps. For combination of steps accuracy is additive. 2. Thru-loss is minimum insertion loss with all attenuation elements bypassed (All TTL controls state are Low) 3. For optimum operation of TOAT models, ensure the device case is properly connected to the ground plane (of PC board)
Additional Specifications
DC Voltage DC Current Switching Time (50% TTL to within specified accuracy of the next-selected attenuation step, and to within 0.1 dB of steady-state Thru-Loss) TTL Input High Threshold +5V 12mA max. 10s typ., 15s max.,
2V min 0.8V max. 50 kHz typ. 0 dBm (10-100 MHz) +10 dBm (100-1000MHz)
Outline Dimensions ( inch ) mm
A .600 15.24 G .400 10.16 B .250 6.35 H .200 5.08 C .25 6.35 J .200 5.08 D .016 0.41 K .100 2.54 E .020 0.51 F .04 1.02 wt grams 4.00
TTL Input Low Threshold TTL Toggle Rate 1dB Compression
Electrical Schematic
Mini-Circuits
ISO 9001 ISO 14001 CERTIFIED RF/IF MICROWAVE COMPONENTS
(R)
EW ALL N
minicircuits.com
REV. A M109143 TOAT-R512 DJ/VV/CP 070326 Page 1 of 2
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
TOAT-R512+ TOAT-R512
Step Attenuation* at TTL Control State
000 THRU LOSS (MHz) (dB) 10.00 2.82 49.60 2.51 148.60 2.49 208.00 2.52 247.60 2.57 346.60 2.60 406.00 2.67 445.60 2.70 544.60 2.73 604.00 2.74 703.00 2.78 762.40 2.77 821.80 2.77 881.20 2.82 940.60 2.84 1000.00 2.81 FREQ. 001 0.5 (dB) 0.48 0.47 0.48 0.49 0.49 0.50 0.52 0.48 0.50 0.53 0.53 0.54 0.52 0.55 0.57 0.56 010 1.0 (dB) 1.01 1.02 1.03 1.02 1.02 1.05 1.08 1.03 1.08 1.09 1.12 1.09 1.14 1.14 1.14 1.18 011 1.5 (dB) 1.49 1.51 1.49 1.51 1.51 1.54 1.57 1.55 1.57 1.60 1.66 1.62 1.68 1.70 1.70 1.71 100 2.0 (dB) 2.01 2.00 2.01 2.00 1.98 1.98 1.98 1.97 1.96 1.96 1.98 1.97 2.01 2.02 1.99 2.07 101 2.5 (dB) 2.49 2.49 2.51 2.50 2.48 2.49 2.47 2.48 2.49 2.52 2.54 2.50 2.55 2.57 2.59 2.62 110 3 (dB) 3.01 3.06 3.05 3.03 3.02 3.02 3.04 3.02 3.04 3.07 3.08 3.06 3.10 3.12 3.14 3.18 111 3.5 (dB) 3.51 3.53 3.50 3.48 3.50 3.51 3.53 3.51 3.54 3.57 3.61 3.57 3.66 3.70 3.73 3.76
INPUT VSWR
FREQ. (MHz) 10.00 49.60 148.60 208.00 247.60 346.60 406.00 445.60 544.60 604.00 703.00 762.40 821.80 881.20 940.60 1000.00 001 1.26 1.11 1.14 1.17 1.19 1.24 1.27 1.29 1.31 1.32 1.31 1.30 1.28 1.26 1.24 1.21 010 1.26 1.10 1.14 1.17 1.20 1.25 1.28 1.30 1.33 1.34 1.34 1.33 1.32 1.30 1.28 1.25 011 1.24 1.10 1.14 1.17 1.20 1.25 1.28 1.30 1.33 1.34 1.33 1.33 1.31 1.30 1.27 1.25 100 1.27 1.10 1.13 1.15 1.17 1.22 1.24 1.26 1.29 1.30 1.30 1.30 1.29 1.28 1.26 1.23 101 1.25 1.10 1.13 1.16 1.18 1.23 1.25 1.27 1.30 1.31 1.31 1.31 1.30 1.28 1.26 1.25 110 1.25 1.10 1.13 1.16 1.18 1.23 1.27 1.29 1.32 1.34 1.35 1.34 1.34 1.33 1.31 1.29 111 1.23 1.09 1.13 1.16 1.19 1.24 1.27 1.29 1.33 1.34 1.35 1.35 1.34 1.32 1.31 1.29
OUTPUT VSWR
FREQ. (MHz) 10.00 49.60 148.60 208.00 247.60 346.60 406.00 445.60 544.60 604.00 703.00 762.40 821.80 881.20 940.60 1000.00 001 1.30 1.12 1.15 1.17 1.21 1.26 1.31 1.32 1.36 1.37 1.38 1.36 1.36 1.30 1.31 1.28 010 1.27 1.12 1.15 1.18 1.21 1.27 1.33 1.32 1.37 1.39 1.41 1.39 1.39 1.37 1.37 1.33 011 1.27 1.12 1.16 1.18 1.21 1.29 1.33 1.34 1.38 1.39 1.41 1.39 1.39 1.37 1.35 1.32 100 1.22 1.09 1.12 1.12 1.14 1.18 1.22 1.22 1.25 1.26 1.26 1.28 1.28 1.25 1.23 1.22 101 1.21 1.09 1.11 1.13 1.15 1.19 1.23 1.23 1.25 1.26 1.26 1.27 1.26 1.23 1.23 1.22 110 1.20 1.09 1.11 1.12 1.15 1.20 1.24 1.25 1.28 1.31 1.29 1.29 1.30 1.27 1.26 1.24 111 1.20 1.09 1.11 1.14 1.15 1.20 1.23 1.26 1.28 1.28 1.29 1.29 1.28 1.26 1.26 1.26
* Step attenuation above thru-loss (TTL logic 000)
Mini-Circuits
ISO 9001 ISO 14001 CERTIFIED RF/IF MICROWAVE COMPONENTS
(R)
EW ALL N
minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of TOAT-R512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X