Part Number Hot Search : 
75N15 MM3Z12 USF10G48 MAX23 250BZI IDT74 04597 AC03BGM
Product Description
Full Text Search
 

To Download TIP122 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Darlington Power Transistors (NPN) TIP120/121/122
Darlington Power Transistors (NPN)
Features
* Designed for general-purpose amplifier and low speed switching applications * RoHS Compliant
Mechanical Data
Case: Terminals: Weight: TO-220, Plastic Package Solderable per MIL-STD-202, Method 208 0.08 ounces, 2.24 grams
TO-220
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol Description Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Continuous Collector Current Peak Base Current Power Dissipation upto TC=25C TIP120 60 60 TIP121 80 80 5.0 5.0 8.0 120 65 0.52 2.0 16 62.5 1.92 -65 to +150 TIP122 100 100 Unit V V V A A mA W W/ C W mW/ C C /W C /W C
VCBO VCEO VEBO IC ICM IB
PD
Power Dissipation Derate above TC=25C Power Dissipation upto TA=25C Power Dissipation Derate above TA=25C
RJA RJC TJ, TSTG
Thermal Resistance from Junction to Ambient in Free Air Thermal Resistance from Junction to Case Operating Junction and Storage Temperature Range
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFA (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/AH 2008-06-13 Page 1 of 4
Darlington Power Transistors (NPN) TIP120/121/122
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Symbol Description Min. Max. Unit Conditions
1000
2.0 4.0 2.5 0.5 0.5 0.5 0.2 0.2 0.2 2 200 Typ. 0.4 S Typ. 1.2 pF mA mA mA V V V V V V
VCE=3V, IC=0.5A VCE=3V, IC=3A
*hFE
D.C. Current Gain 1000 TIP120 60 80 100 -
*VCEO(sus)
Collector-Emitter Sustaining Voltage
TIP121 TIP122
IC=100mA, IB=0
IC=3A, IB=12mA IC=5A, IB=20mA IC=3A, VCE=3V VCE=30V, IB=0 VCE=40V, IB=0 VCE=50V, IB=0 VCB=60V, IE=0 VCB=80V, IE=0 VCB=100V, IE=0 VEB=5V, IC=0 IC=3A, VCE=4V, f=1.0MHz, VCB=10V, IE=0, f=0.1MHz, IC=3A, RL=10, IB1=IB2=12mA, VEB(off)=5V
*VCE(sat)
Collector-Emitter Saturation Voltage -
*VBE(on)
Base-Emitter On Voltage TIP120
4.0 -
ICEO
Collector-Emitter Cut-off Current
TIP121 TIP122 TIP120
ICBO
Collector-Base Cut-off Current
TIP121 TIP122
IEBO hfe Cob ton toff
Emitter-Base Cut-off Current Small Signal Current Gain Output Capacitance Turn on time Turn off time
*Pulse Test: Pulse Width300s, Duty Cycle2%
Rev. A/AH 2008-06-13 www.taitroncomponents.com Page 2 of 4
Darlington Power Transistors (NPN) TIP120/121/122
Dimensions in inch (mm)
TO-220
Rev. A/AH 2008-06-13 www.taitroncomponents.com Page 3 of 4
Darlington Power Transistors (NPN) TIP120/121/122
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/AH 2008-06-13 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of TIP122

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X