Part Number Hot Search : 
AD8648 2SD1510 MC74HC ADVANCED PA4101 1N5244 AD590IH SMCJ85CA
Product Description
Full Text Search
 

To Download TIP122 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
PLASTIC POWER TRANSISTORS
TIP120 TIP121 TIP122 NPN
TIP125 TIP126 TIP127 PNP
TO-220 Plastic Package
High Power Switching, Hammer Drive, Pulse Motor Drive and Inductive Load Drive Applications
ABSOLUTE MAXIMUM RATINGS TIP120/125 DESCRIPTION VCEO 60 Collector Emitter Voltage VCBO 60 Collector Base Voltage VEBO Emitter Base Voltage IC Collector Current Continuous ICM Collector Current Peak IB Base Current Power Dissipation upto Tc=25C PD Derate above 25C Power Dissipation upto Ta=25C PD Derate above 25C Unclamped Inductive Load *E Energy Operating And Storage Junction Tj, Tstg Temperature * IC=1A, L=100mH, P.R.F.=10Hz, Vcc=20V, RBE=100 THERMAL RESISTANCE Junction to Case Junction to Ambient in free air TIP121/126 80 80 5 5 8 120 65 0.52 2 16 50 - 65 to +150 TIP122/127 100 100 UNIT V V V A A mA W W/C W mW/C mJ C
Rth (j-c) Rth (j-a)
1.92 62.5
C/W C/W
ELECTRICAL CHARACTERISTICS (TC=25C unless specified otherwise) TIP120/125 TIP121/126 TIP122/127 DESCRIPTION SYMBOL TEST CONDITION UNIT MIN MAX MIN MAX MIN MAX *VCEO(sus) IC=100mA, IB=0 Collector Emitter (sus) Voltage 60 80 100 V ICEO VCE=50V, IB=0 Collector Cut Off Current 0.5 mA VCE=40V, IB=0 0.5 mA VCE=30V, IB=0 0.5 mA ICBO VCB=100V, IE=0 Collector Cut Off Current 0.2 mA VCB=80V, IE=0 0.2 mA VCB=60V, IE=0 0.2 mA IEBO VEB=5V, IC=0 Emitter Cut Off Current 2.0 2.0 2.0 mA *hFE IC=0.5A,VCE=3V DC Current Gain 1000 1000 1000 IC=3A, VCE=3V 1000 1000 1000 Collector Emitter Saturation *VCE (sat) IC=3A, IB=12mA 2.0 2.0 2.0 V IC=5A, IB=20mA Voltage 4.0 4.0 4.0 V *VBE (on) IC=3A,VCE=3V Base Emitter On Voltage 2.5 2.5 2.5 V *Pulse Test : Pulse width <300s, Duty Cycle <2%
PLASTIC POWER TRANSISTORS
TIP120 TIP121 TIP122 NPN
TIP125 TIP126 TIP127 PNP
TO-220 Plastic Package
ELECTRICAL CHARACTERISTICS (TC=25C unless specified otherwise) DYNAMIC CHARACTERISTIC DESCRIPTION Small Signal Current Gain Output Capacitance SYMBOL hfe Cob TEST CONDITION IC=3A,VCE=4V, f=1MHz VCB=10V, IE=0, f=0.1MHz TIP125,126,127 TIP120,121,122 MIN 4 pF pF TYP MAX UNIT
300 200
SWITCHING CHARACTERISTICS DESCRIPTION SYMBOL ton Turn on time Turn off time toff
TEST CONDITION IC=3A, RL=10 IB1=IB2=12mA VEB (off)=5V
MIN
TYP 0.4 1.2
MAX
UNIT s s
TIP120 TIP121 TIP122 NPN
TIP125 TIP126 TIP127 PNP
TO-220 Plastic Package TO-220 Plastic Package
B H F C E DIM MIN MAX 14.42 16.51 A 9.63 10.67 B C 3.56 4.83 -- 0.90 D 1.15 E 1.40 3.75 3.88 F G 2.29 2.79 2.54 3.43 H -- 0.56 J K 12.70 14.73 2.80 4.07 L M 2.03 2.92 -- 31.24 N O 7 DEG All diminsions in mm.
A N L 1 2 3 D G K 0 J M 0
4
1
2
3 TO-220 Tube Packing
Label 536.00 1.5
Pin Configuration 1. Base 2. Collector 3. Emitter 4. Collector
End Pin 13.74
DEVICE NAME Sr. QTY.
A ll Dimensions in mm
50 Pcs./Tube
AMMO PACK SIZE
6.87 Tube Thickness
Label
92.0
538
.00
75. 0
20 Tubes/Ammo Pack 1000 Pcs./Ammo Pack
Packing Detail
PACKAGE Details TO-220 /FP STANDARD PACK Net Weight/ Qty Size 3" x 7.5" x 7.5" 3.5" x 3.7" x 21.5" INNER CARTON BOX Qty 1.0K 1.0K Size 17" x 15" x 13.5" 19" x 19" x 19" OUTER CARTON BOX Qty 16.0K 10.0K Gr Wt 36 kgs 29 kgs
200 pcs/ polybag 396 gm/ 200 pcs 50 pcs/ tube 120 gm/ pcs 50
32.85


▲Up To Search▲   

 
Price & Availability of TIP122

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X