Part Number Hot Search : 
FP1100A UZ7709 FTSO4401 MX29LV AHSN5K1F C10H1 MC7731N6 SSF6401
Product Description
Full Text Search
 

To Download TIM0910-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICROWAVE POWER GaAs FET MICROWAVE SEMICONDUCTOR
TIM0910-5
TECHNICAL DATA
FEATURES
n HIGH POWER P1dB=37.5dBm at 9.5GHz to 10.5GHz n HIGH GAIN G1dB=7.0dB at 9.5GHz to 10.5GHz n HERMETICALLY SEALED PACKAGE n BROAD BAND INTERNALLY MATCHED
RF PERFORMANCE SPECIFICATIONS ( Ta= 25C )
CHARACTERISTICS Output Power at 1dB Compression Point Power Gain at 1dB Compression Point Drain Current Gain Flatness Power Added Efficiency Channel Temperature Rise SYMBOL P1dB G1dB IDS1 G CONDITIONS UNIT dBm dB A dB % C MIN. 37.0 6.0 TYP. MAX. 37.5 7.0 2.0 25 2.5 0.8 80
VDS= 9V f= 9.5 to 10.5GHz
add
Tch
(VDS X IDS + Pin - P1dB) X Rth(c-c)
Recommended gate resistance(Rg) : Rg= 150 (MAX.)
ELECTRICAL CHARACTERISTICS ( Ta= 25C )
CHARACTERISTICS Transconductance Pinch-off Voltage Saturated Drain Current Gate-Source Breakdown Voltage Thermal Resistance SYMBOL
gm
VGSoff IDSS VGSO Rth(c-c)
CONDITIONS VDS= 3V IDS= 2.4A VDS= 3V IDS= 72mA VDS= 3V VGS= 0V IGS= -72A Channel to Case
UNIT mS V A V C/W
MIN. -1.5 -5
TYP. 1500 -3.0 5.0 3.0
MAX. -4.5 3.7
u The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may results from its use, No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. The information contained herein is subject to change without prior notice. It is therefor advisable to contact TOSHIBA before proceeding with design of equipment incorporating this product.
Rev. Sep. 2006
TIM0910-5
ABSOLUTE MAXIMUM RATINGS ( Ta= 25C )
CHARACTERISTICS Drain-Source Voltage Gate-Source Voltage Drain Current Total Power Dissipation (Tc= 25 C) Channel Temperature Storage Temperature SYMBOL VDS VGS IDS PT Tch Tstg UNIT V V A W C C RATING 15 -5 5.7 40.5 175 -65 to +175
PACKAGE OUTLINE (2-9D1B)
2.0MIN. Unit: mm (1) Gate (2) Source
4-R2.4
(1) (2) (2)
2.50.3
(3)
0.50.15
0.2MAX
1.20.3
HANDLING PRECAUTIONS FOR PACKAGE MODEL
Soldering iron should be grounded and the operating time should not exceed 10 seconds at 260C.
2
1.80.3
3.2MAX
8.5 MAX.
0.1 -0.05
+0.1
13.00.3 17.0 MAX.
2.0MIN
9.70.3
(3) Drain
TIM0910-5
RF PERFORMANCES Output Power (Pout) vs. Frequency
VDS=9V IDS2.0A Pin=30.5dBm Pout(dBm)
38
37
36
35
9.5
10.0
10.5
Frequency(GHz)
Output Power(Pout) vs. Input Power(Pin)
41
freq.=10.5GHz
40 39 38
VDS=9V IDS2.0A
70 60 50 40 30
Pout(dBm)
37 36 35 34 33 32 24 26 28
add
20 10 0 30 32 34
Pin(dBm)
3
add(%)
Pout
TIM0910-5
Power Dissipation(PT) vs. Case Temperature(Tc)
40
PT(W)
30
20
10
0
0
40
80
120
160
200
Tc( C )
4


▲Up To Search▲   

 
Price & Availability of TIM0910-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X