Part Number Hot Search : 
ST62T00C 1N4448W MT26310 CLV1050E TG40E60 AD836 HPR120W AL5DA142
Product Description
Full Text Search
 

To Download TEN3-051006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
TEN 3 Series, 3 Watt
compliant
RoHS
Features Wide 2 : Input Range High Efficiency up to 84% Full SMD-Design Short-Circuit Protection Extended Operating Temperature
Range -40C to 85C
UL 60950-1
I/O-Isolation '500 VDC Input Filter to meet EN 55022, Class A
and FCC, Level A without external Components
The TEN 3 series of DC/DC converters, comprising 28 models, has been designed for a wide range of applications in industrial and communication systems. High efficiency allows an operating temperature range of - 40C to +85C. Other features of these converters are internal filtering according to EN 55022-A and FCC, level A. Full SMD-design guarantees a high reliability of this product.
24-pin DIP with Industry Standard Pinout High Reliability, MTBF >. Mio. h 3 Year Product Warranty Models
Ordercode TEN 3-050 TEN 3-05 TEN 3-052 TEN 3-053 TEN 3-052 TEN 3-0522 TEN 3-0523 TEN 3-20 TEN 3-2 TEN 3-22 TEN 3-23 TEN 3-22 TEN 3-222 TEN 3-223 TEN 3-240 TEN 3-24 TEN 3-242 TEN 3-243 TEN 3-242 TEN 3-2422 TEN 3-2423 TEN 3-480 TEN 3-48 TEN 3-482 TEN 3-483 TEN 3-482 TEN 3-4822 TEN 3-4823 http://www.tracopower.com Input voltage range
4.5 - 9.0 VDC
9 - 8 VDC
8 - 36 VDC
36 - 72 VDC
Output voltage 3.3 VDC 5 VDC 2 VDC 5 VDC 5 VDC 2 VDC 5 VDC 3.3 VDC 5 VDC 2 VDC 5 VDC 5 VDC 2 VDC 5 VDC 3.3 VDC 5 VDC 2 VDC 5 VDC 5 VDC 2 VDC 5 VDC 3.3 VDC 5 VDC 2 VDC 5 VDC 5 VDC 2 VDC 5 VDC
Output current max. 600 mA 500 mA 250 mA 200 mA 250 mA 25 mA 00 mA 600 mA 500 mA 250 mA 200 mA 250 mA 25 mA 00 mA 600 mA 500 mA 250 mA 200 mA 250 mA 25 mA 00 mA 600 mA 500 mA 250 mA 200 mA 250 mA 25 mA 00 mA
Efficiency typ. 70 % 73 % 77 % 77 % 72 % 75 % 75 % 74 % 78 % 82 % 82 % 77 % 80 % 80 % 76 % 79 % 84 % 84 % 79 % 82 % 82 % 76 % 79 % 84 % 84 % 80 % 84 % 84 % Page of 3
DC/DC Converters
TEN 3 Series Input Specifications
Input current no load /full load 5 12 24 48 5 12 24 48 5 12 24 48 Vin Vin Vin Vin Vin Vin Vin Vin Vin Vin Vin Vin models models models models models models models models models models models models 40 mA / 800 mA typ. 20 mA / 300 mA typ. 5 mA / 150 mA typ. 3 mA / 75 mA typ. 4 VDC / 3.5 VDC typ. 7 VDC / 6.5 VDC typ. 12 VDC / 11 VDC typ. 24 VDC / 22 VDC typ 11 V max. 25 V max. 50 V max. 100 V max. 1.0 A max. (5 V input models excluded) EN 55022 level A, FCC part 15, level A 1% - Input variation Vin min. to Vin max. - Load variation 10 - 100 % single output models dual output models balanced load dual output models unbalanced load 0.5 % max. 0.5 % max. 1.0 % max. 2.0 % max. 50 mVpk-pk max 0.02 % /K > 110% of Iout max., constant current indefinite, automatic recovery single output models 4000 F max. dual output models 1000 F max. - Operating - Case temperature - Storage - 40 C ... + 85 C + 100 C max. - 55 C ... +125C 3% /K above 70C 95 % rel H max. >1.1 Mio. h @ + 25 C 1'500 VDC 65 pF typ > 1`000 M Ohm 300 kHz typ. (Pulse frequency modulation PFM) UL 60950-1, IEC 60950-1, EN 60950-1 CSA File No. 226037 http://directories.csa-international.org - Input/Output - Input/Output - Input/Output (500 VDC)
3 Watt
Start-up voltage / under voltage shut down
Surge voltage (1 sec. max.)
Reverse voltage protection Conducted noise (input)
Output Specifications
Voltage set accuracy Regulation
Ripple and noise (20 MHz Bandwidth) Temperature coefficient Current limitation Short circuit protection Capacitive load
General Specifications
Temperature ranges
Derating Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217E ground benign) Isolation voltage (60 sec.) Isolation capacity Isolation resistance Switching frequency Safety standards Safety approval
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 3
DC/DC Converters
TEN 3 Series Physical Specifications
Case material Potting material Weight Soldering temperature non conductive FR4 epoxy (UL 94V-0 rated) 12 g (0.42 oz) max. 265 C / 10 sec.
3 Watt
Outline Dimensions mm (inches)
(0.8 0.02)
23 Bottom view 23 22
9
1 1
(0.6)
(0.8 0.02)
Pin-Out
Pin 2 3 9 4 6 22 23 Single -Vin (GND) -Vin (GND) No pin No con. +Vout -Vout +Vin (Vcc) +Vin (Vcc) Dual -Vin (GND) -Vin (GND) Common -Vout +Vout Common +Vin (Vcc) +Vin (Vcc)
15.24 16 14 2.4 0.5
(0.1 0.02)
10.2 0.5 2.54
(0.1)
20.3 0.5 5.0
15.24
(0.6)
5.08
(0.2)
4.5 0.5
(0.18 0.02)
22.86 32 0.5
(0.9)
(1.25 0.02)
Pin diameter o 0.5 0.05 (0.02) 0.002 Tolerances 0.5 (0.02)
Specifications can be changed any time without notice
Rev. 09/06
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43 311 45 11 * Fax +41 43 311 45 45 * info@traco.ch * www.tracopower.com
(0.2)
(0.4 0.02)
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of TEN3-051006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X