Part Number Hot Search : 
8TEEI RM200 74AVCH1T 1N6062E3 MJE130 EVKIT 1N6062E3 BR1765
Product Description
Full Text Search
 

To Download TA12-11YWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
Part Number: TA12-11YWA Yellow
Features
1.2 INCH MATRIX HEIGHT. DOT SIZE 3mm. LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. COMPATIBLE WITH ASCII AND EBCDIC CODES. COLUMN CATHODE AND COLUMN ANODE AVAILABLE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE DOT. RoHS COMPLIANT.
Description
The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAC4400 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 1 OF 4 ERP: 1332000083
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. TA12-11YWA Yellow (GaAsP/GaP) WHITE DIFFUSED 3000 Typ. 12500 Column Anode Description
Note: 1. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Yellow Yellow Yellow Yellow Yellow Yellow Typ. 590 588 35 20 2.1 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature[2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Yellow 75 30 140 5 -40C To +85C 260C For 3-5 Seconds
Units mW mA mA V
SPEC NO: DSAC4400 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 2 OF 4 ERP: 1332000083
Yellow
TA12-11YWA
SPEC NO: DSAC4400 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 3 OF 4 ERP: 1332000083
PACKING & LABEL SPECIFICATIONS
TA12-11YWA
SPEC NO: DSAC4400 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 4 OF 4 ERP: 1332000083


▲Up To Search▲   

 
Price & Availability of TA12-11YWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X