Part Number Hot Search : 
AS393P 5R105 36C50 AN6656 76400003 GSA12 36C50 8100K
Product Description
Full Text Search
 

To Download STW21NM60N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP21NM60N-F21NM60N-STW21NM60N STB21NM60N-STB21NM60N-1
N-channel 600 V - 0.17 - 17 A TO-220 - TO-220FP - D2PAK I2PAK - TO-247 second generation MDmeshTM Power MOSFET
Features
Type STB21NM60N STB21NM60N-1 STF21NM60N STP21NM60N STW21NM60N VDSS (@Tjmax) 650 V 650 V 650 V 650 V 650 V RDS(on) max < 0.22 < 0.22 < 0.22 < 0.22 < 0.22 ID
3
3
3 1 2
17 A 17 A 17 A(1) 17 A 17 A
1
2
1
TO-220
D2PAK
TO-220FP
1. Limited by maximum temperature allowed
3 12
2 1
3
100% avalanche tested Low input capacitance and gate charge Low gate input resistance Figure 1.
I2PAK
TO-247
Application
Internal schematic diagram
Switching applications
Description
This series of devices implements the second generation of MDmeshTM technology. This revolutionary Power MOSFET associates a new vertical structure to the company's strip layout to yield one of the world's lowest on-resistance and gate charge. It is therefore suitable for the most demanding high efficiency converters.
Table 1.
Device summary
Marking B21NM60N B21NM60N F21NM60N P21NM60N W21NM60N Package D2PAK I
2PAK
Order codes STB21NM60N STB21NM60N-1 STF21NM60N STP21NM60N STW21NM60N
Packaging Tape and reel Tube Tube Tube Tube
TO-220FP TO-220 TO-247
February 2008
Rev 7
1/18
www.st.com 18
Contents
STP/F21NM60N - STB21NM60N - STB21NM60N-1 - STW21NM60N
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................ 6
3 4 5 6
Test circuit
................................................ 9
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Packing mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
2/18
STP/F21NM60N - STB21NM60N - STB21NM60N-1 - STW21NM60N
Electrical ratings
1
Electrical ratings
Table 2.
Symbol
Absolute maximum ratings
Value Parameter TO-220/D2PAK I2PAK / TO-247 600 25 17 10 68 140 15 --55 to 150 150 2500 17
(1)
Unit TO-220FP V V A A A W V/ns V C C
VDS VGS ID ID IDM
(2)
Drain-source voltage (VGS = 0) Gate- source voltage Drain current (continuous) at TC = 25 C Drain current (continuous) at TC = 100 C Drain current (pulsed) Total dissipation at TC = 25 C Peak diode recovery voltage slope Insulation withstand voltage (RMS) from all three leads to external heat sink (t=1 s; TC = 25 C) Storage temperature Max. operating junction temperature
10(1) 68(1) 30
PTOT dv/dt
(3)
VISO Tstg Tj
1. Limited only by maximum temperature allowed 2. Pulse width limited by safe operating area 3. ISD 17 A, di/dt 480 A/s, VDD = 80% V(BR)DSS
Table 3.
Symbol Rthj-case Rthj-pcb Rthj-amb Tl
Thermal data
Parameter Thermal resistance junctioncase max Thermal resistance junctionpcb max Thermal resistance junctionambient max Maximum lead temperature for soldering purpose -62.5 TO-220 DPAK IPAK 0.89 30 -300 -62.5 TO-220FP TO-247 4.21 -0.89 -50 Unit C/W C/W C/W C
Table 4.
Symbol IAS EAS
Avalanche characteristics
Parameter Avalanche current, repetitive or not-repetitive (pulse width limited by Tj max) Single pulse avalanche energy (starting Tj = 25 C, ID = IAS, VDD = 50 V) Max value 8.5 610 Unit A mJ
3/18
Electrical characteristics
STP/F21NM60N - STB21NM60N - STB21NM60N-1 - STW21NM60N
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 5.
Symbol
On/off states
Value Parameter Drain-source breakdown voltage Drain source voltage slope Zero gate voltage drain current (VGS = 0) Gate-body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions Min. Typ. Max. V 48 1 100 100 2 3 0.170 4 0.220 V/ns A A nA V Unit
V(BR)DSS dv/dt(1) IDSS IGSS VGS(th) RDS(on)
ID = 1 mA, VGS = 0 VDD= 480 V, ID= 17 A, VGS= 10 V VDS = Max rating VDS = Max rating @125 C VGS = 20 V VDS = VGS, ID = 250 A VGS = 10 V, ID = 8.5 A
600
1. Characteristic value at turn off on inductive load
Table 6.
Symbol gfs
(1)
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Equivalent output capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge Gate input resistance Test conditions VDS = 15 V, ID = 8.5 A VDS = 50 V, f = 1 MHz, VGS = 0 Min. Typ. 12 1900 110 15 282 22 15 84 31 66 10 33 2 Max. Unit S pF pF pF
Ciss Coss Crss Coss eq.(2) td(on) tr td(off) tf Qg Qgs Qgd Rg
VGS = 0, VDS = 0 to 480 V VDD = 300 V, ID = 8.5 A RG = 4.7 VGS = 10 V (see Figure 23), (see Figure 18) VDD = 480 V, ID = 17 A, VGS = 10 V, (see Figure 19) f=1 MHz Gate DC Bias = 0 test signal level = 20 mV open drain
pF ns ns ns ns nC nC nC
1. Pulsed: pulse duration = 300 s, duty cycle 1.5% 2. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS
4/18
STP/F21NM60N - STB21NM60N - STB21NM60N-1 - STW21NM60N
Electrical characteristics
Table 7.
Symbol ISD ISDM (1) VSD (2) trr Qrr IRRM trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 17 A, VGS = 0 ISD = 17 A, VDD = 100 V di/dt=100 A/s (see Figure 20) ISD = 17 A,VDD = 100 V di/dt=100 A/s, Tj = 150 C (see Figure 20) 372 4.6 25 486 6.3 26 Test conditions Min. Typ. Max. 17 68 1.5 Unit A A V ns C A ns C A
1. Pulse width limited by safe operating area 2. Pulsed: Pulse duration = 300 s, duty cycle 1.5%.
5/18
Electrical characteristics
STP/F21NM60N - STB21NM60N - STB21NM60N-1 - STW21NM60N
2.1
Figure 2.
Electrical characteristics (curves)
Safe operating area for TO-220 / DPAK / IPAK Figure 3. Thermal impedance for TO-220 / DPAK / IPAK
Figure 4.
Safe operating area for TO-220FP
Figure 5.
Thermal impedance for TO-220FP
Figure 6.
Safe operating area for TO-247
Figure 7.
Thermal impedance for TO-247
6/18
STP/F21NM60N - STB21NM60N - STB21NM60N-1 - STW21NM60N Figure 8. Output characteristics Figure 9.
Electrical characteristics
Transfer characteristics
Figure 10. Transconductance
Figure 11. Static drain-source on resistance
Figure 12. Gate charge vs gate-source voltage Figure 13. Capacitance variations
7/18
Electrical characteristics
STP/F21NM60N - STB21NM60N - STB21NM60N-1 - STW21NM60N Figure 15. Normalized on resistance vs temperature
Figure 14. Normalized gate threshold voltage vs temperature
Figure 16. Source-drain diode forward characteristics
Figure 17. Normalized BVDss vs temperature
8/18
STP/F21NM60N - STB21NM60N - STB21NM60N-1 - STW21NM60N
Test circuit
3
Test circuit
Figure 19. Gate charge test circuit
Figure 18. Switching times test circuit for resistive load
Figure 20. Test circuit for inductive load Figure 21. Unclamped Inductive load test switching and diode recovery times circuit
Figure 22. Unclamped inductive waveform
Figure 23. Switching time waveform
9/18
Package mechanical data
STP/F21NM60N - STB21NM60N - STB21NM60N-1 - STW21NM60N
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
10/18
STP/F21NM60N - STB21NM60N - STB21NM60N-1 - STW21NM60N
Package mechanical data
TO-220 mechanical data
mm Dim Min A b b1 c D D1 E e e1 F H1 J1 L L1 L20 L30 P Q 4.40 0.61 1.14 0.49 15.25 1.27 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 Typ Max 4.60 0.88 1.70 0.70 15.75 Min 0.173 0.024 0.044 0.019 0.6
inch Typ Max 0.181 0.034 0.066 0.027 0.62 0.050 0.409 0.106 0.202 0.051 0.256 0.107 0.551 0.154 0.645 1.137 0.151 0.116
11/18
Package mechanical data
STP/F21NM60N - STB21NM60N - STB21NM60N-1 - STW21NM60N
TO-220FP mechanical data
Dim. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 Dia 28.6 9.80 2.9 15.90 9 3 mm. Min. 4.40 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.40 10 16 30.6 10.60 3.6 16.40 9.30 3.2 1.126 0.385 0.114 0.626 0.354 0.118 Typ Max. 4.60 2.7 2.75 0.70 1.00 1.50 1.50 5.20 2.70 10.40 Min. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch Typ. Max. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
A
B
L3 L6 L7
Dia
F1
D
F
G1 H
F2
L2 L5
E
123
L4
7012510-I
12/18
G
STP/F21NM60N - STB21NM60N - STB21NM60N-1 - STW21NM60N
Package mechanical data
TO-262 mechanical data
mm Dim Min A A1 b b1 c c2 D e e1 E L L1 L2 4.40 2.40 0.61 1.14 0.49 1.23 8.95 2.40 4.95 10 13 3.50 1.27 Typ Max 4.60 2.72 0.88 1.70 0.70 1.32 9.35 2.70 5.15 10.40 14 3.93 1.40 Min 0.173 0.094 0.024 0.044 0.019 0.048 0.352 0.094 0.194 0.393 0.511 0.137 0.050
inch Typ Max 0.181 0.107 0.034 0.066 0.027 0.052 0.368 0.106 0.202 0.410 0.551 0.154 0.055
13/18
Package mechanical data
STP/F21NM60N - STB21NM60N - STB21NM60N-1 - STW21NM60N
DPAK (TO-263) mechanical data
mm Dim Min A A1 b b2 c c2 D D1 E E1 e e1 H J1 L L1 L2 R V2 4.40 0.03 0.70 1.14 0.45 1.23 8.95 7.50 10 8.50 2.54 4.88 15 2.49 2.29 1.27 1.30 0.4 0 8 0 5.28 15.85 2.69 2.79 1.40 1.75 0.192 0.590 0.099 0.090 0.05 0.051 Typ Max 4.60 0.23 0.93 1.70 0.60 1.36 9.35 10.40 Min 0.173 0.001 0.027 0.045 0.017 0.048 0.352 0.295 0.394 0.334
inch Typ Max 0.181 0.009 0.037 0.067 0.024 0.053 0.368 0.409 0.1 0.208 0.624 0.106 0.110 0.055 0.069 0.016 8
0079457_M
14/18
STP/F21NM60N - STB21NM60N - STB21NM60N-1 - STW21NM60N
Package mechanical data
TO-247 mechanical data
mm. Min. 4.85 2.20 1.0 2.0 3.0 0.40 19.85 15.45 5.45 14.20 3.70 18.50 3.55 4.50 5.50 3.65 5.50 14.80 4.30 Typ Max . 5.15 2.60 1.40 2.40 3.40 0.80 20.15 15.75
Dim. A A1 b b1 b2 c D E e L L1 L2 oP oR S
15/18
Packing mechanical data
STP/F21NM60N - STB21NM60N - STB21NM60N-1 - STW21NM60N
5
Packing mechanical data
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
16/18
STP/F21NM60N - STB21NM60N - STB21NM60N-1 - STW21NM60N
Revision history
6
Revision history
Table 8.
Date 19-Oct-2005 07-Nov-2005 29-Nov-2005 11-Jan-2007 19-Jan-2007 27-Apr-2007 19-Feb-2008
Document revision history
Revision 1 2 3 4 5 6 7 First release. Modified curves Figure 12 Complete version The document has been reformatted Typo mistake on Table 6 Modified curves Figure 11 and Figure 15 Figure 13 has been modified Changes
17/18
STP/F21NM60N - STB21NM60N - STB21NM60N-1 - STW21NM60N
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
18/18


▲Up To Search▲   

 
Price & Availability of STW21NM60N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X