Part Number Hot Search : 
TSOP12 TNP3025B L2010 T74LS F2051 BD4852 PST7044 FN481
Product Description
Full Text Search
 

To Download SR6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
Safety Relay SR6
I I I I I
6 pole safety relay with either 4 NO+2 NC or 3 NO+3 NC or 5 NO+1 NC contacts Forcibly guided contacts according to EN50205 Rated current 8 A coil power 800 mW or 1200 mW RoHS compliant (Directive 2002/95/EC)
Applications Emergency shut-off, press control, machine control, elevator and escalator control, safety modules
F0206-DS
Approvals (in preperation)
V REG.-Nr.of128935, Z request T E214024, Technical data approved types on
Contact data
Contact configuration 3 NO contacts and 3 NC contacts 4 NO contacts and 2 NC contacts 5 NO contacts and 1 NC contact Contact set single contact, forcibly guided type A according to EN 50205 Type of interruption micro disconnection Rated current 8A Rated voltage / max.switching voltage AC 240 / 400 VAC Maximum breaking capacity AC 2000 VA Contact material 800 mW version AgSnO2 + 0,2 m Au 1200 mW version AgSnO2 Minimum contact load 10 mA / 5 V Contact resistance w 100 mOhm / 1 A / 24 VDC w 20 Ohm / 10 mA / 5 VDC Mechanical endurance 10x106 cycles Rated frequency of operation with / without load 6 min-1 / 150 min-1
Contact ratings
Type SR6 NO contact SR6 NC contact SR6 NO contact SR6 NO contact Load 8A, 250VAC, resistiv, 70C, EN61810-1 8A, 250VAC, resistiv, 70C, EN61810-1 5A, 250VAC, AC15, 70C, EN60947-5-1 5A, 24VDC, DC13, 25C, EN60947-5-1 Cycles 50x103 20x103 50x103 45x103
Coil data
800 mW
1200 mW
Rated coil voltage range DC coil 5...110 VDC Coil power DC coil appr. 800 mW appr. 1200 mW Operative range 2 Coil versions, 800 mW, DC-coil Coil code Nominal Pull-in Release Coil Rated coil Order. code voltage voltage voltage resistance power block 4 VDC VDC VDC c mW K05 5 3.8 0.5 31+10% 806 K06 6 4.5 0.6 45+10% 800 K09 9 6.8 0.9 101+10% 802 K12 12 9.0 1.2 180+10% 800 K18 18 13.5 1.8 405+10% 800 K21 21 15.8 2.1 551+10% 800 K24 24 18.0 2.4 720+10% 800 K36 36 27.0 3.6 1620+10% 800 K40 40 30.0 4.0 2000+10% 800 K48 48 36.0 4.8 2880+10% 800 K60 60 45.0 6.0 4500+10% 800 K85 85 63.8 8.5 9031+10% 800 L10 110 82.5 11.0 15130+10% 800 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. FC1 Issued 2006/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Safety Relay SR6 (Continued)
Coil versions, 1200 mW, DC-coil Coil Rated Operate Release/Reset Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC c mW 012 12 9.0 1.2 120+10% 1200 018 18 13.5 1.8 270+10% 1200 021 21 15.8 2.1 368+10% 1198 024 24 18.0 2.4 480+10% 1200 048 48 36.0 4.8 1920+10% 1200 110 110 82.5 11.0 10080+12% 1200 All figures are given for coil without preenergization, at ambient temperature +23C
Insulation
Insulation resistance coil-contact circuit Dielectric strength coil-contact circuit open contact circuit adjacent contact circuits Clearance / creepage coil-contact circuit adjacent contact circuits Material group of insulation parts Tracking index of relay base Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit adjacent contact circuits Rated insulation voltage Pollution degree Rated voltage system Overvoltage category Insulation to EN 50178 Type of insulation coil-contact circuit adjacent contact circuits > 100x106 Ohm 4000 Vrms 1500 Vrms 3000 Vrms W 5.5 / 5.5 mm W 5.5 / 5.5 mm W IIIa PTI 250 basic functional basic 250 V 2 230/400 V III reinforced reinforced
PCB layout / terminal assignment
Bottom view
4 NO+2 NC and 3 NO+3 NC versions
S0368-CA
Other data
RoHS - Directive 2002/95/EC Ambient temperature range Vibration resistance (function) NO / NC contact Shock resistance (function) NO / NC contact Category of protection Resistance to soldering heat Relay weight Packaging unit
1
compliant -25...+70C > 10 / 2.5 g, 10....200 Hz > 10 / 2.5 g, 16 ms half sine RT III 1) 260C / 5 s 30 g 10 pcs
S0368-CB
) please contact technical support for washing parameters
S0368-CC
Accessories
PCB socket and hold down clip contact technical support 5 NO + 1 NC version
Dimensions
S0368-CE
S0367-DN S0368-CD
2
Datasheet Rev. FC1 Issued 2006/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Safety Relay SR6 (Continued)
Product key Type Contact configuration A 3 NO + 3 NC contacts B 4 NO + 2 NC contacts C 5 NO + 1 NC contacts Contact material 4 AgSnO2, for 1200 mW version only 6 AgSnO2 + 0.2 m Au, for 800 mW version only Coil Coil code = rated coil voltage (e.g. 024=24 VDC) Available types please see Part Number table
SR6
800 mW version
Product key SR6A6K05 SR6B6K05 SR6C6K05 SR6A6K06 SR6B6K06 SR6C6K06 SR6A6K09 SR6B6K09 SR6C6K09 SR6A6K12 SR6B6K12 SR6C6K12 SR6A6K15 SR6B6K15 SR6C6K15 SR6A6K18 SR6B6K18 SR6C6K18 SR6A6K21 SR6B6K21 SR6C6K21 SR6A6K24 SR6B6K24 SR6C6K24 SR6A6K36 SR6B6K36 SR6C6K36 SR6A6K40 SR6B6K40 SR6C6K40 SR6A6K48 SR6B6K48 SR6C6K48 SR6A6K60 SR6B6K60 SR6C6K60 SR6A6K85 SR6B6K85 SR6C6K85 SR6A6L10 SR6B6L10 SR6C6L10
Type 6-pole safety relay
Contact material AgSnO2 + 0.2 m Au
Contact configuration 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC 3 NO + 3 NC 4 NO + 2 NC 5 NO + 1 NC
Coil 5 VDC 6 VDC 9 VDC 12 VDC 15 VDC 18 VDC 21 VDC 24 VDC 36 VDC 40 VDC 48 VDC 60 VDC 85 VDC 110 VDC
Part number 5-1415537-8 7-1415537-2 8-1415537-7 5-1415537-9 7-1415537-4 8-1415537-8 6-1415537-0 7-1415537-5 8-1415537-9 6-1415537-1 7-1415537-6 9-1415537-0 6-1415537-2 7-1415537-7 9-1415537-1 6-1415537-3 7-1415537-8 9-1415537-2 6-1415537-4 7-1415537-9 9-1415537-3 6-1415537-5 8-1415537-0 9-1415537-4 6-1415537-6 8-1415537-1 9-1415537-5 6-1415537-7 8-1415537-2 9-1415537-6 6-1415537-8 8-1415537-3 9-1415537-7 6-1415537-9 8-1415537-4 9-1415537-8 7-1415537-0 8-1415537-5 9-1415537-9 7-1415537-1 8-1415537-6 6-1415538-0
3
Datasheet Rev. FC1 Issued 2006/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Safety Relay SR6 (Continued)
1200 mW version
Product key SR6B4012 SR6B4018 SR6A4021 SR6B4021 SR6A4024 SR6B4024 SR6C4024 SR6B4048 SR6A4110 SR6B4110 SR6C4110
Prior product key Contact configuration V23050-A1012-A542 AgSnO2 V23050-A1018-A542 V23050-A1021-A533 V23050-A1021-A542 V23050-A1024-A533 V23050-A1024-A542 V23050-A1024-A551 V23050-A1048-A542 V23050-A1110-A533 V23050-A1110-A542 V23050-A1110-A551
Contact material 4 NO + 2 NC 3 4 3 4 5 4 3 4 5 NO NO NO NO NO NO NO NO NO + + + + + + + + + 3 2 3 2 1 2 3 2 1 NC NC NC NC NC NC NC NC NC
Coil 12 VDC 18 VDC 21 VDC 24 VDC 48 VDC 110 VDC
Part number 0-1393260-4 0-1393260-5 3-1415018-1 0-1393260-6 0-1415015-1 0-1393260-7 0-1415017-1 1-1393260-0 9-1415018-1 1-1393260-3 5-1415019-1
4
Datasheet Rev. FC1 Issued 2006/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of SR6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X