Part Number Hot Search : 
UN0231C LS103 CXA192 CDRR157 BUL98B AQW212A SR8100S 26300
Product Description
Full Text Search
 

To Download SR3040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR3030 thru SR30150
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE - 30 to 100Volts FORWARD CURRENT - 30.0 Amperes TO-3P
.245(6.2) .820(5.7) .645(16.4) .625(15.9) .085(2.16) .075(1.90) .135(3.4) .115(2.9) .203(5.16) .193(4.90)
FEATURES
Metal of silicon rectifier , majority carrier conduction Guard ring for transient protection Low power loss,high efficiency High current capability,low VF High surge capacity Plastic package has UL flammability
.093(2.30) .076(1.97) .858(21.8) .820(20.8)
classification 94V-0
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications .095(2.4) .085(2.1) .127(3.22) .117(2.97) .086(2.18) .076(1.93) .030(0.76) .020(0.51)
MECHANICAL DATA
Case: TO-3P molded plastic Polarity: As marked on the body
.160(4.1) .140(3.5) .795(20.2) .775(19.7)
Weight: 0.2ounces,5.6 grams
Mounting position :Any
.225(5.7) .048(1.22) .205(5.2) .044(1.12) Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20% SR 3030 30 21 30 SR 3040 40 28 40 SR 3050 50 35 50 SR 3060 60 42 60 30 SR 3080 80 56 80 SR 30100 100 70 100 SR 30150 150 105 150
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current ( See Fig.1) Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Peak Forward Voltage at 15.0A DC Maximum DC Reverse Current at Rated DC Bolcking Voltage @TJ=25 @TJ=100 @TC=95
SYMBOL VRRM VRMS VDC I(AV)
UNIT V V V A
IFSM VF IR CJ RJC TJ TSTG 0.55 0.60 0.70
275 0.85 1.0 75 700 2.0 -55 to + 150 -55 to + 150 0.85 0.95
A V mA pF /W
Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range
NOTES: 1.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC. 2.Thermal resistance junction to case.
~ 191 ~
RATING AND CHARACTERTIC CURVES SR3030 thru SR30150
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, AMPERES 30 AVERAGE FORWARD CURRENT AMPERES 25 20 15 10 5 0 25 50 75 100 125 150 175
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 300 250 200 150 100 50 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz FIG.4-TYPICAL FORWARD CHARACTERISTICS
PULSE WIDTH 8.3 ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
CASE TEMPERATURE () FIG.3-TYPICAL REVER CHARACTERISTICS 100 INSTANTANEOUS REVERSE CURRENT,(mA) INSTANTANEOUS FORWARD CURRENT, (A)
100
SR3030 SR3040 SR3050-SR3060
10
TJ=100
10
SR3080-SR30100
1.0
TJ=75
SR30150
1.0
TJ = 25C PULSE WIDTH 300us 2% DUTY CYCLE
0.1
TJ=25
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0.1 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE 10000
CAPACITANCE, (pF)
1000
TJ = 25C f = 1 MHz
100 0.1
10 1 REVERSE VOLTAGE ,VOLTS
100
~ 192 ~


▲Up To Search▲   

 
Price & Availability of SR3040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X