Part Number Hot Search : 
7D1DP30Q 153KL IDT74 EGP20G UPD030A 74HCT138 GKDA3M8 SNXXX
Product Description
Full Text Search
 

To Download SMBJ24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBJ SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
VOLTAGE RANGE FEATURES
* For surface mount application * Built-in strain relief * Excellent clamping capability * Low profile package * Fast response time: Typically less than 1.0ps from 0 volt to BV min. * Typical IR less than 1 A above 10V * High temperature soldering guaranteed: 260 C / 10 seconds at terminals
5.0 to 170 Volts 600 Watts Peak Power
DO-214AA(SMB)
.083(2.11) .075(1.91)
.155(3.94) .130(3.30)
.185(4.70) .160(4.06) .012(0.31) .006(0.15) .096(2.44) .083(2.13) .050(1.27) .030(0.76) .008 MAX. (.203) .220(5.59) .200(5.08)
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end except Bidirectional * Mounting position: Any * Weight: 0.093 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATINGS
Peak Power Dissipation at TA=25 C, TP=1ms(NOTE 1) Peak Forward Surge Current at 8.3ms Single Half Sine-Wave superimposed on rated load (JEDEC method) (NOTE 3) Maximum Instantenous Forward Voltage at 35.0A for Unidirectional only Operating and Storage Temperature Range
SYMBOL
PPK IFSM VF TJ, TSTG
VALUE
Minimum 600 100 3.5 -55 to +150
UNITS
Watts Amps Volts C
NOTES: 1. Non-repetitive current pulse per Fig. 3 and derated above TA=25 C per Fig. 2. 2 2. Mounted on Copper Pad area of 5.0mm (.013mm Thick) to each terminal. 3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
DEVICES FOR BIPOLAR APPLICATIONS
1. For Bidirectional use C or CA Suffix for types SMBJ5.0 thru SMBJ170. 2. Electrical characteristics apply in both directions.
RATING AND CHARACTERISTIC CURVES (SMBJ SERIES)
FIG.1-PEAK PULSE POWER DERATING CURVE
Non-Repetitive Pulse Waveform Shown in Fig. 3 TA=25 C 10 PEAK PULSE POWER(PPP) OR CURRENT(IPP) DERATING IN PERCENTAGE 100 100
FIG.2-PULSE DERATING CURVE
PPPM, PEAK PULSE POWER, KW
75
50
1.0
5.0mm COPPER PAD AREAS
2
25
0.1 0.1ms
0 1.0ms 10ms 100ms 1.0ms 10ms 0 25 50 75 100 125 150 175
td, PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE ( C)
FIG.3-PULSE WAVE FORM
150 IPPM, PEAK PULSE CURRENT, %
Tf=10 s Peak Value IPPM TA=25 C Pulse Width (td) is defined as the point where the Peak Current Deacys to 50% of Ipp 10,000
FIG.4-TYPICAL JUNCTION CAPACITANCE
TJ=25 C f=1.0MHz Vsig=50mVp-p
5,000
100
2,000 Half Value-IPPM 2 Measued at Zero Bias
1,000
50
10/1000 sec Waveform as Defined by R.E.A.
CJ, CAPACITANCE, pF
500
td
e-kt
0
0
1.0
2.0
3.0
4.0
200
Measured at Stand-Off Voltage(VMW)
t, TIME, ms
100
FIG.5-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
100 80 TJ=TJmax 8.3ms Single Half Sine-wave JEDEC Method
50
20
IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
60
10 1.0
2.0
5.0
10
20
50
100
200
V(BR), BREAKDOWN VOLTAGE, VOL TS
40
20
10
1
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
600 Watt Surface Mount TVS
PART NUMBER REVERSE BREAKDOWN BREAKDOWN TEST ADD C FOR BI- STAND-OFF VOLTAGE VOLTAGE CURRENT DIRECTIONAL VOLTAGE VBR (V) VBR (V) IT See Note 1 VRWM (V) MIN. @IT MAX. @IT (mA) SMBJ5.0(C) 5.0 6.40 7.55 10 SMBJ5.0(C)A 5.0 6.40 7.25 10 SMBJ6.0(C) 6.0 6.67 8.45 10 SMBJ6.0(C)A 6.0 6.67 7.67 10 SMBJ6.5(C) 6.5 7.22 9.14 10 SMBJ6.5(C)A 6.5 7.22 8.30 10 SMBJ7.0(C) 7.0 7.78 9.86 10 SMBJ7.0(C)A 7.0 7.78 8.95 10 SMBJ7.5(C) 7.5 8.33 10.67 1 SMBJ5.0(C)A 7.5 8.33 9.58 1 SMBJ8.0(C) 8.0 8.89 11.30 1 SMBJ8.0(C)A 8.0 8.89 10.23 1 SMBJ8.5(C) 8.5 9.44 11.92 1 SMBJ8.5(C)A 8.5 9.44 10.82 1 SMBJ9.0(C) 9.0 10.0 12.60 1 SMBJ9.0(C)A 9.0 10.0 11.50 1 SMBJ10(C) 10 11.1 14.10 1 SMBJ10(C)A 10 11.1 12.80 1 SMBJ11(C) 11 12.2 15.40 1 SMBJ11(C)A 11 12.2 14.00 1 SMBJ12(C) 12 13.3 16.90 1 SMBJ12(C)A 12 13.3 15.30 1 SMBJ13(C) 13 14.4 18.20 1 SMBJ13(C)A 13 14.4 16.50 1 SMBJ14(C) 14 15.6 19.80 1 SMBJ14(C)A 14 15.6 17.90 1 SMBJ15(C) 15 16.7 21.10 1 SMBJ15(C)A 15 16.7 19.20 1 SMBJ16(C) 16 17.8 22.60 1 SMBJ16(C)A 16 17.8 20.50 1 SMBJ17(C) 17 18.9 23.90 1 SMBJ17(C)A 17 18.9 21.70 1 SMBJ18(C) 18 20.0 25.30 1 SMBJ18(C)A 18 20.0 23.30 1 SMBJ20(C) 20 22.2 28.10 1 SMBJ20(C)A 20 22.2 25.50 1 SMBJ22(C) 22 24.4 30.90 1 SMBJ22(C)A 22 24.4 28.00 1 SMBJ24(C) 24 26.7 33.80 1 SMBJ24(C)A 24 26.7 30.70 1 SMBJ26(C) 26 28.9 36.60 1 SMBJ26(C)A 26 28.9 33.20 1 SMBJ28(C) 28 31.1 39.40 1 SMBJ28(C)A 28 31.1 35.80 1 SMBJ30(C) 30 33.3 42.20 1 SMBJ30(C)A 30 33.3 38.30 1 SMBJ33(C) 33 36.7 46.50 1 SMBJ33(C)A 33 36.7 42.20 1 SMBJ36(C) 36 40.0 50.70 1 SMBJ36(C)A 36 40.0 46.00 1 SMBJ40(C) 40 44.4 56.30 1 SMBJ40(C)A 40 44.4 51.10 1 SMBJ43(C) 43 47.8 60.50 1 SMBJ43(C)A 43 47.8 54.90 1 SMBJ45(C) 45 50.0 63.30 1 SMBJ45(C)A 45 50.0 57.50 1 SMBJ48(C) 48 53.3 67.50 1 SMBJ48(C)A 48 53.3 61.30 1 SMBJ51(C) 51 56.7 71.80 1 SMBJ51(C)A 51 56.7 65.20 1 SMBJ54(C) 54 60.0 76.00 1 SMBJ54(C)A 54 60.0 69.00 1 SMBJ58(C) 58 64.4 81.60 1 SMBJ58(C)A 58 64.4 74.10 1
MAXIMUM CLAMPING VOLTAGE @Ipp Vc (V) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6
PEAK REVERSE PULSE LEAKAGE CURRENT @ VRWM Ipp (A) IR( A) 62.5 800 65.2 800 52.6 800 58.3 800 48.7 500 53.6 500 45.1 200 50.0 200 42.0 100 46.5 100 40.0 50 44.1 50 37.7 10 41.7 10 35.5 5 39.0 5 31.9 5 35.3 5 29.9 5 33.0 5 27.3 5 30.2 5 25.2 5 27.9 5 23.3 5 25.8 5 22.3 5 24.0 5 20.8 5 23.1 5 19.7 5 21.7 5 18.6 5 20.5 5 16.7 5 18.5 5 15.2 5 16.9 5 14.0 5 15.4 5 12.4 5 14.2 5 12.0 5 13.2 5 11.2 5 12.4 5 10.2 5 11.3 5 9.3 5 10.3 5 8.4 5 9.3 5 7.8 5 8.6 5 7.5 5 8.3 5 7.0 5 7.7 5 6.6 5 7.3 5 6.2 5 6.9 5 5.8 5 6.4 5
MARKING CODE UNI KD KE KF KG KH KK KL KM KN KP KQ KR KS KT KU KV KW KX KY KZ LD LE LF LG LH LK LL LM LN LP LQ LR LS LT LU LV LW LX LY LZ MD ME MF MG MH MK ML MM MN MP MQ MR MS MT MU MV MW MX MY MZ ND NE NF NG BI AD AE AF AD AH AK AL AM AN AP AQ AR AS AT AU AV AW AX AY AZ BD BE BF BG BH BK BL BM BN BP BQ BR BS BT BU BV BW BX BY BZ CD CE CF CG CH CK CL CM CN CP CQ CR CS CT CU CV CW CX CY CZ DD DE DF DG
600 Watt Surface Mount TVS
PART NUMBER REVERSE BREAKDOWN BREAKDOWN TEST ADD C FOR BI- STAND-OFF VOLTAGE VOLTAGE CURRENT DIRECTIONAL VOLTAGE VBR (V) VBR (V) IT See Note 1 VRWM (V) MIN. @IT MAX. @IT (mA) SMBJ60(C) 60 66.7 84.5 1 SMBJ60(C)A 60 66.7 76.7 1 SMBJ64(C) 64 71.1 90.1 1 SMBJ64(C)A 64 71.1 81.8 1 SMBJ70(C) 70 77.8 98.6 1 SMBJ70(C)A 70 77.8 89.5 1 SMBJ75(C) 75 83.3 105.7 1 SMBJ75(C)A 75 83.3 95.8 1 SMBJ78(C) 78 86.7 109.8 1 SMBJ78(C)A 78 86.7 99.7 1 SMBJ85(C) 85 94.4 119.2 1 SMBJ85(C)A 85 94.4 108.2 1 SMBJ90(C) 90 100 126.5 1 SMBJ90(C)A 90 100 115.5 1 SMBJ100(C) 100 111 141.0 1 SMBJ100(C)A 100 111 128.0 1 SMBJ110(C) 110 122 154.5 1 SMBJ110(C)A 110 122 140.5 1 SMBJ120(C) 120 133 169.0 1 SMBJ120(C)A 120 133 153.0 1 SMBJ130(C) 130 144 182.5 1 SMBJ130(C)A 130 144 165.5 1 SMBJ150(C) 150 167 211.5 1 SMBJ150(C)A 150 167 192.5 1 SMBJ160(C) 160 178 226.0 1 SMBJ160(C)A 160 178 205.0 1 SMBJ170(C) 160 189 239.5 1 SMBJ170(C)A 170 189 217.5 1
MAXIMUM CLAMPING VOLTAGE @Ipp Vc (V) 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275
PEAK REVERSE PULSE LEAKAGE CURRENT @ VRWM Ipp (A) IR( A) 5.6 5 6.2 5 5.3 5 5.8 5 4.8 5 5.3 5 4.5 5 4.9 5 4.3 5 4.7 5 3.9 5 4.4 5 3.8 5 4.1 5 3.4 5 3.7 5 3.0 5 3.4 5 2.8 5 3.1 5 2.6 5 2.9 5 2.2 5 2.5 5 2.1 5 2.3 5 2.0 5 2.2 5
MARKING CODE UNI NH NK NL NM NN NP NQ NR NS NT NU NV NW NX NY NZ PD PE PF PG PH PK PL PM PN PP PQ PR BI DH DK DL DM DN DP DQ DR DS DT DU DV DW DX DY DZ ED EE EF EG EH EK EL EM EN EP EQ ER


▲Up To Search▲   

 
Price & Availability of SMBJ24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X