Part Number Hot Search : 
PMBFJ111 Z89135 92001 16000 BTA20 92001 NTE5454 M6585
Product Description
Full Text Search
 

To Download SBYV27-200-E354 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBYV27-50 thru SBYV27-200
Vishay General Semiconductor
Soft Recovery Ultrafast Plastic Rectifier
FEATURES * Ultrafast reverse recovery time * Low forward voltage drop * Low leakage current * Low switching losses, high efficiency * High forward surge capability
DO-204AC (DO-15)
* Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in high frequency rectification and freewheeling application in switching mode converters and inverters for consumer, computer and telecommunication. MECHANICAL DATA Case: DO-204AC (DO-15) Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM trr VF TJ max. 2.0 A 50 V to 200 V 50 A 15 ns 0.88 V 150 C
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Minimum reverse breakdown voltage at 100 A Maximum average forward rectified current 0.375" (9.5 mm) lead lengths at TL = 85 C Peak forward surge current 10 ms single half sine-wave superimposed on rated load Operating junction and storage temperature range SYMBOL VRRM VRMS VDC VBR IF(AV) IFSM TJ, TSTG SBYV27-50 50 35 50 55 SBYV27-100 100 70 100 110 2.0 50 - 55 to + 150 SBYV27-150 150 105 150 165 SBYV27-200 200 140 200 220 UNIT V V V V A A C
Document Number: 88736 Revision: 20-Aug-07
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
SBYV27-50 thru SBYV27-200
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward voltage (1) Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time Typical junction capacitance Note: (1) Pulse test: 300 s pulse width, duty cycle 2 % 3.0 A TEST CONDITIONS TJ = 25 C TJ = 150 C TA = 25 C TA = 100 C IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A 4.0 V, 1 MHz SYMBOL VF SBYV27-50 SBYV27-100 SBYV27-150 SBYV27-200 UNIT V 1.07 0.88 5.0 200 15 15
IR trr CJ
A
ns pF
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance Note: (1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length
(1)
SYMBOL RJA
SBYV27-50
SBYV27-100
SBYV27-150
SBYV27-200 UNIT C/W
45
ORDERING INFORMATION (Example)
PREFERRED P/N SBYV27-200-E3/54 SBYV27-200-E3/73 UNIT WEIGHT (g) 0.404 0.404 PREFERRED PACKAGE CODE 54 73 BASE QUANTITY 4000 2000 DELIVERY MODE 13" diameter paper tape and reel Ammo pack packaging
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
3.0 60
Average Forward Rectified Current (A)
Peak Forward Surge Current (A)
2.5
Resistive or Inductive Load 0.375" (9.5 mm) Lead Length TL Lead Temperature
10 ms Single Half Sine-Wave TJ = 175 C
50
2.0
40
1.5
30
1.0 TA, Ambient Temperature P.C.B. Mounted 0.5" x 0.5" (12 x 12 mm) Copper Pads 0 25 50 75 100 125 150 175
20
0.5
10
0
0 1 10 100
Temperature (C)
Number of Cycles at 50 Hz
Figure 1. Maximum Forward Current Derating Curves
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88736 Revision: 20-Aug-07
SBYV27-50 thru SBYV27-200
Vishay General Semiconductor
100
60
Instantaneous Forward Current (A)
Recovered Store Change/Reverse Recovery Time, nC/ns
IF = 2.0 A VR = 30 V 50 dI/dt = 150 A/s dI/dt = 100 A/s 40 dI/dt = 20 A/s dI/dt = 50 A/s dI/dt = 100 A/s dI/dt = 150 A/s dI/dt = 50 A/s dI/dt = 20 A/s 10 trr Qrr 0 0 25 50 75 100 125 150 175
TJ = 175 C 10 TJ = 150 C 1 TJ = 125 C 0.1 TJ = 25 C 0.01 0.2
30
20
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
Instantaneous Forward Voltage (V)
Junction Temperature (C)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 5. Reverse Switching Charateristics
100
TJ = 175 C
100 TJ = 165 C TJ = 125 C TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
Instantaneous Reverse Leakage Current (A)
10
1
Junction Capacitance (pF)
60 80 100
10
0.1
0.01
TJ = 25 C
0.001 0 20 40
1 0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
Figure 4. Typical Reverse Leakage Characteristics
Figure 6. Typical Junction Capacitance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-204AC (DO-15)
0.034 (0.86) 0.028 (0.71) DIA.
1.0 (25.4) MIN.
0.300 (7.6) 0.230 (5.8)
0.140 (3.6) 0.104 (2.6) DIA. 1.0 (25.4) MIN.
Document Number: 88736 Revision: 20-Aug-07
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SBYV27-200-E354

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X