Part Number Hot Search : 
UPD4722 C1953P LX1555 TFS433F ES9102C FQI44N08 BCM8706 MMSZ5241
Product Description
Full Text Search
 

To Download SBT3904UF1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SBT3904UF
NPN Silicon Transistor
Descriptions
* Small signal application * Switching application
Features
* Low VCE(SAT) : 0.3V max @ IC=50 * High speed switching : tf=50 max @ IC=10 * Complementary pair with SBT3906UF
Ordering Information
Type NO. SBT3904UF Marking 1A Package Code SOT-323F
Outline Dimensions
1.95~2.25
unit : mm
1.20~1.40
1
1.90~2.10 1.30 Typ.
3 2
0.16 Max.
0.10 Max.
0.60~0.80
0.40 Max.
PIN Connections 1. Base 2. Emitter 3. Collector
KST-3066-001
1
SBT3904UF
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-base voltage Collector current Collector Power dissipation Junction temperature Storage temperature range
Ta=25C
Symbol
VCBO VCEO VEBO IC PC* TJ Tstg
Rating
60 40 6 200 350 150 -55~150
Unit
V V V
* : Device mounted on 99.5% alumina 10x8x0.6mm
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current DC current gain Collector-Emitter saturation voltage Transition frequency Collector output capacitance Turn on delay time Rise time Storage time Fall Time
Ta=25C
Symbol
BVCBO BVCEO BVEBO ICEX hFE VCE(sat) fT Cob td tr ts tf
Test Condition
IC=10A, IE=0 IC=1mA, IB=0 IE=10A, IC=0 VCE=30V, VBE=-3V VCE=1V, IC=10mA IC=50mA, IB=5mA VCE=20V, IC=10mA, f=100MHz VCB=5V, IE=0, f=1MHz VCC=3V, VBE(off)=0.5V IC=10mA, IB1=1mA VCC=3V,IC=10mA, IB1=-IB2=1mA
Min. Typ. Max.
60 40 6 100 300 50 300 0.3 4 35 35 200 50
Unit
V V V V
KST-3066-001
2
Electrical Characteristic Curves
Fig. 1 PC-Ta
(
SBT3904UF
Fig. 2 hFE-IC
xx
)
Fig. 3 VCE(sat)-IC
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice. KST-3066-001 3


▲Up To Search▲   

 
Price & Availability of SBT3904UF1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X