|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SBR05U20LPS 0.5A SBR(R) SURFACE MOUNT SUPER BARRIER RECTIFIER Features * * * * * * * Ultra Low Forward Voltage Drop Superior Reverse Avalanche Capability Patented Super Barrier Rectifier Technology Soft, Fast Switching Capability 150C Operating Junction Temperature Lead Free by Design, RoHS Compliant (Note 1) "Green" Device (Note 2) Mechanical Data * * * * * * * * Case: DFN1006H4-2 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: Cathode Dot Terminals: Finish - NiPdAu over Copper leadframe. Solderable per MIL-STD-202, Method 208 Marking Information: See Page 3 Ordering Information: See Page 3 Weight: 0.001 grams (approximate) NEW PRODUCT Bottom View Maximum Ratings @TA = 25C unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load. For capacitance load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (See Figure 1) Non-Repetitive Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load Symbol VRRM VRWM VRM VR(RMS) IO IFSM Value 20 14 500 6 Unit V V mA A Thermal Characteristics @TA = 25C unless otherwise specified Symbol RJA Tj, TSTG Value 224 -65 to +150 Unit C/W C Characteristic Maximum Thermal Resistance (Note 3) Operating and Storage Temperature Range Electrical Characteristics Characteristic Reverse Breakdown Voltage (Note 4) @TA = 25C unless otherwise specified Symbol V(BR)R Min 20 Typ 0.34 0.25 0.38 0.31 0.47 0.42 6 1.5 Max 0.38 0.28 0.42 0.34 0.50 0.45 50 5 Unit V Test Condition IR = 50A IF = 0.1A, Tj = 25C IF = 0.1A, Tj = 150C V IF = 0.2A, Tj = 25C IF = 0.2A, Tj = 150C IF = 0.5A, Tj = 25C IF = 0.5A, Tj = 150C A mA VR = 20V, Tj = 25C VR = 20V, Tj = 150C Forward Voltage Drop VF - Leakage Current (Note 4) Notes: IR - 1. No purposefully added lead. 2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 3. Device mounted on FR-4 substrate. 2" x 2" 2oz. Copper, single sided PCB board. 4. Short duration pulse test used to minimize self-heating effect. SBR is a registered trademark of Diodes Incorporated. SBR05U20LPS Document number: DS31357 Rev. 1 - 2 1 of 3 www.diodes.com January 2008 (c) Diodes Incorporated SBR05U20LPS IF, INSTANTANEOUS FORWARD CURRENT (A) 0.6 1 0.5 Pd, POWER DISSIPATION (W) 0.1 TA = 150C T A = 125C 0.4 NEW PRODUCT 0.3 0.01 T A = 85C T A = 25C 0.2 0.001 TA = -55C 0.1 0 0 0.5 1 IF(AV), AVERAGE FORWARD CURRENT (A) Fig. 1 Forward Power Dissipation 1.5 0.0001 0 200 400 600 800 VF, INSTANTANEOUS FORWARD VOLTAGE (mV) Fig. 2 Typical Forward Characteristics IR, INSTANTANEOUS REVERSE CURRENT (uA) 10,000 1,000 10,000 C, CAPACITANCE (pF) T A = 150C 100 TA = 125C T A = 85C 1,000 f = 1MHz 10 TA = 25C 100 1 10 0.1 0.01 0 2 4 6 8 10 12 14 16 18 20 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics 1 0.1 1 10 100 VR, DC REVERSE VOLTAGE (V) Fig. 4 Total Capacitance vs. Reverse Voltage 0.6 0.5 Note 3 150 TA, DERATED AMBIENT TEMPERATURE (C) IF(AV), AVERAGE FORWARD CURRENT (A) 125 0.4 100 0.3 75 0.2 50 0.1 25 0 25 0 50 75 100 125 150 TA, AMBIENT TEMPERATURE (C) Fig. 5 Forward Current Derating Curve 175 0 2 4 6 8 10 12 14 16 18 VR, DC REVERSE VOLTAGE (V) Fig. 6 Operating Temperature Derating 20 SBR is a registered trademark of Diodes Incorporated. SBR05U20LPS Document number: DS31357 Rev. 1 - 2 2 of 3 www.diodes.com January 2008 (c) Diodes Incorporated SBR05U20LPS Ordering Information Part Number SBR05U20LPS-7 Notes: (Note 5) Case DFN1006H4-2 Packaging 3000/Tape & Reel 5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. NEW PRODUCT Marking Information _ 5 _2 5 5 2 = Product Type Marking Code Dot Denotes Cathode Side Package Outline Dimensions G H A B R C DFN1006H4-2 Dim Min Max Typ A 0.95 1.075 1.00 B 0.55 0.675 0.60 C 0.45 0.55 0.50 D 0.20 0.30 0.25 G 0.34 0.4 0.37 H 0 0.05 0.03 N 0.40 R 0.05 0.15 0.10 All Dimensions in mm D N Suggested Pad Layout Dimensions Value (in mm) Z 1.1 G 0.3 X 0.7 Y 0.4 C 0.7 IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated. SBR is a registered trademark of Diodes Incorporated. SBR05U20LPS Document number: DS31357 Rev. 1 - 2 3 of 3 www.diodes.com January 2008 (c) Diodes Incorporated |
Price & Availability of SBR05U20LPS |