Part Number Hot Search : 
B59101Z HT82V738 VRE405AD RN2969CT IV1224SA RN2969CT EN25B32 74HCT258
Product Description
Full Text Search
 

To Download SBL2040PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBL2030PT thru SBL2045PT
Low VF Schottky Barrier Rectifiers
Dimensions TO-247AD
A C(TAB) A C A
C
A
Dim. A B C D E F G H J K L M N
Millimeter Min. Max. 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.4 1.65 1.0 10.8 4.7 0.4 1.5 5.49 6.2 2.13 4.5 1.4 11.0 5.3 0.8 2.49
Inches Min. Max. 0.780 0.819 0.610 0.140 0.170 0.212 0.065 0.040 0.426 0.185 0.016 0.087 0.800 0.845 0.640 0.144 0.216 0.244 0.084 0.177 0.055 0.433 0.209 0.031 0.102
A=Anode, C=Cathode, TAB=Cathode VRRM V 30 35 40 45 VRMS V 21 24.5 28 31.5 VDC V 30 35 40 45
SBL2030PT SBL2035PT SBL2040PT SBL2045PT
Symbol I(AV) IFSM VF IR CJ ROJC TJ TSTG
Characteristics Maximum Average Forward Rectified Current @TC=95oC
Maximum Ratings 20 250 0.55 @TJ=25 C @TJ=100oC
o
Unit A A V mA pF
o
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave Superimposed On Rated Load (JEDEC METHOD) Maximum Forward Voltage At 10A DC (Note 1) Maximum DC Reverse Current At Rated DC Blocking Voltage
1 50 600 2.5 -55 to +125 -55 to +150
Typical Junction Capacitance Per Element (Note 2) Typical Thermal Resistance (Note 3) Operating Temperature Range Storage Temperature Range
C/W
o o
C C
NOTES: 1. 300us Pulse Width, 2% Duty Cycle. 2. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC. 3. Thermal Resistance Junction To Case.
FEATURES
* Metal of silicon rectifier, majority carrier conducton * Guard ring for transient protection * Low power loss, high efficiency * High current capability, low VF * High surge capacity * For use in low voltage, high frequency inverters, free whelling, and polarity protection applications
MECHANICAL DATA
* Case: TO-247AD molded plastic * Polarity: As marked on the body * Weight: 0.2 ounces, 5.6 grams * Mounting position: Any
SBL2030PT thru SBL2045PT
Low VF Schottky Barrier Rectifiers


▲Up To Search▲   

 
Price & Availability of SBL2040PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X