Part Number Hot Search : 
DME3057 980MR2C C5001 MRF19090 WCF10C60 SK310 MC2850 SAM3S4B
Product Description
Full Text Search
 

To Download S78DL0507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
S78DL05
Low Drop output Voltage Regulator
Descriptions
* Three Terminal Positive Low Dropout Voltage Regulator
Features
* Low Standby Current Consumption (500 Typ.) * Maximum Output Current (150 Max.) * Less I/O voltage Difference (0.7V Max.)
Ordering Information
Type NO. S78DL05 Marking S78DL05 Package Code TO-92
Outline Dimensions
unit : mm
Functional Block Diagram
123
PIN Connections 1. Output 2. GND 3. Input
KSI-9010-001
1
S78DL05
Maximum ratings
Characteristic
Operating Input voltage Power Dissipation Operating Temperature Range Junction Temperature Storage Temperature Range Lead Temperature Time
Ta=25C
Symbol
VIN PD TOPR Tj Tstg Tsol
Ratings
20 625 -40~+85 150 -55~150 260 (10 Sec)
Unit
V mW C C C C
Electrical Characteristics
( VIN=10V, IOUT=10 , Tj =25C)
Characteristic
Output voltage Voltage Regulation Load Regulation Quiescent Current Dropout Voltage
Symbol
VOUT VOUT(1) VOUT(2) ICC VDROP
Test Condition
VIN=5.35V~20V , Ta=-40~85C VIN=6V~16V IOUT=10~100mA IOUT 10mA , VIN=6V~20V IOUT=50mA IOUT=100mA
Min. Typ. Max.
4.8 5 10 12 0.5 0.3 0.5 5.2 30 50 1 0.5 0.7
Unit
V mV mV mA V
Test circuit
KSI-9010-001
2
S78DL05
Electrical Characteristic Curves
Fig. 1. Vin - Vout Fig. 2 |Vout - Vin| -IC
Fig. 3. Pd - Ta
Fig. 4. Icc - Vout
KSI-9010-001
3
S78DL05
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice.
KSI-9010-001
4


▲Up To Search▲   

 
Price & Availability of S78DL0507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X