Part Number Hot Search : 
DSP56009 FQPF7N60 GCMMS MMBZ27 DSR05A CRBV5 UG15JT L15PF
Product Description
Full Text Search
 

To Download RRS1608 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RRS series, audio metal thin film chip resistors
Thin film realizes excellent dynamic range and sound quality . Minimal current noise . Special materials and structure using thin film produce "comfort" sound.
SPECIFICATIONS
Mechanical
W P L T Dimension (Inch Size) L W P T RRS2012 (0805) 2.00 0.20 1.25 0.20 0.40 0.20 0.40 0.10 RRS1608 (0603) 1.60 0.20 0.80 0.20 0.30 0.20 0.40 0.10
( unit : mm)
Electrical
Type Power Tolerance %(code) Resistance Range() TCR ppm / C(code) Resistance Value Max Operating Voltage Package
RRS2012 1/10W 0.5%(D), 0.1%(B) 100 1M 25 (P) E 24 100V 5,000pcs/reel
RRS1608 1/16W 0.5%(D) 100 360k 25 (P) E 24 75V 5,000pcs/reel
Low current noise
Theoretical background
The current noise largely depends on the materials used and becomes significant in lower frequencies. This film tends to suppress the noise (see figure below). Therefore, low current noise thin film chip resistor is needed for the application that handles very low voltage near DC range.
Current Noise Features
Thin Film
Electrons move smoothly without much dispersion that creates noise.
PART NUMBER
RRS 2012 P - 102 - B
Resistance Tolerance Resistance Temperature Coefficient of Resistance Dimensions Part Code


▲Up To Search▲   

 
Price & Availability of RRS1608

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X