Part Number Hot Search : 
DS1841 1N6141E3 LR120N AOC2421 UC3844B FST8360L N6763 FH620
Product Description
Full Text Search
 

To Download RM2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
Low cost Low leakage
GALAXY ELECTRICAL
RM2Z(Z)---RM2C(Z)
VOLTAGE RANGE: 200 --- 1000 V CURRENT: 1.2 A
PLASTIC SILICON RECTIFIER
DO - 15L
Diffused junction Low forward voltage drop High current capability Easily cleaned with Freon,Alcohol,Isopropanol and similar solvents The plastic material carries U/L recognition 94V-0
MECHANICAL DATA
Case:JEDEC DO--15L,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.017 ounces,0.48 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
RM2Z
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead lengths, Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @Tj =125 @TA=75
RM2
400 280 400
RM2A
600 420 600 1.2
RM2B
800 560 800
RM2C
1000 700 1000
UNITS
V V V A
VRRM VRMS VDC I(AV)
200 140 200
IFSM
100
A
Maximum instantaneous forw ard voltage at 1.2 A Maximum reverse current at rated DC blocking voltage Typical junction capacitance Typical thermal resistance @TA =25 @TA=100 (Note1) (Note2)
VF IR CJ RjA Tj TSTG
0.91 10.0 50 30 50 - 55 ---- + 150 - 55 ---- + 150
V A pF
Operating junction temperature range Storage temperature range
2. Thermal resistance f rom junction to ambient.
NOTE: 1. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
www.galaxycn.com
Document Number 0260030
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- FORWARD DERATING CURVE PEAK FORWARD SURGE CURRENT AMPERES
RM2Z(Z)---RM2C(Z)
FIG.2 --PEAK FORWARD SURGE CURRENT
AVERAGE FORWARD OUTPUT CURRENT
1. 5
100
1. 2
80
0. 9
60
AMPERES
0. 6 Single Phase Half Wave RHz Inductive Load INIDUCTIVE LOAD 25 50 75 100 125 150 175
40
TJ=125 8.3ms Single Half Sine Wave
0. 3
20
0 0
0 0
2
4
6
10
20
4 0 60
100
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC REVERSE CURRENT MICROAMPERES
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
10
100
FORWARD CURRENT, AMPERES
2.0
TJ=25 Pulse W idth=300uS
1.4 1.2 1.0 0.4
TJ=100
10
0.1 0.04
0.1
TJ=25
0.01 0.6 0.7 0.9 1.1
1.3
1.5 1.7
1.9
0.01 0 20 40 60 80 100 120 140
FORWARD VOLTAGE,VOLTS
PERCENT OF RATED REVERSE VOLTAGE,
www.galaxycn.com
Document Number 0260030
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of RM2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X