Part Number Hot Search : 
L9219A RLP434A BAS19 BD4739 NTE70 95M01 F1605 BAT32
Product Description
Full Text Search
 

To Download PE034005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
Miniature PCB Relay PE
I I I I I I I I
1 pole 5 A, 1 CO or 1 NO contact Cadmium-free contacts Sensitive coil 200 mW 4 kV coil-contact Ambient temperature 85C Low height 10.0 mm Plastic materials according to IEC60335-1 (domestic appliances) RoHS compliant (Directive 2002/95/EC) as per product date code 0352
F0169-B
Applications Industrial electronics, white goods, measurement and control
Approvals
V REG.-Nr.of6656, Z on request (for version with 1 NO in process) E214025 Technical data approved types
Contact data
Contact configuration Contact set Type of interruption Rated current Rated voltage / max.switching voltage AC Maximum breaking capacity AC Contact material Mechanical endurance Rated frequency of operation with / without load Contact Type PE014 PE014 PE014 PE034 PE034 PE034 1 CO or 1 NO contact single contact micro disconnection 5A 240/400 VAC 1250 VA AgNi90/10 15x106 cycles 6/1200 min-1
ratings Load 5 A, 250 VAC, resistive, 85C, 6 cycles/min, 50% df, EN61810-1 5 A, 30 VDC,resistive, on NO-contact, 85C, 6 cycles/min, 50% duty factor, EN61810-1, 5 A, 240 VAC resistive load, on NO or NC contact, UL508 5 A, 250 VAC, resistive, 85C, 6 cycles/min, 50% df, EN61810-1 5 A, 30 VDC,resistive, 85C, 6 cycles/min, 50% duty factor, EN61810-1, 5 A, 240 VAC resistive load, UL508
Cycles 1x105 1x105 1x105 1x105 1x105 1x105
Coil data
Rated coil voltage range DC coil Coil power DC coil Operative range 5...48 VDC typ. 200 mW 2
Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 003 3 2.25 0.3 45+10% 200 005 5 3.8 0.5 125+10% 200 006 6 4.5 0.6 172+10% 209 012 12 9.0 1.2 685+10% 210 024 24 18.0 2.4 2725+10% 211 048 48 36.0 4.8 10970+10% 210 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. GC1 Issued 2007/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Miniature PCB Relay PE (Continued)
Insulation
Dielectric strength coil-contact circuit open contact circuit Clearance / creepage coil-contact circuit Material group of insulation parts Tracking index of relay base Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit Rated insulation voltage Pollution degree Rated voltage system Overvoltage category 4000 Vrms 1000 Vrms W 3,2 / 4 mm IIIa PTI 250 basic functional 250 V 3 230 V III 2 400 V
PCB layout / terminal assignment
Bottom view on solder pins
CO version
S0176-BA
Other data
RoHS - Directive 2002/95/EC compliant as per product date code 0352 Flammability class according to UL94 V-0 Ambient temperature range -40...85C Operate- / release time typ. 5/2 ms Bounce time NO / NC contact typ. 1/5 ms Vibration resistance (function) NO / NC contact > 15/5 g Shock resistance (destruction) > 100 g Category of protection RTII - flux proof (RTIII - wash tight on request) Resistance to soldering heat flux-proof version 270C / 10 s Relay weight 5g Packaging unit 25/500 pcs
S0176-BB
NO version
Dimensions
S0176-BC
S0176-BD
S0271-AA
Product key Type Version 0 flux proof Contact configuration 1 1 CO contact 3 Contact material 4 AgNi 90/10 Coil Coil code: please refer to coil versions table
PE
0
4
NO contact
Product key PE014005 PE014006 PE014012 PE014024 PE014048 PE034005 PE034006 PE034012 PE034024 PE034048
Version flux proof
Contacts 1 CO contact
Contact material AgNi 90/10
1 NO contact
Coil 5 VDC 6 VDC 12 VDC 24 VDC 48 VDC 5 VDC 6 VDC 12 VDC 24 VDC 48 VDC
Part number 0-1393219-3 0-1393219-4 0-1393219-6 1-1393219-0 1-1393219-3 4-1415535-6 4-1415535-7 4-1415535-9 5-1415535-1 5-1415535-2
2
Datasheet Rev. GC1 Issued 2007/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of PE034005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X