|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NTE9601 Integrated Circuit TTL - Retriggerable Monostable Multivibrator Description: The NTE9601 is a retriggerable one-shot in a 14-Lead DIP type package that provides the designer with four inputs; two active high and two active low. This permits a choice of either leading-edge or trailing-edge triggering, independent of input transition times. When input conditions for triggering are met, a new cycle starts and the external capacitor is rapidly discharged and then allowed to charge again. The retriggerable feature allows for output pulse widths to be expanded. In fact a continuous true output can be maintained by having an input cycle time which is shorter than the output cycle time. Retriggering may be inhibited by tying the Q output to an active low input. Features: D High Speed Operation - Input Repetition Rate > 10MHz D Flexibility of Operation - Optional Retriggering/Lock-Out Capacity D Output Pulse Width Range - 50ns to D Leading or Trailing Edge Triggering D Complementary Outputs/Inputs D Input Clamping Diodes D DTL/TTL Compatible Logic Levels Absolute Maximum Ratings: (Note 1) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V Operating Ambient Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to +70C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Note 1. The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the "Electrical Characteristics" table are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the condi tions for actual device operation. Recommended Operating Conditions: Parameter Supply Voltage High Level Input Voltage Symbol VCC VIH TA = 0C TA = +25C TA = +75C Low Level Input Voltage VIL TA = 0C TA = +25C TA = +75C High Level Output Current Low Level Output Current Free Air Ambient Temperature IOH IOL TA Test Conditions Min 4.75 1.9 1.8 1.6 0 Typ 5.00 Max 5.25 0.85 0.85 0.85 -0.96 12.8 +75 Unit V V V V V V V mA mA C Electrical Characteristics: (TA = 0 to +70C, Note 2, Note 4 unless otherwise specified) Parameter Input Clamp Voltage High Level Output Voltage Low Level Output Voltage High Level Input Current Low Level Input Current Short Circuit Output Current Supply Current Symbol VI VOH VOL IIH IIL IOS ICC Test Conditions VCC = Min, II = -12mA VCC = Min, IOH = Max, VIL = Max, VIH = Min, Note 5 VCC = Max, VI = 4.5V VCC = Max, VIN = 0.45V VCC = Max, Note 3, Note 5 VCC = Max Min 2.4 -10 Typ Max -1.5 0.45 60 -1.6 -40 25 Unit V V V A mA mA mA Note Note Note Note 2. 3. 4. 5. All typical ratings are at VCC = 5V, TA = +25C. Not more than one output should be shorted at a time. Unless otherwise noted, 10k resistor placed between Pin13 and VCC, for all tests. GND Pin11 for VOL test on Pin6, VOH and IOS test on Pin8. Open Pin11 for VOL test on Pin8, VOH and IOS test on Pin6. Switching Characteristics: (VCC = 5V, TA = +25C unless otherwise specified) Parameter Propagation Delay Time Low to High Level Output Propagation Delay Time High to Low Level Output Minimum True Output Pulse Width Pulse Width Maximum Allowable Wiring Capacitance External Timing Reststor Symbol tPLH From (Input) To (Output) Negative Trigger Input to True Output Negative Trigger Input to Complement Output RX = 10k, CX = 1000pF Pin13 to GND Test Conditions CL = 15pF, CX = 0, RX = 5k Min Max 40 Unit ns tPHL tPW(MIN) tPW CSTRAY RX 3.08 - 40 65 3.76 50 25 ns ns s pF k Function Table: Inputs A1 H X X L L L X X X H A2 H X X X X X L L L H B1 X L X H H H H H H H B2 X X L H H H H H H H L H Q L L L L Outputs Q H H H H H L X = HIGH Logic Level = LOW Logic Level = Either LOW or HIGH Logic Level = LOW to HIGH Level Transition = HIGH to LOW Level Transition = Positive Pulse = Negative Pulse Pin Connection Diagram A1 1 A2 2 B1 3 B2 4 N.C. 5 Q6 GND 7 14 VCC 13 RX 12 N.C. 11 CX 10 N.C. 9 N.C. 8Q 14 8 1 7 .785 (19.95) Max .300 (7.62) .200 (5.08) Max .100 (2.45) .600 (15.24) .099 (2.5) Min |
Price & Availability of NTE9601 |