Part Number Hot Search : 
10024 HIP5015 2SC1393 GS1JE NJL51 SSF4004 M5221 IR255
Product Description
Full Text Search
 

To Download NT2520SA-192M-NSA3410A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crystal Oscillator
Model Name NT2520SA
n Main Application
NEW
Temperature-Compensated Crystal Oscillator (TCXO) NT2520S Series (with high-precision GPS supported)
For mobile terminals with high-precision GPS functions
n Features
l A crystal oscillator with highly stable frequency / temperature characteristics best suited for GPS. l Supports low power supply voltage. (Supports DC +2.40.1 V to +3.20.1 V.) l Ultra-compact and light with a height, cubic volume, and weight of 0.8 mm max., 0.0035 cm3, and 0.013 g, respectively. l Low power consumption. l A surface-mount crystal oscillator. (Reflow soldering is possible.) l Lead-free. Meets the requirements for re-flow profiling using lead-free solder.
Pb Free
n Specifications
Model Item Standard nominal frequency (MHz) Power supply voltage Load Consumption current Output level Frequency / temperature characteristic Power supply variation characteristics Load variation characteristics Aging NT2520SA
13 to 27.456MHz +2.8V DC 10k//10pF 1.5mA max 0.8V(P-P) min (DC superimposition *1) 0.5x10-6 max -30 to +85C 0.2x10-6 max/+2.8V5% 0.2x10 max /(10k//10pF)10% 1.0x10-6 max/year
-6
* Frequency setting conditions 1. Frequencies are set at normal temperatures (+252C). 2. Frequencies are set with a printed board that has a ground pattern attached to the underside of an oscillator. 3. Connect the #1 terminal of the oscillator to the ground that comes with the oscillator. * If you require a product with a different frequency, power supply voltage, frequency control characteristic, etc. to the standard specifications, please contact us with your enquiries. * Products with the AFC (Automatic Frequency Control) function are available. If you require such a product, please contact us. *1. A DC-cut capacitor is not embedded in this crystal oscillator. Connect a DC-cut capacitor (1,000 pF) to the line-out terminal of the oscillator.
n Dimensions
mm
2.50.2 #4 #3 2.00.2
n List of Ordering Codes
Frequency (MHz) 13 16.368 16.369 16.8 19.2 24.5535
Reference land pattern
Ordering Code NT2520SA-13M-NSA3410A NT2520SA-16.368M-NSA3410A NT2520SA-16.369M-NSA3410A NT2520SA-16.8M-NSA3410A NT2520SA-19.2M-NSA3410A NT2520SA-24.5535M-NSA3410A NT2520SA-26M-NSA3410A NT2520SA-27.456M-NSA3410A
PAD No.
#1 #2 #3
Connection
(GND)*2 GND OUTPUT VCC
#1
#2
#4
26 27.456
1.450.2 #1 (0.2x0.2) #2
0.70.1
2.1 0.375 0.375 0.275 0.9
The above frequencies are NDK' s standard frequencies. Frequencies other than the above are available. Feel free to contact our sales representatives.
0.60.1
#4 0.450.1
#3
0.650.2
*2 : #1 pad. must be connected to ground.
0.275
0.9
co10_071108_NT2520SA_e1


▲Up To Search▲   

 
Price & Availability of NT2520SA-192M-NSA3410A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X