Part Number Hot Search : 
EZA050 FS0201MA SI9200EY ON0810 EL2245CS 2Y0A2 F020150 SDR4432
Product Description
Full Text Search
 

To Download NT2520SA-192M-NSA3400B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crystal Oscillator
Model Name NT2520SA Temperature-Compensated Crystal Oscillator with AFC Function (VC-TCXO) NT2520S Series
n Main Application
For mobile phones, etc.
n Features
l Supports low power supply voltage. (Supports DC +2.40.1 V to +3.4 V5%.) l Ultra-compact and light with a height, cubic volume, and weight of 0.8 mm max., 0.0035 cm3, and 0.013 g, respectively. l With an AFC (Automatic Frequency Control) function. l Low power consumption. l A surface-mount crystal oscillator. (Reflow soldering is possible.) l Lead-free. Meets the requirements for re-flow profiling using lead-free solder.
Pb Free
n Specifications
Model Item Standard nominal frequency (MHz) Power supply voltage Load Consumption current Output level Frequency / temperature characteristic Power supply variation characteristics Load variation characteristics Aging Frequency control characteristics NT2520SA
13 to 26MHz +2.8V DC 10k//10pF 1.5mA max 0.8V(P-P) min (DC superimposition *1) 2.5x10-6 max -30 to +75C 0.2x10-6 max/+2.8V5% 0.2x10 max /(10k//10pF)10% 1.0x10-6 max/year 9.0x10 to 15.0x10-6/+1.4V1V *2
-6 -6
* Frequency setting conditions 1. Frequencies are set at normal temperatures (+252C). 2. Frequencies are set with a printed board that has a ground pattern attached to the underside of an oscillator. * If you require a product with a different frequency, power supply voltage, frequency control characteristic, etc. to the standard specifications, please contact us with your enquiries. * Products with the AFC (Automatic Frequency Control) function are available. If you require such a product, please contact us. *1. A DC-cut capacitor is not embedded in this crystal oscillator. Connect a DC-cut capacitor (1,000 pF) to the line-out terminal of the oscillator. *2. This is a representative specification. The specifications may change according to the frequency that you request.
n Dimensions
mm
2.50.2 #4 #3 2.00.2
n List of Ordering Codes
Frequency (MHz) 13 19.2 26 Ordering Code NT2520SA-13M-NSA3400B NT2520SA-19.2M-NSA3400B NT2520SA-26M-NSA3400B
PAD No.
#1 #2 #3 #4
Connection
VCONT GND OUTPUT VCC
#1
#2
The above frequencies are NDK' s standard frequencies. Frequencies other than the above are available. Feel free to contact our sales representatives.
Reference land pattern 1.450.2 #1 (0.2x0.2) #2 0.70.1 2.1 0.375 0.375 0.275 0.275 0.9 #4 0.450.1 #3 0.650.2 0.9
0.60.1
co09_071108_NT2520SA_e1


▲Up To Search▲   

 
Price & Availability of NT2520SA-192M-NSA3400B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X