Part Number Hot Search : 
EPC25 KTC3535T 30100 BU1006A 73600 9010D 40011 AN3318
Product Description
Full Text Search
 

To Download MK12-1A84C-500W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MK12 Series
Reed Sensors with Screw Fastening Mounting Holes
MEDER electronic
DESCRIPTION
MK12 sensors are magnetically operated Reed Sensors designed for screw mounting. The larger casing permits the use of higher rated switches. The sensor should be mounted on a fixed surface with the actuating magnet on the moving surface. Introduction or removal of the magnetic field determines the closing and opening of the Reed Switch.
APPLICATIONS
* Position and limit switch Pneumatic or hydraulic actuator position * End motion detection for linear drive Indication and end travel limit switch * Machine industry End motion detection and door/flap control
FEATURES
* Form A, B, and C available * High power switches available * Other cables, connectors and colors available * Various case sizes available * Five operate sensitivities available * A choice of cable terminations and lengths are available
All dimensions in mm [inches]
DIMENSIONS
www.meder.com
230
MEDER electronic
MK12 Series
Reed Sensors with Screw Fastening Mounting Holes
ORDER INFORMATION
Series MK12 Contact Form XX Switch Model XX 66 1 Form A Options 1 Form B 1 Form C 84 C, D, E 90 500 * W Magnetic Sensitivity XB, C, D, E Cable length (mm) XXX
Part Number Example
Termination X
MK12 - 1A66 C - 500
W
1A is the contact form 66 is the switch model C is the magnetic sensitivity 500 is the cable length (mm) W is the termination
* Other cable lengths available
MAGNETIC SENSITIVITY
Sensitivity Class Pull-in At Range
B C D E
10 - 15 15 - 20 20 - 25 25 - 30
TERMINATION
For wire and termination details please consult factory. Form C version requires 3 conductors.
W
The cable cut length includes: 5mm of wire stripped and tinned
www.meder.com
231
MK12 Series
Reed Sensors with Screw Fastening Mounting Holes
MEDER electronic
CONTACT DATA
All Data at 20 C Contact Ratings
Switching Power Switching Voltage Switching Current Carry Current Static Contact Resistance Dynamic Contact Resistance Insulation Resistance across Contacts Breakdown Voltage across Contact Operation Time incl. Bounce Release Time Capacitance Contact Operation ** Must Operate Condition Must Release Condition Environmental Data Shock Resistance Vibration Resistance Ambient Temperature Stock Temperature Soldering Temperature 1/2 sinus wave duration 11 ms From 10 - 2000 Hz 10C/ minute max. allowable 10C/ minute max. allowable 5 sec. dwell -20 -35 50 20 85 85 260 -20 -35 50 20 85 85 260 g g
o
Switch Model Contact Form Conditions
Any DC combination of V & A not to exceed their individual max.`s DC or peak AC DC or peak AC DC or peak AC w/ 0.5 V & 10mA Measured w/ 0.5 V & 50 mA , 1.5 ms after closure 100 volts applied Voltage applied for 60 sec. min. Measured w/ 100 % overdrive Measured w/ no coil suppression at 10 kHz cross contact
Switch 66 Form A
Switch 84 Form A
Min. Typ. Max. Min. Typ. Max. Units
10 200 0.5 1.25 150 200 1010 *
225 *
10 400 0.5 1.0 150 200 1011
700
W V A A m m VDC
0.5 0.1 0.2 0.7
2.0 0.1
ms ms pF
Steady state field Steady state field
10 4
30 27
15 6
30 27
AT AT
C C C
o
o
Please note: The indicated electrical data are maximum values and can vary downwards when using a more sensitive switch. * Insulation resistance of 1012 and breakdown voltage of 480 VDC is available. ** These ranges refer to the uncut / unmodified Reed Switches described in our Reed Switch section. Consult factory if more detail is required.
www.meder.com
232
MEDER electronic
MK12 Series
Reed Sensors with Screw Fastening Mounting Holes
CONTACT DATA
All Data at 20 C Contact Ratings
Switching Power Switching Voltage Switching Current Carry Current Static Contact Resistance Dynamic Contact Resistance Insulation Resistance across Contacts Breakdown Voltage across Contact Operation Time incl. Bounce Release Time Capacitance Contact Operation * Must Operate Condition Must Release Condition Environmental Data Shock Resistance Vibration Resistance Ambient Temperature Stock Temperature Soldering Temperature 1/2 sinus wave duration 11 ms From 10 - 2000 Hz 10C/ minute max. allowable 10C/ minute max. allowable 5 sec. dwell -20 -35 50 20 85 85 260 g g
o
Switch Model Contact Form Conditions
Any DC combination of V & A not to exceed their individual max.`s DC or peak AC DC or peak AC DC or peak AC w/ 0.5 V & 10 mA Measured w/ 0.5 V & 50 mA , 1.5 ms after closure 100 volts applied Voltage applied for 60 sec. min. Measured w/ 100 % overdrive Measured w/ no coil suppression at 10 kHz cross contact
Switch 90 Form B / C Min. Typ. Max. Units
3 175 0.25 1.2 150 250 109
200
W V A A m m VDC
0.7 1.5 1.0
ms ms pF
Steady state field Steady state field
10 4
35 30
AT AT
C C C
o
o
Please note: The indicated electrical data are maximum values and can vary downwards when using a more sensitive switch. * These ranges refer to the uncut / unmodified Reed Switches described in our Reed Switch section. Consult factory if more detail is required.
www.meder.com
233


▲Up To Search▲   

 
Price & Availability of MK12-1A84C-500W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X