Part Number Hot Search : 
0TRPBF 2N6576 R3119N 70280 3PMT130A SLD10VCA PC35005 BAT32
Product Description
Full Text Search
 

To Download MB151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MB1505
THRU
MB1510
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
15.0 Amperes
MB-15
FEATURES
* Superior thermal design * 300 amperes surge capability * Mounting: Hole thru for #8 screw * 1/4" universal faston terminal
HOLE FOR NO. 8 SCREW
1.181(30.0) 1.102(28.0)
.673(17.1) .633(16.1)
.452 MAX. (11.5) .480(12.2) .425(10.8)
AC
+
.673(17.1) .633(16.1)
AC
.732(18.6) .692(17.6)
1.181(30.0) 1.102(28.0)
.582(14.8) .543(13.8)
.033X.250 (0.8X6.4)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Tc=55 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage Drop per Bridge Element at 7.5AD.C. Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Operating Temperature Range, TJ Storage Temperature Range, TSTG Ta=100 C
MB1505
MB151
MB152
MB154
MB156
MB158 MB1510 UNITS
50 35 50
100 70 100
200 140 200
400 280 400 15 300 1.1 10 -65 -65 500 +125 +150
600 420 600
800 560 800
1000 700 1000
V V V A A V A A C C
RATING AND CHARACTERISTIC CURVES (MB1505 THRU MB1510)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
15
Single Phase Half Wave 60Hz Resistive Or Inductive Load
FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
500
AVERAGE FORWARD CURRENT,(A)
400
10
300
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
5
200
100
0
25
50
75
100 125
150
175
CASE TEMPERATURE,( C)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL FORWARD CHARACTERISTICS 50
INSTANTANEOUS FORWARD CURRENT,(A)
FIG.4-TYPICAL REVERSE CHARACTERISTICS 50
10 3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
REVERSE LEAKAGE CURRENT, ( A)
10 3.0 1.0
0.1
0.1
Tj=25 C
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
.01
0
20
40
60
80
100 120 140
FORWARD VOLT AGE,(V)
PERCENT OF RATED PEAK REVERSE VOLT AGE, (%)


▲Up To Search▲   

 
Price & Availability of MB151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X