Part Number Hot Search : 
A3350 NTE7102 PA100 SB3030 IC16F PA100 AD7980 65831AP
Product Description
Full Text Search
 

To Download MAAV-008988-DIE000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAAV-008988-PKG003
Attenuator, Voltage Variable 2.0--15.5 GHz
Features
* * * * * * *
35 dBm Input IP3 4.5 dB insertion Loss 31 dB Attenuation Range 12 dB Return Losses 3 mm, 16 Lead QFN Package RoHS Compliant MSL 1
M/A-COM Products
Advanced: Rev. A
Product Drawing
NC NC NC NC
NC NC RF In GND
YYWW V8988 XXX MACOM
NC NC V1 V2
NC NC RF Out GND
Description
The MAAV-008988-PKG003 is a broadband Voltage Variable Attenuator for applications requiring high dynamic range and linearity. This VVA is unidirectional. The designated input must be used to achieve the P1dB and IP3 performance over the attenuation range. The RoHS compliant QFN package is compatible with 260oC reflow temperatures and has an MSL 1 rating. The MTTF is greater than 1,000,000 hours over the full operating temperature range of -40 to +85oC.
Electrical Specifications: Z0 = 50
Parameter Bandwidth Insertion Loss Attenuation Range Input Return Loss Output Return Loss Input IP3 Input P1dB Control Voltages Units GHz dB dB dB dB dBm dBm V Typical 2.0-15.5 4.5 31 12 12 35 28 0 to -3
Absolute Maximum Ratings
Parameter Storage Temperature Case Temperature Junction Temperature Input Power Control Voltages ESD Level (HBM) Absolute Maximum -55C to +150C -40C to +85C +150C +32 dBm 0 to -6V 250V
Ordering Information
Part Number MAAV-008988-PKG003 MAAV-008988-SMB003 MAAV-008988-DIE000 Package 3 mm, 16 Lead QFN Evaluation Sample Board Bare Die
Minimum attenuation at V1=0V and V2=-3V Maximum attenuation at V1=-3V and V2=0V
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for * North America Tel: 800.366.2266 / Fax: 978.366.2266 development. Performance is based on target specifications, simulated results, and/or prototype * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under developVisit www.macom.com for additional data sheets and product information. ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or volume is not guaranteed.
information contained herein without notice.
MAAV-008988-PKG003
Attenuator, Voltage Variable 2.0--15.5 GHz
Outline Drawing M/A-COM Products
Advanced: Rev. A
Dimensions are in mm (inches)
Pin Designations
16 15 14 13
Pin 1 Function NC NC RF In GND NC V1 V2 NC Pin 9 10 11 12 13 14 15 16 Function GND RF Out NC NC NC NC NC NC
1 2 3 4
YYWW V8988 XXX MACOM
6 7 5 8
2
12 11 10 9
3 4 5 6 7 8
Exposed pad on bottom is ground
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for * North America Tel: 800.366.2266 / Fax: 978.366.2266 development. Performance is based on target specifications, simulated results, and/or prototype * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under developVisit www.macom.com for additional data sheets and product information. ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or volume is not guaranteed.
information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAAV-008988-DIE000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X