Part Number Hot Search : 
HS202DR MAX394 40011 04598484 REF19 LT455IW GE272K XC31B
Product Description
Full Text Search
 

To Download M5010014F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 series M50
50-100Amp * SCR/Diode Modules
The M50 Series modules utilize highly efficient thermal management to provide high surge capability, long lifetime and reliable performance. Available in eight standard circuits, all models come in an industry standard package, provide 2500Vrms from all terminals to the baseplate and are UL recognized E72445.
# Over 40KW Output Capability
Electrical Specifications
ID Maximum DC Output Current @ Tc = 85C (A) Maximum Voltage Drop @ Amps Peak Operating Junction Temperature Range
M5050 50 1.7V @ 50A
M50100 100 1.4V @ 100A
Mechanical Dimensions
All dimensions are in inches (millimeters)
1.625 (41.2) .475 (12.1) .815 (20.7) .875 (22.2) 1.070 (27.2) .535 (13.6) 1.750 (44.4)
VF TJ
-40C to +125C 100 500 400 (120Vac) 600 (240Vac) 800 (280Vac) 1000 (380Vac) 1200 (480Vac) 600 1500 150 3.0 0.5W 5.0V 0.7C/W 0.36C/W 1500 9350
Critical Rate of Rise of On-State di/dt Current @ TJ=125C (A/s) dv/dt Critical Rate of Rise of Off-State Voltage VRMS Repetitive Peak Reverse Voltage (AC Line Input Voltage)
ITSM
1.880 (47.7) .250 X .032 THK. 4 PLCS. 10-32 SCREW 4 PLCS. 1.365 (34.6) 1.055 1.140 (26.8) (29.0) MOUNTING HOLE/SLOT 0.20 (5.1) DIA.
I2T IGT VGT
Maximum Non-Repetitive Surge Current (A) [ 1/2Cycle, 60Hz] Maximum I2T for Fusing (A2sec) [t=8.3ms] Maximum Required Gate Current to Trigger @ 25C (mA) Maximum Required Gate Voltage to Trigger @ 25C (V)
PG(AV) Average Gate Power
2.265 (57.5)
VGM ROJC VISOL
Maximum Peak Gate Voltage (Reverse) Maximum Thermal Resistance Junction to Ceramic Base per Chip Isolation Voltage
2500 VRMS
Mechanical Specifications
Weight (Typical) 4.5 oz. (158g)
ISO9001 C E R T I F I E D
Competitive part number cross-reference available at:
www.cynergy3.com
ASIA - Thailand Telephone +66 (0)2 665 2517 Fax +66 (0)2 665 2588 Cynergy 3 Components, Asia 18/8 Fico Place 12th Floor Soi Sukhumvit 21 (Asoke) Klongtoey Nua, Wattana Bangkok, Thailand 10110
Approvals
UL - E72445
USA Sales & Tech Support (866) 258-5057 Email: sales@cynergy3.com Cynergy3 Components 2320 Paseo de las Americas, Suite 104 San Diego, CA 92154
EUROPE - UK Telephone +44 (0) 1202 897969 Fax +44 (0) 1202 891918 Email: sales@cynergy3.com Cynergy3 Components Ltd. 7 Cobham Road Ferndown Industrial Estate Wimborne, Dorset BH21 7PE
(c) 2006 Cynergy3 components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 components and the Cynergy3 components logo are trademarks of Cynergy3 components Corp.
series M50
50-100Amp * SCR/Diode Modules
Part Number Indentification
Series M50 Current 50 - 50 Amps 100 - 100 Amps Circuit Type 1-8 (see schematic diagrams) AC Line Voltage 1 - 120 Vac 2 - 240 Vac 3 - 280 Vac 4 - 380 Vac 5 - 480 Vac Options* F - Free Wheeling Diode V - External Suppressor
Example: M505012FV
AC1 G1 G2
+
AC1 G1 G2
--
G1
G2 G2 AC G1
-+ -G1 G2
1
AC2
5
+
AC2 G1
-+
AC2
--
+ +
G2
AC
AC1
AC1 G1
-G2
AC1
2
AC2
G1
G2
6
+
AC1
-+
G4 G2 G3 G1
AC2
-G1 G2
AC2
+
AC1
AC2 G2 G4 G3
-G1
AC1 G1
+
G2
3
AC2
7
AC1
-G1
AC1
+
+ AC2 AC2
+
AC1 G2 G2 G1
AC2
G2
AC
-G2
4
AC1
8
AC2
AC
AC2
AC1
--
+
+
ISO9001 C E R T I F I E D
Competitive part number cross-reference available at:
www.cynergy3.com
ASIA - Thailand Telephone +66 (0)2 665 2517 Fax +66 (0)2 665 2588 Cynergy 3 Components, Asia 18/8 Fico Place 12th Floor Soi Sukhumvit 21 (Asoke) Klongtoey Nua, Wattana Bangkok, Thailand 10110
Approvals
UL - E72445
USA Sales & Tech Support (866) 258-5057 Email: sales@cynergy3.com Cynergy3 Components 2320 Paseo de las Americas, Suite 104 San Diego, CA 92154
EUROPE - UK Telephone +44 (0) 1202 897969 Fax +44 (0) 1202 891918 Email: sales@cynergy3.com Cynergy3 Components Ltd. 7 Cobham Road Ferndown Industrial Estate Wimborne, Dorset BH21 7PE
(c) 2006 Cynergy3 components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 components and the Cynergy3 components logo are trademarks of Cynergy3 components Corp.


▲Up To Search▲   

 
Price & Availability of M5010014F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X