Part Number Hot Search : 
1M10V4 FAN3224 07K010 00003 YELLOW AX200 KA2811 ICL766
Product Description
Full Text Search
 

To Download LUG39D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
LUG39D
www.SunLED.com
T-1 (3mm) SOLID STATE LAMP
Features
LOW POWER CONSUMPTION. POPULAR T-1 DIAMETER PACKAGE. GENERAL PURPOSE LEADS. RELIABLE AND RUGGED. LONG LIFE - SOLID STATE RELIABILITY. AVAILABLE ON TAPE AND REEL. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] Lead Solder Temperature [5mm Below Package Base] VR IF iFS PT TA Tstg UG (GaP) 5 25 140 62.5 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR UG (GaP) 2.0 2.5 10 Unit V V uA
P
565
nm
D
568
nm
260C For 3 Seconds 260C For 5 Seconds
30
nm
C
15
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=10mA) mcd min. typ. 14
Wavelength nm P
Viewing Angle 2 1/2
LUG39D
Green
GaP
Green Diffused
8
565
60
Published Date : MAR 18,2008
Drawing No :SDSA2778
V4
Checked : B.L.LIU
P.1/4
Part Number:
LUG39D
www.SunLED.com
T-1 (3mm) SOLID STATE LAMP
UG
Published Date : MAR 18,2008
Drawing No :SDSA2778
V4
Checked : B.L.LIU
P.2/4
Part Number:
LUG39D
www.SunLED.com
T-1 (3mm) SOLID STATE LAMP
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 18,2008
Drawing No :SDSA2778
V4
Checked : B.L.LIU
P.3/4
Part Number:
LUG39D
www.SunLED.com
T-1 (3mm) SOLID STATE LAMP
PACKING & LABEL SPECIFICATIONS
LUG39D
Published Date : MAR 18,2008
Drawing No :SDSA2778
V4
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of LUG39D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X