Part Number Hot Search : 
CPC1967 2SA1411 CTS02M SPX29 S2744 CPC1967 2SA1411 6448TDHH
Product Description
Full Text Search
 

To Download LMDG01W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.SunLED.com
Part Number:
LMDG01W
10mm SOLID STATE LAMP
Features
10mm DIAMETER BIG LAMP. I.C. COMPATIBLE. RELIABLE AND RUGGED. LONG LIFE - SOLID STATE RELIABILITY. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] Lead Solder Temperature [5mm Below Package Base] VR IF iFS PT TA Tstg MDG (InGaAlP) 5 30 150 75 -40 ~ +85 -40 ~ +85 Operating Characteristics (TA=25C) Unit V mA mA mW C Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR MDG (InGaAlP) 1.9 2.5 10
Unit V V uA
P
640
nm
D
630
nm
260C For 3 Seconds 260C For 5 Seconds
22
nm
C
45
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 4490
Wavelength nm P
Viewing Angle 2 1/2
LMDG01W
Red
InGaAlP
Water Clear
2500
640
15
Published Date : MAR 22,2008
Drawing No : SDSA4811
V3
Checked : B.L.LIU
P.1/4
www.SunLED.com
Part Number:
LMDG01W
10mm SOLID STATE LAMP
MDG
MDG
Published Date : MAR 22,2008
Drawing No : SDSA4811
V3
Checked : B.L.LIU
P.2/4
www.SunLED.com
Part Number:
LMDG01W
10mm SOLID STATE LAMP
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 22,2008
Drawing No : SDSA4811
V3
Checked : B.L.LIU
P.3/4
www.SunLED.com
Part Number:
LMDG01W
10mm SOLID STATE LAMP
PACKING & LABEL SPECIFICATIONS
LMDG01W
Published Date : MAR 22,2008
Drawing No : SDSA4811
V3
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of LMDG01W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X