Part Number Hot Search : 
IDT7226 1C330M 36041 A1005 3DD130 A5201 87759 RP730060
Product Description
Full Text Search
 

To Download LBT11541 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
115MHz SAW Filter 5.6MHz Bandwidth
Part Number: LBT11541
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 18dB Bandwidth 40 dB Bandwidth 50 dB Bandwidth Passband Variation Absolute Delay Group Delay Variation(f02.5MHz) Ultimate Rejection Material Temperature coefficient Ambient Temperature Package Size
Unit
MHz dB MHz MHz MHz MHz MHz dB usec
Minimum
114.92
Typical
115 26.6 5.42
Maximum
115.08 27 6.2 6.6 7 1.5 200
5.6 45
5.63 6.13 6.39 6.45 0.9 3.7676 100 49 -2.07 25
nsec dB
KHz/C C
DIP2712 (27.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
INPUT 50 C1
L1
L2
OUTPUT 50 C2
L1=47nH
L2=56nH
C1=C2=36pF Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBT11541 2005-9-23 1.0 Page 1/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
115MHz SAW Filter 5.6MHz Bandwidth
Part Number: LBT11541
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
27.000.5 12.800.5 4.7 4.5
0.450.05 2.540.2 7.620.2
3 6
2 1
4 5
17.700.2
2.540.2
Input:1 Output:5
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBT11541 2005-9-23 1.0 Page 2/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
115MHz SAW Filter 5.6MHz Bandwidth
Part Number: LBT11541
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
-26.6369
-22
Passband Respond
-36.6369
-23
-46.6369
-24
-25
-56.6369
-26
-66.6369
-27
-76.6369
-28
-86.6369
-29
-30
-96.6369
-31
-106.6369
105
107.5
110
112.5
115
117.5
120
122.5
125
110
111
112
113
114
115
116
117
118
119
120
Group Delay Variation(f02.5MHz)
Phase Linearity(f02.5MHz)
Smith Chart S11
Smith Chart S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBT11541 2005-9-23 1.0 Page 3/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBT11541

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X