Part Number Hot Search : 
122403 HC4017 TW8824 BCR3K B15A45VI FOD410 D100L ST180S04
Product Description
Full Text Search
 

To Download LBT11501L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
115MHz SAW Filter 2MHz Bandwidth
Part Number: LBT11501L
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 40 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection Material Temperature coefficient Ambient Temperature Package Size
Unit
MHz dB MHz MHz MHz dB usec
Minimum
114.95 1.5 40
Typical
115 8.3 1.24 1.7 3.38 0.4 1.6 42 -2.07 25 SMD19*6.5
Maximum
115.05 10 4 1 -
dB
KHz/C C
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
INPUT 50 L1 L2
OUTPUT 50
L1=33nH
L2=27nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBT11501L 2007-1-31 1.0 Page 1/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
115MHz SAW Filter 2MHz Bandwidth
Part Number: LBT11501L
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
10
9
8
7
6
6.50
1
2
3 19.00
4
5
1.0 1.75
(8 Places)
1.905 1 2 3 4
1.02 5
(10 Places)
1.70
10
9
8
7
6
Input Output Ground
10 5 1,2,3,4,6,7,8,9
Package: SMD19*6.5
Unit: mm
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBT11501L 2007-1-31 1.0 Page 2/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
115MHz SAW Filter 2MHz Bandwidth
Part Number: LBT11501L
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
-8.3379
-6
Passband Respond
-6.5
-18.3379
-7
-28.3379
-7.5
-8
-38.3379
-8.5
-48.3379
-9
-58.3379
-9.5
-10
-68.3379
-10.5
-78.3379
107
109
111
113
115
117
119
121
123
125
114
114.2
114.4
114.6
114.8
115
115.2
115.4
115.6
115.8
116
Group Delay Variation(f00.7MHz)
Phase Linearity(f00.7MHz)
Smith Chart S11
Smith Chart S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBT11501L 2007-1-31 1.0 Page 3/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBT11501L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X