Part Number Hot Search : 
807DTRP KBPC35S CS4300U AS23AH 5L20C MBRB2 ON1406 ON2847
Product Description
Full Text Search
 

To Download LBS70A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
70MHz SAW Filter 2.1MHz Bandwidth
Part Number: LBS70A10
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 3 dB Bandwidth 35 dB Bandwidth 45 dB Bandwidth 50 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection Material Temperature coefficient Ambient Temperature Package Size
Unit
MHz dB MHz MHz MHz MHz dB usec
Minimum
69.95 2.05 50
Typical
70 25 2.1 2.83 2.94 3.08 0.5 3.35 52 0.07 25
Maximum
70.05 27 2.15 2.9 3.3 1.0 -
dB
KHz/C C
DIP3512 (35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=270nH L2=180nH L3=100nH Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBS70A10 2005-10-17 1.0 Page 1/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
70MHz SAW Filter 2.1MHz Bandwidth
Part Number: LBS70A10
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
35.000.5 12.800.5 4.7 4.5
0.450.05
2.540.2
7.620.2
3 6
2 1
4 5
25.400.2
2.540.2
Input:1 Output:4
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBS70A10 2005-10-17 1.0 Page 2/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
70MHz SAW Filter 2.1MHz Bandwidth
Part Number: LBS70A10
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
-23.3572
Passband Respond
-19
-33.3572
-20
-43.3572
-21 -22 -23
-53.3572
-63.3572
-24
-73.3572
-25
-83.3572
-26 -27 -28
66 67 68 69 70 71 72 73 74
-93.3572
68.5
69
69.5
70
70.5
71
71.5
Group Delay Variation(f01MHz)
Phase Linearity(f01MHz)
Smith Chart S11
Smith Chart S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBS70A10 2005-10-17 1.0 Page 3/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBS70A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X