Part Number Hot Search : 
MSK0021B AS2578B 11000101 E000477 WM8727 AN260 MIC5164 TDA7434
Product Description
Full Text Search
 

To Download LBC85XBDW1T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Dual General Purpose Transistors
These transistors are designed for general purpose amplifier applications. They are housed in the SOT-363/SC-88 which is designed for low power surface mount applications.
We declare that the material of product compliance with RoHS requirements.
LBC85XBDW1T1G
6 5 4
1 2 3
* Device Marking:
LBC856BDW1T1G= 3B LBC857BDW1T1G= 3F LBC857CDW1T1G= 3G LBC858BDW1T1G= 3K LBC858CDW1T1G = 3L
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Symbol VCEO VCBO VEBO IC BC856 -65 -80 -5.0 -100 BC857 -45 -50 -5.0 -100 BC858 -30 -30 -5.0 -100 Unit V V V mAdc (4) (3)
SOT-363
(2) (1)
Q1 Q2
(5)
(6)
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation Per Device FR-5 Board (Note 1.) TA = 25C Derate Above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Range 1. FR-5 = 1.0 x 0.75 x 0.062 in Symbol PD Max 380 250 Unit mW
DEVICE MARKING
See Table 3.0 RqJA TJ, Tstg 328 -55 to +150 mW/C C/W C
ORDERING INFORMATION
Device
LBC85XBDW1T1G LBC85XBDW1T3G
Shipping
3000/Tape & Reel 10000/Tape & Reel
1/6
LESHAN RADIO COMPANY, LTD.
LBC856BDW1T1G,LBC857BDW1T1G,LBC857CDW1T1G, LBC858BDW1T1G, L BC858CDW1T1G
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = -10 mA) LBC856 Series LBC857 Series LBC858 Series LBC856 Series LBC857 Series LBC858 Series V(BR)CBO LBC856 Series LBC857 Series LBC858 Series V(BR)EBO LBC856 Series LBC857 Series LBC858 Series ICBO -5.0 -5.0 -5.0 - - - - - - - - - - -15 -4.0 nA A -80 -50 -30 - - - - - - V V(BR)CEO -65 -45 -30 V(BR)CES -80 -50 -30 - - - - - - V - - - - - - V V
Collector-Emitter Breakdown Voltage (IC = -10 A, VEB = 0)
Collector-Base Breakdown Voltage (IC = -10 mA)
Emitter-Base Breakdown Voltage (IE = -1.0 mA)
Collector Cutoff Current (VCB = -30 V) Collector Cutoff Current (VCB = -30 V, TA = 150C)
ON CHARACTERISTICS
DC Current Gain (IC = -10 A, VCE = -5.0 V) hFE LBC856B, LBC857B, LBC858B LBC857C, LBC858C LBC856B, LBC857B, LBC858B LBC857C, LBC858C VCE(sat) - - VBE(sat) - - VBE(on) -0.6 - - - -0.75 -0.82 -0.7 -0.9 - - V - - -0.3 -0.65 V - - 220 420 150 270 290 520 - - 475 800 V -
(IC = -2.0 mA, VCE = -5.0 V)
Collector-Emitter Saturation Voltage (IC = -10 mA, IB = -0.5 mA) (IC = -100 mA, IB = -5.0 mA) Base-Emitter Saturation Voltage (IC = -10 mA, IB = -0.5 mA) (IC = -100 mA, IB = -5.0 mA) Base-Emitter On Voltage (IC = -2.0 mA, VCE = -5.0 V) (IC = -10 mA, VCE = -5.0 V)
SMALL-SIGNAL CHARACTERISTICS
Current-Gain - Bandwidth Product (IC = -10 mA, VCE = -5.0 Vdc, f = 100 MHz) Output Capacitance (VCB = -10 V, f = 1.0 MHz) Noise Figure (IC = -0.2 mA, VCE = -5.0 Vdc, RS = 2.0 k, f = 1.0 kHz, BW = 200 Hz) fT Cob NF 100 - - - - - - 4.5 10 MHz pF dB
2/6
LESHAN RADIO COMPANY, LTD.
LBC856BDW1T1G,LBC857BDW1T1G,LBC857CDW1T1G, LBC858BDW1T1G, L BC858CDW1T1G
TYPICAL CHARACTERISTICS - LBC856
-1.0 hFE , DC CURRENT GAIN (NORMALIZED) VCE = -5.0 V TA = 25C 2.0 1.0 0.5 0.2 -0.1 -0.2 -1.0 -2.0 -5.0 -10 -20 -50 -100 -200 IC, COLLECTOR CURRENT (AMP) V, VOLTAGE (VOLTS) TJ = 25C -0.8 -0.6 -0.4 -0.2 VCE(sat) @ IC/IB = 10 0 -0.2 -0.5 -50 -100 -200 -5.0 -10 -20 -1.0 -2.0 IC, COLLECTOR CURRENT (mA) VBE(sat) @ IC/IB = 10 VBE @ VCE = -5.0 V
Figure 1. DC Current Gain
-2.0 -1.6 -1.2 -0.8 -0.4 TJ = 25C 0 -0.02 -0.05 -0.1 -0.2 -0.5 -1.0 -2.0 IB, BASE CURRENT (mA) -5.0 -10 -20 IC = -10 mA -20 mA -50 mA -100 mA -200 mA -1.0 -1.4 -1.8 -2.2 -2.6 -3.0 -0.2
Figure 2. "On" Voltage
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
VB, TEMPERATURE COEFFICIENT (mV/ C)
VB for VBE
-55C to 125C
-0.5 -1.0
-50 -5.0 -10 -20 -2.0 IC, COLLECTOR CURRENT (mA)
-100 -200
Figure 3. Collector Saturation Region
Figure 4. Base-Emitter Temperature Coefficient
f T, CURRENT-GAIN - BANDWIDTH PRODUCT
40 TJ = 25C Cib
500 200 100 50 20
VCE = -5.0 V
C, CAPACITANCE (pF)
20
10 8.0 6.0 4.0 2.0 -0.1 -0.2 Cob
-0.5
-5.0 -10 -20 -1.0 -2.0 VR, REVERSE VOLTAGE (VOLTS)
-50 -100
-100 -1.0 -10 IC, COLLECTOR CURRENT (mA)
Figure 5. Capacitance
Figure 6. Current-Gain - Bandwidth Product
3/6
LESHAN RADIO COMP ANY, LTD.
LBC856BDW1T1G,LBC857BDW1T1G,LBC857CDW1T1G, LBC858BDW1T1G, L BC858CDW1T1G
TYPICAL CHARACTERISTICS - LBC857/LBC858
2.0 hFE , NORMALIZED DC CURRENT GAIN 1.5 1.0 0.7 0.5 VCE = -10 V TA = 25C V, VOLTAGE (VOLTS) -1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.2 -0.2 -0.5 -1.0 -2.0 -5.0 -10 -20 -50 IC, COLLECTOR CURRENT (mAdc) -100 -200 0 -0.1 -0.2 VCE(sat) @ IC/IB = 10 -0.5 -1.0 -2.0 -5.0 -10 -20 IC, COLLECTOR CURRENT (mAdc) -50 -100 VBE(on) @ VCE = -10 V TA = 25C VBE(sat) @ IC/IB = 10
0.3
Figure 7. Normalized DC Current Gain
-2.0 TA = 25C -1.6 -1.2 -0.8 -0.4 0 IC = -10 mA IC = -50 mA IC = -20 mA IC = -200 mA IC = -100 mA 1.0 VB , TEMPERATURE COEFFICIENT (mV/ C) 1.2 1.6 2.0 2.4 2.8
Figure 8. "Saturation" and "On" Voltages
VCE , COLLECTOR-EMITTER VOLTAGE (V)
-55C to +125C
-0.02
-0.1 -1.0 IB, BASE CURRENT (mA)
-10 -20
-0.2
-10 -1.0 IC, COLLECTOR CURRENT (mA)
-100
Figure 9. Collector Saturation Region
f T, CURRENT-GAIN - BANDWIDTH PRODUCT (MHz) 10 7.0 C, CAPACITANCE (pF) 5.0 3.0 2.0 Cob Cib TA = 25C 400 300 200 150 100 80 60 40 30 20 -0.5
Figure 10. Base-Emitter Temperature Coefficient
VCE = -10 V TA = 25C
1.0 -0.4 -0.6
-1.0
-2.0
-4.0 -6.0
-10
-20 -30 -40
-1.0
-2.0 -3.0
-5.0
-10
-20
-30
-50
VR, REVERSE VOLTAGE (VOLTS)
IC, COLLECTOR CURRENT (mAdc)
Figure 11. Capacitances
Figure 12. Current-Gain - Bandwidth Product
4/6
LESHAN RADIO COMPANY, LTD.
LBC856BDW1T1G,LBC857BDW1T1G,LBC857CDW1T1G, LBC858BDW1T1G, L BC858CDW1T1G
1.0 r(t), TRANSIENT THERMAL RESISTANCE (NORMALIZED) D = 0.5 0.2 0.1 0.05 0.02 0.01 0.01 P(pk) t1 t2 DUTY CYCLE, D = t1/t2 0.001 SINGLE PULSE 0 1.0 10 100 t, TIME (ms) 1.0 k 10 k 100 k 1.0 M ZJA(t) = r(t) RJA RJA = 328C/W MAX D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) - TC = P(pk) RJC(t)
0.1
Figure 13. Thermal Response
-200 IC, COLLECTOR CURRENT (mA) -100 -50 TA = 25C
1s TJ = 25C
3 ms The safe operating area curves indicate IC-VCE limits of the transistor that must be observed for reliable operation. Collector load lines for specific circuits must fall below the limits indicated by the applicable curve. The data of Figure 14 is based upon TJ(pk) = 150C; TC or TA is variable depending upon conditions. Pulse curves are valid for duty cycles to 10% provided TJ(pk) 150C. TJ(pk) may be calculated from the data in Figure 13. At high case or ambient temperatures, thermal limitations will reduce the power that can be handled to values less than the limitations imposed by the secondary breakdown.
-10 -5.0 -2.0 -1.0
BC558 BC557 BC556 BONDING WIRE LIMIT THERMAL LIMIT SECOND BREAKDOWN LIMIT -5.0 -10 -30 -45 -65 -100 VCE, COLLECTOR-EMITTER VOLTAGE (V)
Figure 14. Active Region Safe Operating Area
5/6
LESHAN RADIO COMPANY, LTD.
LBC856BDW1T1G,LBC857BDW1T1G,LBC857CDW1T1G, LBC858BDW1T1G, L BC858CDW1T1G
SC-88/SOT-363
NOTES:
A G 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM
6 5 4
S
1 2 3
-B-
D6PL
0.2 (0.008) M B N
M
J C
A B C D G H J K N S
INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.012 0.004 0.026 BSC --0.004 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087
MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.10 0.10 0.30 0.65 BSC --0.10 0.10 0.25 0.10 0.30 0 .20 REF 2.00 2.20
H
K
PIN 1. EMITTER 2 2. BASE 2 3. COLLECTOR 1 4.EMITTER 1 5. BASE 1 6.COLLECTOR 2
0.5 mm (min)
0.4 mm (min)
1.9 mm
0.65 mm 0.65 mm
6/6
LESHAN RADIO COMPANY, LTD.
EMBOSSED TAPE AND REEL DATA FOR DISCRETES
T Max Outside Dimension Measured at Edge 13.0mm 0.5mm 1.5mm Min (.512 .002'') (.06'') A
20.2mm Min (.795'')
50mm Min (1.969'')
Full Radius
G Inside Dimension Measured Near Hub
Size 8 mm
A Max 330mm (12.992'')
G 8.4mm+1.5mm, -0.0 (.33''+.059'', -0.00)
T Max 14.4mm (.56'')
Reel Dimensions
Metric Dimensions Govern -- English are in parentheses for reference only
Storage Conditions Temperature: 5 to 40 Deg.C (20 to 30 Deg. C is preferred) Humidity: 30 to 80 RH (40 to 60 is preferred ) Recommended Period: One year after manufacturing (This recommended period is for the soldering condition only. The characteristics and reliabilities of the products are not restricted to this limitation)
LESHAN RADIO COMPANY, LTD.
Shipment Specification
CPN
LABEL LABEL
LABEL 10Reel/Inner Box 30KPCS/Inner Box
Dim(Unit:mm)
195mm*195mm*150mm
10 Reel
3000PCS/Reel 8000PCS/Reel (SOT-723,SOD-723)
80KPCS/Inner Box (SOT-723,SOD-723)
Dim(Unit:mm)
460mm*400mm*420mm
LABEL
MARK
Leshan Radio Company,Ltd.
12 Inner Box/Carton 360KPCS/Carton
960KPCS/Carton (SOT-723,SOD-723)


▲Up To Search▲   

 
Price & Availability of LBC85XBDW1T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X