Part Number Hot Search : 
AD835 CP0508 BSP308 2RS18SG IRHNJ57 Y27SS0 ANYAAMDA BA182
Product Description
Full Text Search
 

To Download ITR8403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Data Sheet Opto Interrupter
ITR8403
Features
Fast response time High analytic Cut-off visible wavelength p=940nm High sensitivity Pb free This product itself will remain within RoHS compliant version.
Descriptions
The ITR8403 consist of an infrared emitting diode and an NPN silicon phototransistor, encased side-by-side on converging optical axis in a black thermoplastic housing . The phototransistor receives radiation from the IRED only .This is the normal situation. But when an object is in between , phototransistor could not receives the radiation. For additional component information , please refer to IR928-6C and PT928-6C
Applications
Mouse Copier Switch Scanner Floppy disk driver Non-contact Switching For Direct Board
Device Selection Guide
Device No. IR928-6C PT928-6C Chip Material GaAlAs Silicon LENS COLOR Water clear Water clear
Everlight Electronics Co., Ltd. Device NoCDRX-840-008
http:\\www.everlight.com Prepared date2006/5/9
Rev 1
Page: 1 of 7
Prepared byFealty zhu
ITR8403
Package Dimensions
Notes: 1.All dimensions are in millimeters 2.Tolerances unless dimensions 0.2mm
Everlight Electronics Co., Ltd. Device NoCDRX-840-008
http:\\www.everlight.com Prepared date2006/5/9
Rev 1
Page: 2 of 7
Prepared byFealty zhu
ITR8403
Absolute Maximum Ratings (Ta=25)
Parameter Power Dissipation at(or below) 25 Free Air Temperature Input Reverse Voltage Forward Current Peak Forward Current (*1) Pulse width 100s, Duty cycle=1% Collector Power Dissipation Output Collector Current Collector-Emitter Voltage Emitter-Collector Voltage Operating Temperature Storage Temperature Lead Soldering Temperature (*2) (1/16 inch form body for 5 seconds) (*1) tw=100 sec. , T=10 msec. Parameter Forward Voltage Input Reverse Current Peak Wavelength View Angle Dark Current Output C-E Saturation Voltage Collect Current Transfer Rise time Characteristics Fall time Symbol VF1 VF2 VF3 IR P 21/2 ICEO VCE(sat) IC(ON) tr tf Symbol PD VR IF IFP PC IC B VCEO B VECO Topr Tstg Tsol (*2) t=5 Sec Max. 1.6 1.85 4.0 10 ----100 0.4
---
Ratings 75 5 50
Unit mW V mA A mW mA V V
1
75 20 30 5 -25~+85 -40~+85 260
Electro-Optical Characteristics (Ta=25)
Min. Typ. ----------------0.5 ----1.2 1.4 2.6 --940 40 -----
Unit V A nm Deg nA V mA sec sec
Conditions IF=20mA
IF=100mA,tp=100s,tp/T=0.01 IF=1A,tp=100s,tp/T=0.01
VR=5V IF=20mA IF=20mA VCE=20V,Ee=0mW/cm2 IC=2mA ,Ee=1mW/cm2 VCE=5V IF=20mA VCE=5V IC=1mA RL=1K
---
15 15
-----
Everlight Electronics Co., Ltd. Device NoCDRX-840-008
http:\\www.everlight.com Prepared date2006/5/9
Rev 1
Page: 3 of 7
Prepared byFealty zhu
ITR8403
Typical Electrical/Optical/Characteristics Curves for IR
Fig.1 Forward Current vs. Ambient Temperature 70
60 50 40 30 20 10
0
20 0 80 60 40
Fig.2 Spectral Distribution
100 IF=20mA Ta=25C
-40 -20 0
20 40
60
80
100
Fig.5 Relative Intensity vs. Forward Current
1000
Ie-Radiant Intensity(mW/sr)
Fig.6 Relative Radiant Intensity vs. Angular Displacement
-20 -10 0 10 20 30
100
1.0
10
40 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4 0.6
0.9 0.8 0.7
0
10
0
10
1
10
2
10
3
10 4
IF-Forward Current (mA)
Fig.7 Relative Intensity vs. Ambient Temperature(C)
15
Ie-Radiant Intensity (mW/sr)
Fig.8 Forward Current vs. Ambient Temperature(C)
1.3
10
IF=20mA
1.2
IF=20mA
5
1.1
0
25 50 75 100 120
1
25 50 75 100 120
Everlight Electronics Co., Ltd. Device NoCDRX-840-008
http:\\www.everlight.com Prepared date2006/5/9
Rev 1
Page: 4 of 7
Prepared byFealty zhu
ITR8403
Typical Electrical/Optical/Characteristics Curves for PT
Fig.1Collector Power Dissipation vs. Ambient Temperature
100 80 60 40 20 0
Fig.2 Spectral Sensitivity
1.0 Ta=25 C 0.8 0.6 0.4 0.2 0
-25
0
25
50
75 85 100
100 300 500 700 900 1100 1300
Fig.3 Relative Collector Current vs. Ambient Temperature
160 140 120 100 80 60 40 20 0 0 10 20 30 40 50 60 70
2
Fig.4 Collector Current vs. Irradiance
100 C 10 1 0.1 0.01 0.5
1
1.5
2
3
Fig.5 Collector Dark Current vs. Ambient Temperature
10
Fig.6 Collector Current vs. Collector-Emitter Voltage
14 12
10 10
10 8 6
10 10 0 25 50 75 100
4 2 0 0 1 2 3 4
Everlight Electronics Co., Ltd. Device NoCDRX-840-008
http:\\www.everlight.com Prepared date2006/5/9
Rev 1
Page: 5 of 7
Prepared byFealty zhu
ITR8403
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below. Confidence level90% LTPD10% NO. Item Test Condition Test Sample Hours/ Size Cycle Failure Judgement Criteria Ac/Re
1
Solder Heat
TEMP : 260 5
5 sec
More than 90% of lead to 22 PCs be covered by soldering
0/1
H : +100
15 mins 5 min
2
Temperature Cycle
L : -40 H : +100
300 cycle
22 PCs
IC(ON)Lx0.8
0/1
15 min 5 min
3
Thermal Shock
L : -10
10 sec
5 min
300 cycle
22 PCs
L :the initial test value
0/1
4 5 6 7
High Temperature TEMP. : +100 Storage Low Temperature TEMP. : -40 Storage DC Operating Life
VCE=5V IF=20mA
1000 hrs 1000 hrs 1000 hrs 1000 hrs
22 PCs 22 PCs 22 PCs 22 PCs
0/1 0/1 0/1 0/1
High Temperature / 85 / 85% R.H. High Humidity
Everlight Electronics Co., Ltd. Device NoCDRX-840-008
http:\\www.everlight.com Prepared date2006/5/9
Rev 1
Page: 6 of 7
Prepared byFealty zhu
ITR8403
Packing Quantity Specification
1. 38Pcs/Tube,42Tube/Box,4Box/Catch
Label Form Specification
CPN: Customer's Production Number P/N : Production Number QTY: Packing Quantity CAT: Ranks HUE: Peak Wavelength REF: Reference LOT No: Lot Number
ITR8403
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
Everlight Electronics Co., Ltd. Device NoCDRX-840-008
http:\\www.everlight.com Prepared date2006/5/9
Rev 1
Page: 7 of 7
Prepared byFealty zhu


▲Up To Search▲   

 
Price & Availability of ITR8403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X