Part Number Hot Search : 
CXD2401R A6812SA BPC2508 TT425N MC74AC TS2GSDG MC74AC R100KL
Product Description
Full Text Search
 

To Download IN4936 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
Mechanical Dimensions
JEDEC D0-41
.080 .107 .205 .160 1.00 Min.
Description
1N4933 . . . 37 Series
.031 typ.
Features
n FAST SWITCHING FOR HIGH EFFICIENCY n HIGH SURGE CAPABILITY n 1.0 AMP OPERATION @ TA = 55C, WITH NO THERMAL RUNAWAY n MEETS UL SPECIFICATION 94V-0
1N4933 . . . 37 Series Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) TA = 55C Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Current & Temp Operating & Storage Temperature Range...TJ, TSTRG Electrical Characteristics Maximum Forward Voltage @ 1.0A...VF Maximum DC Reverse Current...IR @ Rated DC Blocking Voltage @ @ 25C 100C ............................................. 1.2 ............................................... 1N4933 50 35 50 1N4934 100 70 100 1N4935 200 140 200 IN4936 400 280 400 IN4937 600 420 600
Units
Volts Volts Volts Amps
............................................. 1.0 ...............................................
............................................. 30 ...............................................
Amps C
........................................ -65 to 150 .........................................
Volts
............................................. 5.0 ............................................... Amps ............................................. 100 ............................................... Amps ............................................. 1 2 ............................................... ............................................. 200 ............................................... pF ns
Typical Junction Capacitance...CJ (Note 1) Maximum Reverse Recovery Time...tRR Page 4-2
Data Sheet
1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
Non-Repetitive Peak Forward Surge Current
Forward Current Derating Curve Peak Forward Surge Current (A) Average Forward Current (A) 1.5 100
1.0
10
.5
0
25 50 75 100 125 150 175 Ambient Temperature (C)
1
1
10
100
1000
Number of Cycles @ 60 Hz
Typical Instantaneous Forward Characteristics 10 Forward Current (A) 100 50
Typical Junction Capacitance Junction Capacitance (pF)
1
TJ = 25C
10
.1
TJ = 25C
1
.01 .6
.8 1.0 1.2 Forward Voltage (V)
1.4
.1
1
10
100
Reverse Voltage (V)
Non-Inductive (+) (-) 50 25 VDC D.U.T 1 NonInductive 10 (-)
Pulse Generator Note 2
+.5A
Reverse Recovery Characteristics tRR
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 Hz Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Oscilliscope (+) Note 1
0A -.25A
Notes: 1. Rise Time = 7 ns Max. Impedance = 1 megohm, 22 pF 2. Rise Time = 10 ns Max. Source Impedance = 50 Ohms
-1.0A
1 cm Time Base Set @ 50/100ns/cm
NOTES: 1. Measured @ 1 MHz and applied reverse voltage of 4.0V. 2. Thermal Resistance Junction to Ambient, Jedec Method.
Page 4-3
1N4933 . . . 37 Series


▲Up To Search▲   

 
Price & Availability of IN4936

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X