Part Number Hot Search : 
74HC174D MIC2290 MIC2290 18TRU DG643DY XR47K165 Y7C106 1N5229A
Product Description
Full Text Search
 

To Download HER304-UF5403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER301/UF5400 THRU HER308/UF5408
3.0 AMPS. HIGH EFFICIENT RECTIFIERS
Voltage Range 50 to 1000 Volts Current 3.0 Amperes
DO-201AD
Features
*Low forward voltage drop *High current capability *High reliability *High surge current capability .220(5.6) .197(5.0) DIA. 1.0(25.4) MIN.
Mechanical Data
*Cases:Molded plastic *Epoxy:UL 94V-O rate flame retardant *Lead:Axial leads,solderable per MIL-
.375(9.5) .335(8.5)
STD-202,Method 208 guaranteed
*Polarity:Color band denotes cathode end *High temperature soldering guaranteed:
2500C/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension *Weight:1.2 grams
1.0(25.4) MIN. .052(1.3) .048(1.2) DIA. Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
o
Type Number
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified o Current .375"(9.5mm) Lead Length @TA = 55 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) Maximum Instantaneous Forward Voltage @3.0A Maximun DC Reverse Current @ TA = 25 C o at Rated DC Blocking Voltage @ TA = 100 C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating Temperature Range Storage Temperature Range
o
HER301 HER302 HER303 HER304 HER305 HER306 HER307 HER308 UF5400 UF5401 UF5402 UF5403 UF5404 UF5406 UF5407 UF5408 UNITS 50 100 200 600 800 1000 300 400 V VRRM VRMS 35 70 140 420 560 700 210 280 V VDC IF(AV) IFSM VF IR TRR CJ TJ TSTG 50 80 -55 to+125 -55 to+150 1.0 50 100 200 300 400 3.0 600 800 1000 V A A 1.7 V uA uA 75 50 nS pF
o o
150 1.3 10.0 200
C C
NOTES: 1. Reverse Recovery Test Conditions: IF=0.5A,IR=1.0A,IRR=0.25A 2.Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.


▲Up To Search▲   

 
Price & Availability of HER304-UF5403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X