Part Number Hot Search : 
ZTBF500E MIC22205 FDMS7650 RBR5L30A BO12864 1057091 SM2958 89HPE
Product Description
Full Text Search
 

To Download HDMIULC6-2M6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDMIULC6-2x6
Ultra large bandwidth ESD protection
Features

2-line ESD protection (at 15 kV air and contact discharge, exceeds IEC 61000-4-2) Ultra low capacitance: 0.6 pF @ 825 MHz Ultra high bandwidth - no influence on signal rise and fall times - maximised number of signal harmonics Very low leakage current: 0.5 A max. Fast response time compared with varistors Protects VBUS when applicable RoHS compliant
QFN (pin view) HDMIULC6-2M6
SOT-666 HDMIULC6-2P6

Complies with these standards
IEC 61000-4-2 level 4 - 15 kV air discharge - 8 kV contact discharge MIL STD883G-Method 3015-7
Benefits
ESD standards compliance guaranteed at device level, thus greater immunity at system level ESD protection of VBUS when applicable. High efficiency due to low residual voltage when confronted by an ESD surge Large bandwidth to minimize impact on data signal quality Consistent D+ / D- signal balance: - Ultra low impact on intra- and inter-pair skew - Matching high bit rate HDMI requirements and ready for future evolution Low PCB space occupation - 1.45 mm2 for QFN Low leakage current for longer operation of battery powered devices Higher reliability offered by monolithic integration 500 m pitch for QFN 6 leads
Applications


HDMI ports at 1.65 Gb/s and up to 3.2 Gb/s IEEE 1394a, b, or c up to 3.2 Gb/s USB 2.0 ports up to 480 Mb/s (Hi-Speed) Ethernet port: 10/100/1000 Mb/s Video line protection
Description
The HDMIULC6-2x6 is a monolithic, application specific discrete device dedicated to ESD protection of the HDMI connection. It also offers the same high level of protection for IEEE 1394a and IEEE 1394b/c, USB 2.0, Ethernet links, and video lines. Its ultra high cutoff frequency (5.9 GHz) secures a high level of signal integrity. The device topology provides this integrity without compromising the complete protection of ICs against the most stringent ESD strikes.

May 2008
Rev 1
1/17
www.st.com
Characteristics
HDMIULC6-2x6
1
Characteristics
Figure 1. Functional diagram
I/O1
1
6
I/O1
I/O1
1
6
I/O1
GND
2
5
VBUS
GND
2
5
VBUS
I/O2
3
4
I/O2
I/O2
3
4
I/O2
QFN 6 leads
SOT666
When used with a HDMI application, Pin 5 should not be connected to protect against backdrive current flow on data lines.
Table 1.
Symbol VPP Tstg Tj TL
Absolute ratings
Parameter Peak pulse voltage Storage temperature range Maximum junction temperature Lead solder temperature (10 seconds duration) IEC 61000-4-2 air discharge IEC 61000-4-2 contact discharge MIL STD883G-Method 3015-7 Value 15 15 25 -55 to +150 125 260 Unit kV C C C
Table 2.
Symbol IRM VBR
Electrical characteristics (Tamb = 25 C)
Value Parameter Leakage current Breakdown voltage between VBUS and GND Test Conditions Min. VRM = 5 V IR = 1 mA IPP = 1 A, tp = 8/20 s Any I/O pin to GND 6 12 17 0.85 0.02 0.5 Typ. Max 0.5 A V V V pF pF pF Unit
VCL
Clamping voltage IPP = 5 A, tp = 8/20 s Any I/O pin to GND Capacitance between I/O and GND VR = 0 V, F = 825 MHz Capacitance variation between I/O and GND Capacitance between I/O VR = 0 V, F = 1 MHz VR = 0 V, F = 825 MHz
Ci/o-GND Ci/o-GND Ci/o-i/o
2/17
HDMIULC6-2x6
Characteristics
Figure 2.
Line capacitance versus line voltage (typical values)
C(pF)
Figure 3.
Line capacitance versus frequency (typical values) HDMIULC6-2M6
C(pF)
1.0
F=825MHz Vosc=500mVRMS VBUS OPEN Tj =25 C
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 CI/O - GND
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2
Vosc=30mVRMS Tj =25C VI-O/GND = 0V VBUS OPEN
CI/O - GND
Data line voltage (v)
0.1
0
CI/O - CI/O
F(MHz)
1 10 100 1000 10000
Figure 4.
Line capacitance versus frequency Figure 5. (typical values) HDMIULC6-2P6
0.00
Frequency response (typical values) HDMIULC6-2M6
S21(db)
C(pF)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 1 10 100 1000 10000
C I/O - I/O C I/O - GND
Vosc=30mVrms Tj = 25 C VI-O/GND = 0V VBUS OPEN
Fc=5.9GHz
- 4.00
- 8.00
- 12.00
F(MHz)
- 16.00 300.0k 1.0M 3.0M 10.0M
F(Hz)
30.0M 100.0M 300.0M 1.0G 3.0G
Figure 6.
Frequency response (typical values) HDMIULC6-2P6
Figure 7.
Relative variation of leakage current versus junction temperature (typical values)
S21(db)
0.00
IRM[Tj] / IRM[Tj=25C]
Fc=5.3GHz
- 4.00
5 4
3
- 8.00
2
- 12.00
F(Hz)
- 16.00 300.0k 1.0M 3.0M Ligne 2 10.0M 30.0M 100.0M 300.0M 1.0G 3.0G
Tj(C)
1 25 50 75 100 125
3/17
Characteristics
HDMIULC6-2x6
Figure 8.
Eye diagram at 1.65 Gbps amplitude 500 mV PCB + HDMIULC6-2M6
Figure 9.
Eye diagram at 3.2 Gbps amplitude 500 mV PCB + HDMIULC6-2M6
Horizontal: 100 ps/div Vertical: 200 mV/div
Horizontal: 50 ps/div Vertical: 200 mV/div
Figure 10. Eye diagram at 1.65 Gbps amplitude 500 mV PCB + HDMIULC6-2P6
Horizontal: 100 ps/div Vertical: 200 mV/div
Figure 11. Eye diagram at 3.2 Gbps amplitude 500 mV PCB + HDMIULC6-2P6
Horizontal: 50 ps/div Vertical: 200 mV/div
4/17
HDMIULC6-2x6
Application examples
2
Application examples
Figure 12. HDMI single link application
Host (Set Top Box, DVD player, PC)
HDMI HDMI
Tx0Tx0+
TMDS transmitter
1 6 1 6
Rx0Rx0+
TMDS receiver
2
5
2
5
3
4
3
4
Display (TV, flat panel, monitor, projector)
HDMI connectors
1 6 1 6 2 5 2 5
video
Tx1Tx1+
Rx1Rx1+
video
3
4
3
4
Multimedia controller
audio
audio HDMIULC6-2M6 HDMIULC6-2P6
controller
1 6
Ctrl / status
Tx2Tx2+
1
6
Rx2Rx2+
2
5
2
5
Ctrl / status
3
4
3
4
TCTC+ CEC SCL Vcc 5V SDA HPD
1
6
1
6
RCRC+ CEC SCL Vcc 5V
2
5
2
5
3
4
3
4
TMDS links
HDMIULC6-4SC6 HDMIULC6-4SC6 or USBLC6-4SC6
SDA HPD
Control links
Figure 13. T1/E1/Ethernet protection
+VCC
Tx
SMP75-8
100nF
D A TA TRANSCEIVER
+VCC
Rx
SMP75-8
100nF
5/17
Application examples
HDMIULC6-2x6
2.1
PCB layout considerations
Figure 14. PCB layout example
Width=100 m Space=400 m
All dimensions in m
3160
3160
Width=215 m PCB Characteristics Space=100 m Substrate: H = 730 m, Er =3.9 Z0diff=100 Tracks: H = 35 m copper Coatinbg: H = 35 m above substrate: H = 10 m above tracks, Er = 3.4 GND plane on the bottom layer
Figure 15. TDR results for HDMIULC6-2M6 with PCB layout example
6/17
HDMIULC6-2x6
Technical information
3
3.1
Technical information
Surge protection
The HDMIULC6-2x6 is particularly optimized to perform ESD surge protection based on the rail to rail topology. The clamping voltage VCL can be calculated as follows: VCL+ = VTRANSIL + VF for positive surges VCL- = - VF with: VF = VT + Rd.Ip (VF forward drop voltage) / (VT forward drop threshold voltage) and VTRANSIL = VBR + Rd_TRANSIL . IP for negative surges
Calculation example
We assume that the value of the dynamic resistance of the clamping diode is typically: Rd = 0.5 and VT = 1.1 V. We assume that the value of the dynamic resistance of the transil diode is typically Rd_TRANSIL = 0.5 and VBR = 6.1 V For an IEC 61000-4-2 surge Level 4 (Contact Discharge: Vg= 8 kV, Rg= 330 ), VBUS = +5 V, and, in first approximation, we assume that: Ip = Vg / Rg = 24 A. We find: VCL+ = +31.2 V VCL- = -13.1 V Note: The calculations do not take into account phenomena due to parasitic inductances.
3.2
Surge protection application example
If we consider that the connections from the pin VBUS to VCC, from I/O to data line, and from GND to PCB GND plane are two tracks 10 mm long and 0.5 mm wide, we can assume that the parasitic inductances, LVBUS, LI/O, and LGND, of these tracks are about 6 nH. So when an IEC 61000-4-2 surge occurs on the data line, due to the rise time of this spike (tr = 1 ns), the voltage VCL has an extra value equal to LI/O.dI/dt + LGND.dI/dt. The dI/dt is calculated as: dI/dt = Ip/tr = 24 A/ns for an IEC 61000-4-2 surge level 4 (contact discharge Vg = 8 kV, Rg = 330 ) The over voltage due to the parasitic inductances is: LI/O.dI/dt = LGND.dI/dt = 6 x 24 = 144 V By taking into account the effect of these parasitic inductances due to unsuitable layout, the clamping voltage will be: VCL+ = +31.2 + 144 +144 = 319.2 V VCL- = -13.1 - 144 -144 = -301.1 V We can reduce as much as possible these phenomena with simple layout optimization.
7/17
Technical information
HDMIULC6-2x6
Figure 16. ESD behavior: parasitic phenomena due to unsuitable layout
ESD surge on data line VBUS Data line LI/O VCL+
LI/O
di L VBUS dt
Vcc pin
L I/O
di di + L GND dt dt
POSITIVE SURGE
VF VTRANSIL
I/O pin
VCL
VTRANSIL +VF t
tr=1ns
GND pin
LGND
LGND
di dt
-VF
tr=1ns
t
VCL + = VTRANSIL + VF + L I/O VCL - = - VF - L I/O
di di + L GND dt dt di di - L GND dt dt
surge > 0
- L I/O
surge < 0
di di - L GND dt dt
NEGATIVE SURGE
VTRANSIL = VBR + Rd.Ip
VCL-
Figure 17. ESD behavior - measurement conditions
ESD SURGE TEST BOARD IN OUT
Figure 18. Remaining voltage after the HDMIULC6-2M6 during positive ESD surge
10V/Div
Figure 19. Remaining voltage after the HDMIULC6-2M6 during negative ESD surge
10V/Div
100ns/Div
100ns/Div
8/17
HDMIULC6-2x6
Technical information
Figure 20. Remaining voltage after the HDMIULC6-2P6 during positive ESD surge
10V/Div
Figure 21. Remaining voltage after the HDMIULC6-2P6 during negative ESD surge
10V/Div
100ns/Div
100ns/Div
Important
An important precaution to take is to put the protection device as close as possible to the disturbance source (generally the connector).
3.3
Crosstalk behavior
Figure 22. Crosstalk phenomena
RG1 Line 1 1 VG1 + 12VG2
VG1 RG2 Line 2
RL1
VG2
RL2
2VG2 + 21VG1
DRIVERS
RECEIVERS
The crosstalk phenomena is due to the coupling between 2 lines. The coupling factor (12 or 21) increases when the gap across lines decreases, particularly in silicon dice. In the example above the expected signal on load RL2 is 2VG2, in fact the real voltage at this point has got an extra value 21VG1. This part of the VG1 signal represents the effect of the crosstalk phenomenon of the line 1 on the line 2. This phenomenon has to be taken into account when the drivers impose fast digital data or high frequency analog signals in the disturbing line. The perturbed line will be more affected if it works with low voltage signal or high load impedance (few k).
9/17
Technical information Figure 23. Analog crosstalk measurements
TEST BOARD NETWORK ANALYSER PORT 1 NETWORK ANALYSER PORT 2
HDMIULC6-2x6
Figure 23 gives the measurement circuit for the analog application. In usual frequency range of analog signals (up to 240 MHz) the effect on disturbed line is less than -40 dB (see Figure 24 and Figure 25). Figure 24. Analog crosstalk results (typical values) for HDMIULC6-2M6
dB
0.00
-7.6dB@7GHz
- 30.00
- 60.00
- 90.00
F (Hz)
- 120.00 300.0k 1.0M 3.0M 10.0M 30.0M 100.0M 300.0M 1.0G 3.0G
Figure 25. Analog crosstalk results (typical values) for HDMIULC6-2P6
dB
0.00
7.2dB@7GHz
- 30.00
- 60.00
- 90.00
F (Hz)
- 120.00 300.0k 1.0M 3.0M 10.0M 30.0M 100.0M 300.0M 1.0G 3.0G
10/17
HDMIULC6-2x6
Recommendation on PCB assembly
4
4.1
Recommendation on PCB assembly
Stencil opening design
1. General recommendation on stencil opening design a) Stencil opening dimensions: L (Length), W (Width), T (Thickness)
Figure 26. Stencil opening dimensions.
L
T
W
b)
General Design Rule Stencil thickness (T) = 75 ~ 125 m W Aspect Ratio = ---- 1.5 T LxW Aspect Area = --------------------------- 0.66 2T ( L + W )
2.
Reference design a) b) Stencil opening thickness: 100 m Stencil opening for leads: Opening to footprint ratio is 90%.
Figure 27. Recommended stencil window position (QFN only)
7 m
7 m 15 m
650 m
620 m 236 m 15 m 250 m
Footprint
Stencil window Footprint
11/17
Recommendation on PCB assembly
HDMIULC6-2x6
4.2
Solder paste
1. 2. 3. 4. Halide-free flux qualification ROL0 according to ANSI/J-STD-004. "No clean" solder paste is recommended. Offers a high tack force to resist component movement during high speed. Solder paste with fine particles: powder particle size is 20-45 m.
4.3
Placement
1. 2. 3. 4. Manual positioning is not recommended. It is recommended to use the lead recognition capabilities of the placement system, not the outline centering. Standard tolerance of 0.05 mm is recommended. 3.5 N placement force is recommended. Too much placement force can lead to squeezed out solder paste and cause solder joints to short. Too low placement force can lead to insufficient contact between package and solder paste that could cause open solder joints or badly centered packages. To improve the package placement accuracy, a bottom side optical control should be performed with a high resolution tool. For assembly, a perfect supporting of the PCB (all the more on flexible PCB) is recommended during solder paste printing, pick and place and reflow soldering by using optimized tools.
5. 6.
4.4
PCB design preference
1. 2. To control the solder paste amount, the closed via is recommended instead of open vias. The position of tracks and open vias in the solder area should be well balanced. The symmetrical layout is recommended, in case any tilt phenomena caused by asymmetrical solder paste amount due to the solder flow away.
12/17
HDMIULC6-2x6
Recommendation on PCB assembly
4.5
Reflow profile
Figure 28. ST ECOPACK(R) recommended soldering reflow profile for PCB mounting
Temperature (C)
260C max 255C 220C 180C 125 C
2C/s recommended 2C/s recommended 6C/s max 6C/s max
3C/s max 3C/s max
0 0 1 2 3 4 5
10-30 sec 90 to 150 sec 90 sec max
6
7
Time (min)
Note:
Minimize air convection currents in the reflow oven to avoid component movement.
13/17
Package information
HDMIULC6-2x6
5
Package information
Epoxy meets UL94, V0
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at www.st.com. Table 3. Micro QFN 1.45x1.00 6L dimensions
Dimensions
D
N
Ref.
E
Millimeters Min. Typ. 0.55 0.02 0.25 1.45 1.00 0.50 0.20 0.30 0.35 0.40 0.008 Max. 0.60 0.05 0.30 Min.
Inches Typ. Max.
1
2
A A1
0.50 0.00 0.18
0.020 0.022 0.024 0.000 0.001 0.002 0.007 0.010 0.012 0.057 0.039 0.020
A A1
1 2
b D
L k b e
E e K L
0.012 0.014 0.016
Figure 29. QFN 6 leads footprint dimensions in mm [inches]
0.50 [0.020]
0.25 [0.010]
0.65 [0.026] 0.30 1.60 [0.012] [0.063]
Note:
Product marking may be rotated by 90 for assembly plant differentiation. In no case should this product marking be used to orient the component for its placement on a PCB. Only pin 1 mark is to be used for this purpose.
14/17
HDMIULC6-2x6 Table 4. SOT-666 dimensions
Package information
Dimensions
b1 L1
Ref.
Millimeters Min. Typ. Max. Min.
Inches Typ. Max. 0.024 0.007 0.013
L3 b
A A3 b
D E1
0.45 0.08 0.17 0.19 1.50 1.50 1.10 0.50 0.19 0.10 0.10 0.27
0.60 0.018 0.18 0.003 0.34 0.007
b1 D
0.34 0.007 0.011 0.013 1.70 0.059 1.70 0.059 1.30 0.043 0.020 0.007 0.30 0.004 0.004 0.012 0.067 0.067 0.051
A
E
L2 E A3
E1 e L1 L2
e
L3
Figure 30. Footprint (dimensions in mm)
0.50
0.62
2.60
0.99
0.30
15/17
Ordering information
HDMIULC6-2x6
6
Ordering information
Table 5. Ordering information
Marking T(1) R Package QFN 6 leads SOT-666 Weight 2.2 mg 2.9 mg Base qty 3000 3000 Delivery mode Tape and reel Tape and reel
Order code HDMIULC6-2M6 HDMIULC6-2P6
1. The marking can be rotated by 90 to diferentiate assembly location
7
Revision history
Table 6. Document revision history
Date 06-May-2008 Revision 1 First issue. Description of changes
16/17
HDMIULC6-2x6
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
17/17


▲Up To Search▲   

 
Price & Availability of HDMIULC6-2M6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X