Part Number Hot Search : 
IF140A 2SC3583 MOC8080 LUR61D TSC1220 2309NZ N2003AN AP450
Product Description
Full Text Search
 

To Download GUGUYX10D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
GUGUYX10D
10 SEGMENTS BAR GRAPH ARRAY
Features
SUITABLE FOR LEVEL INDICATORS. LOW CURRENT OPERATION. EXCELLENT ON/OFF CONTRAST. WIDE VIEWING ANGLE. END STACKABLE. MECHANICALLY RUGGED. BI-COLOR VERSION AVAILABLE. DIFFERENT COLORS IN ONE UNIT AVAILABLE. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Operating Characteristics (TA=25C) Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg UG (GaP) 5 25 140 62.5 UY (GaAsP /GaP) 5 30 140 75 Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. GUGUYX10D Green Yellow Published Date : MAR 13,2008 GaP GaAsP/GaP 3000 1900 typ. 15990 8990 V3 565 590 Checked : Shin Chi 10 Segments Bargraph-Display VF VF IR UY (GaAsP/ Unit GaP) 1.95 2.5 10 V V uA
UG (GaP) 2.0 2.5 10
Unit V mA mA mW C
P
565
590
nm
-40 ~ +85 -40 ~ +85 260C For 3~5 Seconds
D
568
588
nm
30
35
nm
C
15
20
pF
Part Number
Emitting Color
Emitting Material
Wavelength nm P
Description
Drawing No : SDSA3717
P.1/5
Part Number:
www.SunLED.com
GUGUYX10D
10 SEGMENTS BAR GRAPH ARRAY
UG
Published Date : MAR 13,2008
Drawing No : SDSA3717
V3
Checked : Shin Chi
P.2/5
Part Number:
www.SunLED.com
GUGUYX10D
10 SEGMENTS BAR GRAPH ARRAY
UY
Published Date : MAR 13,2008
Drawing No : SDSA3717
V3
Checked : Shin Chi
P.3/5
Part Number:
www.SunLED.com
GUGUYX10D
10 SEGMENTS BAR GRAPH ARRAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 13,2008
Drawing No : SDSA3717
V3
Checked : Shin Chi
P.4/5
Part Number:
www.SunLED.com
GUGUYX10D
10 SEGMENTS BAR GRAPH ARRAY
PACKING & LABEL SPECIFICATIONS
GUGUYX10D
Published Date : MAR 13,2008
Drawing No : SDSA3717
V3
Checked : Shin Chi
P.5/5


▲Up To Search▲   

 
Price & Availability of GUGUYX10D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X