Part Number Hot Search : 
LC75700 SAMSUNG FSC4NF SFF10 TRRPB IRF40B TRRPB 2E101
Product Description
Full Text Search
 

To Download FXO-PC520-62208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model: FXO-PC52 SERIES
LVPECL 5 x 3.2mm 2.5V Oscillator
Features
XTREMELY Low Jitter Low Cost XPRESS Delivery Frequency Resolution to six decimal places Stabilities to 20 PPM -20 to +70C or -40 to +85C operating temperatures Tri-State Enable / Disable Feature Industry Standard Package, Footprint & Pin-Out Fully RoHS compliant Gold over Nickel Termination Finish Serial ID with Comprehensive Traceability
V DD Enable / Disable
Freq: 0.75 MHz to 1.0GHz
Rev. 03/31/2008
Applications
* * * * * * * * * ANY application requiring an oscillator SONET Ethernet Storage Area Network Broadband Access Microprocessors / DSP / FPGA Industrial Controllers Test and Measurement Equipment Fiber Channel
X PRESSO
ASICs
GND
FOX
OUTPUT
For more information -- Click on the drawing
Contents
page
Description
The Fox XPRESSO Crystal Oscillator is a breakthrough in configurable Frequency Control Solutions. XPRESSO utilizes a family of proprietary ASICs, designed and developed by Fox, with a key focus on noise reduction technologies. The 3rd order Delta Sigma Modulator reduces noise to the levels that are comparable to traditional Bulk Quartz and SAW oscillators. The ASICs family has ability to select the output type, input voltages, and temperature performance features. With the XPRESS lead-time, low cost, low noise, wide frequency range, excellent ambient performance, XpressO is an excellent choice over the conventional technologies. Finished XPRESSO parts are 100% final tested.
Model Selection & Part Number Guide 2 Electrical Characteristic 3 Absolute Maximums 3 Output Wave Characteristics 4 Phase Noise 5 Jitter 5 Pin Assignment 6 Recommended Circuit 6 Reflow 6 Mechanical Drawing and Pad Layout 7 Tape and Reel Specification 8 Label 8 Traceability - LOT Number & Serial Identification 9 RoHS Material Declaration 10 SGS Report 11 & 12 Mechanical Test 13 Burn-In Test 13 MTTF / FITS calculations 14 15 Other XPRESSO Links Fox Contact Information 15
Page 1 of 15
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 Taiwan Tel: +886.2.22073427 Fax +886.2.22073486 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221 (c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified
FXO-PC52 Series Model Selection Guide & Fox Part Number
STEP #1: Customer selects the Model Description and provides to Fox Customer Service Model Description
F X O - P C 5 2 6 R - 6 2 2.0 8
Frequency (in MHz)
Resolutions to 6 places past the decimal point
H = HCMOS C = Ceramic Q = Quartz L = LVDS P = LVPECL M = LVDS (pin 2 E/D) Q = LVPECL (pin 2 E/D) X = HCMOS (comp 2nd Output)
5 = 5 x 3.2mm 7 = 7 x 5mm
3 = 3.3 V 2 = 2.5 V
0 = 100 PPM blank = -20C to +70C 5 = 50 PPM R = -40C to +85C 6 = 25 PPM 8 = 20 PPM (-20 ~ +70C)
STEP #2: The Fox Customer Service team provides a customer specific Part Number
for use on their Bill Of Materials (BOM).
Fox Part Number
(The assigned Fox Part Number must be on the BOM - not the above Model Description) (This will ensure receipt of the proper part)
7 7 3B - 622.08 - 3
The 1 Field
Product Code # 773B = FXO-PC52 773 = FXO-PC53 773C = FXO-QC52 773A = FXO-QC53
st
The 3rd Field
Fox Internally Generated Number
nd
The 2
Field
The Customer's Frequency
(If any specification changes, the last digits change) (The same specs for a different customer also changes the last digits)
This example, FXO-PC526R-622.08 = LVPECL Output, Ceramic, 5 x 3.2mm Package, 2.5V, 25 PPM Stability, -40 to +85C Temperature Range, at 622.08 MHz
Page 2 of 15
(c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified
FXO-PC52 Series
Electrical Characteristics
Parameters
Frequency Range Frequency Stability 1 Temperature Range Supply Voltage Input Current (@ Standard Load) Output Load Start-Up Time Output Enable / Disable Time Moisture Sensitivity Level Termination Finish TSTG VDD IDD
Symbol
FO TO
Condition
Maximum Value
(unless otherwise noted)
Standard operating Optional operating Storage Standard 0.750 ~ 20.000 MHz 20.000+ ~ 220.000 MHz 220.000+ ~ 630.000 MHz 630.000+ MHz ~ 1.000 GHZ Standard
TS MSL JEDEC J-STD-20
0.750 MHz to 1.0 GHz 100, 50, 25, & 20 ppm -20C to +70C -40C to +85C -55C to +125C 2.5 V 5% 33 mA 41 mA 63 mA 72 mA 50 Ohms into VDD-2VDC. TYP. 10 mS 100 nS 1 Au
Note 1 - Stability is inclusive of 25C tolerance, operating temperature range, input voltage change, load change, aging, shock and vibration.
Absolute Maximum Ratings
(Useful life may be impaired. For user guidelines only, not tested. Operation is only guaranteed for voltage and temperature specifications in Electrical Characteristics section.)
Parameters
Input Voltage Operating Temperature Storage Temperature Junction Temperature ESD Sensitivity
Symbol
VDD TAMAX TSTG HBM
Condition
Maximum Value
(unless otherwise noted)
Human Body Model
-0.5V to +5.0V -55C to +105C -55C to +125C 150C > 1 kV
Page 3 of 15
(c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified
FXO-PC52 Series
Output Wave Characteristics
Parameters
Low Output Voltage High Output Voltage Output Symmetry (See Drawing Below) Output Enable Note1 (PIN # 1) Voltage Output DisableNote1 (PIN # 1) Voltage Cycle Rise Time (See Drawing Below) Cycle Fall Time (See Drawing Below)
Note1
Symbol
VOL VOH VIH VIL TR TF
Condition
0.75 MHz to 1.0 GHz 0.75 MHz to 1.0 GHz @ 50% VP-P Level
Maximum Value
(unless otherwise noted)
0.75 MHz to 1.0 GHz 0.75 MHz to 1.0 GHz
0.68V Typ 1.4V Typ 45% ~ 55% 70% VDD 30% VDD 400 pS (20%~80% Vp-p) 400 pS (80%~20% Vp-p)
An optional PIN # 2 as Enable / Disable is available - see Model Selection Guide (page 2)
Rise Time / Fall Time Measurements TR OUTPUT 2 TF
1.4V Typ.
20% to 80 %
OUTPUT 1
0.68V Typ.
Oscillator Symmetry
Ideally, Symmetry should be 50/50 for 1/2 period -- Other expressions are 45/55 or 55/45
OUTPUT 2
1.4V Typ.
50% VDD
OUTPUT 1
1/2 Period Period
0.68V Typ.
Page 4 of 15
(c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified
FXO-PC52 Series
Phase Noise
0 dBc -10dBc -20dBc -30dBc -40dBc -50dBc -60dBc
212.5 MHz 156.25 MHz
2.5V Phase Noise Graph
(dBc / Hz) vs. offset frequency
Data Collected using HP 3048A Four Frequencies from Jitter Tables
62.5 MHz only to 2 MHz offset Equipment Limitation
-70dBc -80dBc -90dBc -100dBc -110dBc -120dBc -130dBc -140dBc -150dBc -160dBc
62.5 MHz 622.08 MHz 62.5 MHz 622.08 MHz
212.5 MHz 156.25 MHz
10
100
1k
10k
100k
1M
10M
40M
Offset Frequency
(10Hz to 40MHz)
Jitter is frequency dependent. Below are typical values at select frequencies.
LVPECL Phase Jitter & Time Interval Error (TIE)
Frequency
62.5 MHz 156.25 MHz 212.5 MHz 622.08MHz
Phase Jitter
(12kHz to 20MHz)
TIE
(Sigma of Jitter Distribution)
Units
pS RMS pS RMS pS RMS pS RMS
2.10 1.20 1.27 1.68
3.1 3.5 4.2 3.7
Phase Jitter is integrated from HP3048 Phase Noise Measurement System; measured directly into 50 ohm input; VDD = 2.5V TIE was measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software; VDD = 2.5V
Per MJSQ spec (Methodologies for Jitter and Signal Quality Specifications)
LVPECL Random & Deterministic Jitter Composition
Frequency
62.5 MHz 156.25 MHz 212.5 MHz 622.08 MHz
Random (Rj)
(pS RMS)
Deterministic (Dj)
(pS P-P)
Total Jitter (Tj)
(14 x Rj) + Dj 30.5 pS 29.3 pS 30.8 pS 23.4 pS
1.35 1.36 1.33 1.06
10.5 10.0 11.8 8.3
Rj and Dj, measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software.
Per MJSQ spec (Methodologies for Jitter and Signal Quality Specifications) Page 5 of 15
(c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified
FXO-PC52 Series Pin Description and Recommended Circuit
Pin #
1 2 3 4 5 6
Name
E/D
NC 2 1
Type
Logic Ground Output Output Power
Function
Enable / Disable Control of Output (0 = Disabled)
No Connection - Leave OPEN
GND Output Output 2 VDD
1 2 3
3
Electrical Ground for VDD LVPECL Oscillator Output Complementary LVPECL Output Power Supply Source Voltage
NOTES:
Includes pull-up resistor to VDD to provide output when the pin (1) is No Connect. (Also see note 2) An optional pin # 2 Enable / Disable is available. Installation should include a 0.01F bypass capacitor placed between VDD (Pin 6) and GND (Pin 3) to minimize power supply line noise.
E/D 1 NC 2 GND 3
6 VDD
E/D #1 #6 #2 #5 GND #3 #4
0.01F
VDD LVPECL OUT#2 LVPECL OUT
5 Output 2 4 Output
NC
50 VDD - 2V
50 0.01F
Terminations as viewed from the Top
NOTE: XPRESSO LVPECL XOs are designed to fit on Industry Standard, 6 pad layouts
Enable / Disable Control
Pin # 1 (state)
OPEN (No Connection) "1" Level VIH 70% VDD "0" Level VIL 30% VDD
Output (Pin # 4, Pin # 5)
ACTIVE Output ACTIVE Output High Impedance
Soldering Reflow Profile
260C 225C 180C
(2 times Maximum at 260C for 10 seconds MAX)
tp Ramp-Up 3C/s Max
5010 Seconds Above 225C Reflow Area
10 Seconds Max within 5C of 260C peak
Ramp Down Not to exceed 6C/s
160C
120 20 Seconds In Pre-heating Area
25C 400 Seconds MAX from +25C to 260C peak
Page 6 of 15
(c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified
FXO-PC52 Series
Mechanical Dimensional Drawing & Pad Layout
5.15 Max
#6 #5 #4
TOP VIEW
X PRESS O
#1 #2 #3
3.35 Max
Actual part marking is depicted.
See Traceability (pg. 9) for more information
0.5 1.4 Max
2.54
1.27
#1 #6 #2 #5 #3 #4
1.2
0.64
Recommended Solder Pad Layout
2.54 0.8 1.29 2.25
1.27 1.24
Note: XPRESSO LVPECL XOs are designed to fit on Industry standard, 6 pad, layouts.
Pin Connections #1) E/D #4) Output #5) Output 2 #2) NC #3) GND #6) VDD
Drawing is for reference to critical specifications defined by size measurements. Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary
Page 7 of 15
(c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified
FXO-PC52 Series
Tape and Reel Dimensions
4.0mm O1.5mm
7.5mm 5.5mm 16mm 12mm
2.15mm
8.0mm
1k Reel Dimensions in mm
2.0
2k Reel Dimensions in mm
2.0 120
O13.0
O21.0 178.0 2.0 62.0
O13.0 2.0 2.0
O21.0 255.0 80.0
17.5 17.5
Labeling
(Reels and smaller packaging are labeled with the below)
* Fox Part Number: 773B-622.08-3 * Quantity: * Description: * Date Code
*
773B-622.08-3
2000 pieces FXO-PC526R-622.08 0745 24435
(YYWW 2007 45 wk)
th
FXO-PC526R-622.08
LOT #
If traceability should become necessary
An additional identification code is contained internally if tracking should ever be necessary
Page 8 of 15
(c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified
FXO-PC52 Series
Traceability - LOT Number & Serial Identification
LOT Number
The LOT Number has direct ties to the customer purchase order. The LOT Number is marked on the "Reel" label, and also stored internally on non-volatile memory inside the XPRESSO part. XPRESSO parts that are shipped Tape and Reel, are also placed in an Electro Static Discharge (ESD) bag and will have the LOT Number labeled on the exterior of the ESD bag. It is recommended that the XPRESSO parts remain in this ESD bag during storage for protection and identification. If the parts become separated from the label showing the LOT Number, it can be retrieved from inside one of the parts, and the information that can be obtained is listed below: * * * * * Customer Purchase Order Number Internal Fox Sales Order Number Dates that the XPRESSO part was shipped from the factory The assigned customer part number The specification that the part was designed for
Serial Identification
The Serial ID is the individualized information about the configuration of that particular XPRESSO part. The Serial ID is unique for each and every XPRESSO part, and can be read by special Fox equipment. With the Serial ID, the below information can be obtained about that individual, XPRESSO part: * * * * * * * Equipment that the XPRESSO part was configured on Raw material used to configure the XPRESSO part Traceability of the raw material back to the foundries manufacturing lot Date and Time that the part was configured Any optimized electrical parameters based on customer specifications Electrical testing of the actual completed part Human resource that was monitoring the configuration of the part
Fox has equipment placed at key Fox locations World Wide to read the Lot Identification and Serial Number of any XPRESSO part produced and can then obtain the information from above within 24 hours
Page 9 of 15
(c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified
FXO-PC52 Series
RoHS Material Declaration
Material Name Cover Kovar
Component Nickel (Ni) Cobalt (Co) Iron (Fe)
Content (mg) 1.890 1.113 3.540 35.484 1.733 0.268 0.364 0.234 0.253 6.290 0.195 0.810 0.203 0.281 2.438 1.309 0.768 1.191 0.210 0.0021 0.950 0.480 0.000210 0.0000700 1.170 0.019 0.000159 0.00037 0.000125 61.196
Content 3.09% 1.82% 5.78% 57.98% 2.83% 0.44% 0.59% 0.38% 0.41% 10.28% 0.32% 1.32% 0.33% 0.46% 3.98% 2.14% 1.25% 1.95% 0.34% 0.00343% 1.55% 0.784% 0.000343% 0.0001144% 1.91% 0.0310% 0.000260% 0.000605% 0.000204% 100.00%
(CAS Number) 7440-02-0 7440-48-4 7439-89-6 1344-28-1 14808-60-7 1308-38-9 18868-43-4 1309-48-4 1305-78-8 7440-33-7 7439-98-7 7440-02-0 7440-48-4 7440-57-5 7439-89-6 7440-02-0 7440-48-4 7440-22-4 7440-50-8 7429-90-5 7440-21-3 7440-57-5 7440-22-4 14808-60-7 7440-22-4 7440-02-0 7440-22-4 7440-21-3
Base
Ceramic
Alumina (Al2O3) Silicon Oxide (SiO2) Chromium Oxide (Cr2O3) Molybdenum Oxide (MoO2) Magnesium Oxide (MgO) Calcium Oxide (CaO)
+ Metallization + Nickel Plating + Gold Plating Seal ring
Tungsten (W) Molybdenum (Mo) Nickel (Ni) Cobalt (Co) Gold (Au) Iron (Fe) Nickel (Ni) Cobalt (Co)
silver solder Gold Adhesive Crystal Crystal Electrode Adhesive TOTAL
Silver (Ag) Copper (Cu) Aluminum (Al) Silicon (Si) Gold (Au) Silver (Ag) Epoxy Silicon Dioxide (SiO2) Silver (Ag) Nickel (Ni) Silver (Ag) Silicon (Si)
Page 10 of 15
(c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified
FXO-PC52 Series
3rd Party (SGS) Material Report
Page 11 of 15
(c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified
FXO-PC52 Series
3rd Party (SGS) Material Report (continued)
Page 12 of 15
(c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified
FXO-PC52 Series
Mechanical Testing
Parameter
Mechanical Shock Mechanical Vibration High Temperature Burn-in Hermetic Seal
Test Method
Drop from 75cm to hardwood surface - 3 times 10~55Hz, 1.5mm amplitude, 1 Minute Sweep 2 Hours each in 3 Directions (X, Y, Z) Under Power @ 125C for 2000 Hours (results below) He pressure: 4 1 kgf / cm2 2 Hour soak
2,000 Hour Burn-In Burn-In Testing - under power 2000 Hours, 125C
XpressO LVPECL Burn-In (Power on) Freq = 10MHz, N = 120
15 10
Drift (PPM)
5 0 -5 -10 -15 -20
Initial
250 hours 500 hours
1000 hours
2000 hours
Page 13 of 15
(c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified
FXO-PC52 Series
MTTF / FITS Calculations
Products are grouped together by process for MTTF calculations. (All XpressO output and package types are manufactured with the same process) Number of Parts Tested: 360 (120 of each output type: HCMOS, LVDS, LVPECL) Number of Failures: 0 Test Temperature: 125C Number of Hours: 2000
MTTF was calculated using the following formulas: [1.] Device Hours (devhrs) = (number of devices) x (hours at elevated temperature in K) [2.] MTTF = [3.] FITS = Where: Label af eV k t1 t2 r 2 Theta Failures Chi-Square
devhrs x af x 2
2
* 109 Formula/Value eV 11 ( )x( - ) k t1 t2
1 MTTF
Name
Acceleration Factor Activation Energy Bolzman's Constant
e
0.40 V 8.62 X 10-5 eV/K Operating Temperature (K) Accelerated Temperature (K) Confidence Level (60% industry standard) Number of failed devices statistical significance for bivariate tabular analysis [table lookup] based on assumed (Theta - confidence) and number of failures (r) For zero failures (60% Confidence): 2 = 1.830
DEVICE-HOURS = 360 x 2000 HOURS = 720,000
( 1 1 0.40 ) )x( - 298 398 = 49.91009 8.625
ACCELERATION FACTOR =
e
MTTF = 720,000 x 49.91009 x 2 = 39,209,238 Hours
1.833
1.833 = 2.55E-8 720,000 x 49.91009 x 2
Failure Rate =
FITS = Failure Rate *1E9 = 26
Page 14 of 15
(c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified
FXO-PC52 Series Notes :
For the complete product line of XPRESSO products visit
http://www.foxonline.com/xpressomain.htm
Patent Numbers: US 6,664,860, US 5,960,403, US 5,952,890; US 5,960,405; US 6,188,290; Foreign Patents: R.S.A. 98/0866, R.O.C. 120851; Singapore 67081, 67082; EP 0958652 China ZL 98802217.6, Malaysia MY-118540-A, Philippines 1-1998-000245, Hong Kong #HK1026079, Mexico #232179 US and Foreign Patents Pending XpressOTM Fox Electronics Contact Information (USA)-Worldwide Headquarters Tel: 888-GET-2-FOX Outside US: +1.239.693.0099, Fax:+1.239.693.1554 Email: www.foxonline.com/email.htm Fox EMEA Tel/Fax: +44.1767.312632 Email: www.foxonline.com/email.htm Fox Taiwan Tel:+886-2-22073427, Fax:+886-2-22073486 Fox Hong Kong Tel: +852.2854.4285, Fax:+852.2854.4282 Email: www.foxonline.com/email.htm Fox Japan Tel:+81.3.3374.2079, Fax: +81.3.3377.5221 Email: www.foxonline.com/email.htm
Email: www.foxonline.com/email.htm The above specifications, having been carefully prepared and checked, is believed to be accurate at the time of publication; however, no responsibility is assumed by Fox Electronics for inaccuracies.
Page 15 of 15
(c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified


▲Up To Search▲   

 
Price & Availability of FXO-PC520-62208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X