Part Number Hot Search : 
PL3223 ULN2024 PSD4235 HV3KVLCD MJE1300 TAC97 CA314 62WV5128
Product Description
Full Text Search
 

To Download FDMA2002NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDMA2002NZ Dual N-Channel PowerTrench(R) MOSFET
March 2008
FDMA2002NZ
General Description
t tm tm
Dual N-Channel PowerTrench(R) MOSFET
Features
* 2.9 A, 30 V RDS(ON) = 123 m @ VGS = 4.5 V RDS(ON) = 140 m @ VGS = 3.0 V RDS(ON) = 163 m @ VGS = 2.5 V * Low profile - 0.8 mm maximum - in the new package MicroFET 2x2 mm * HBM ESD protection level = 1.8kV (Note 3) * RoHS Compliant
This device is designed specifically as a single package solution for dual switching requirements in cellular handset and other ultra-portable applications. It features two independent N-Channel MOSFETs with low on-state resistance for minimum conduction losses. The MicroFET 2x2 offers exceptional thermal performance for its physical size and is well suited to linear mode applications. PIN 1 S1 G1 D1 D2
D2 S1 G1
1 2 3
6 5 4
D1 G2 S2
MicroFET 2x2
D1 G2 S2
D2
Absolute Maximum Ratings
Symbol
VDS ID VGS Drain-Source Voltage Gate-Source Voltage
TA=25oC unless otherwise noted
Parameter
Ratings
30 12 2.9 2.7 10
(Note 1a) (Note 1b)
Units
V V A
Drain Current - Continuous (TC = 25C, VGS = 4.5V) - Continuous (TC = 25C, VGS = 2.5V) - Pulsed
PD TJ, TSTG
Power Dissipation for Single Operation Power Dissipation for Single Operation Operating and Storage Temperature
1.5 0.65 -55 to +150
W C
RJA RJA RJA RJA
Thermal Characteristics
Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Ambient
(Note 1a) (Note 1b) (Note 1c) (Note 1d)
83 (Single Operation) 193 (Single Operation) 68 (Dual Operation) 145 (Dual Operation) C/W
Package Marking and Ordering Information
Device Marking 002
(c)2008 Fairchild Semiconductor Corporation
Device
Reel Size 7''
Tape width 8mm
Quantity 3000 units
FDMA2002NZ Rev B2 (W)
FDMA2002NZ
FDMA2002NZ Dual N-Channel PowerTrench(R) MOSFET
Electrical Characteristics
Symbol
BVDSS
TA = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage Current Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient
Test Conditions
ID = 250 A VGS = 0 V, ID = 250 A, Referenced to 25C VDS = 24 V, VGS = 12 V, VGS = 0 V VDS = 0 V
Min Typ Max Units
30 25 1 10 0.4 1.0 -3 75 84 92 95 138 150 190 30 20 123 140 163 166 203 268 220 40 30 12 16 21 10 3.0 1.5 V mV/C A A V mV/C
Off Characteristics
BVDSS TJ IDSS IGSS VGS(th) VGS(th) TJ
On Characteristics
ID = 250 A VDS = VGS, ID = 250 A, Referenced to 25C VGS = 4.5V, ID = 2.9A VGS = 3.0V, ID = 2.7A VGS = 2.5V, ID = 2.5A VGS = 4.5V, ID = 2.9A, TC = 85C VGS = 3.0V, ID = 2.7A, TC = 150C VGS = 2.5V, ID = 2.5A, TC = 150C VDS = 15 V, f = 1.0 MHz V GS = 0 V,
RDS(on)
Static Drain-Source On-Resistance
m
Dynamic Characteristics
Ciss Input Capacitance Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS Output Capacitance Reverse Transfer Capacitance
(Note 2)
pF pF pF ns ns ns ns nC nC nC
Switching Characteristics
Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
VDD = 15 V, VGS = 4.5 V,
ID = 1 A, RGEN = 6
6 8 12 2
VDS = 15 V, VGS = 4.5 V
ID = 2.9 A,
2.4 0.35 0.75
Drain-Source Diode Characteristics and Maximum Ratings
Maximum Continuous Drain-Source Diode Forward Current IS = 2.0 A IS = 1.1 A IF = 2.9 A, dIF/dt = 100 A/s VSD trr Qrr Drain-Source Diode Forward Voltage Diode Reverse Recovery Time Diode Reverse Recovery Charge 0.9 0.8 10 2
2.9 1.2 1.2
A V ns nC
FDMA2002NZ Rev B2 (W)
FDMA2002NZ Dual N-Channel PowerTrench(R) MOSFET
Electrical Characteristics
TA = 25C unless otherwise noted
Notes: 2 1. RJA is determined with the device mounted on a 1 in oz. copper pad on a 1.5 x 1.5 in. board of FR-4 material. RJC is guaranteed by design while RJA is determined by the user's board design. (a) RJA = 83C/W when mounted on a 1in2 pad of 2 oz copper, 1.5" x 1.5" x 0.062" thick PCB (b) RJA = 193C/W when mounted on a minimum pad of 2 oz copper (d) RJA = 145C/W when mounted on a minimum pad of 2 oz copper (c) RJA = 68C/W when mounted on a 1in2 pad of 2 oz copper, 1.5" x 1.5" x 0.062" thick PCB
a) 83oC/W when mounted on a 1in2 pad of 2 oz copper
b) 193oC/W when mounted on a minimum pad of 2 oz copper
Scale 1 : 1 on letter size paper 2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0%
3.The diode connected between the gate and source serves only protection against ESD. No gate overvoltage rating is implied.
FDMA2002NZ Rev B2 (W)
FDMA2002NZ Dual N-Channel PowerTrench(R) MOSFET
Typical Characteristics
10
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
VGS = 4.5V 2.5V 2.7V 3.5V 2.9V 2.0V
1.8
VGS = 2.0V
ID, DRAIN CURRENT (A)
8
1.6
6
1.4
2.5V
4
1.2
2.7V
2.9V
3.5V
4.0V
4.5V
2
1.5V
1
0 0 0.5 1 1.5 2 VDS, DRAIN-SOURCE VOLTAGE (V) 2.5 3
0.8 0 2 4 6 ID, DRAIN CURRENT (A) 8 10
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
0.24
ID = 1.45A
1.8 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE 1.6 1.4 1.2 1
RDS(ON), ON-RESISTANCE (OHM)
ID = 2.9A VGS = 4.5V
0.2
0.16
TA = 125 C
o
0.12
0.8 0.6 -50 -25 0 25 50 75 100 o TJ, JUNCTION TEMPERATURE ( C) 125 150
0.08
TA = 25 C
o
0.04 0 2 4 6 8 VGS, GATE TO SOURCE VOLTAGE (V) 10
Figure 3. On-Resistance Variation with Temperature.
10
-IS, REVERSE DRAIN CURRENT (A)
VDS = 5V TA = -55 C
o
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
100
VGS = 0V
ID, DRAIN CURRENT (A)
8
25oC
125 C
o
10 1 0.1 0.01 0.001
TA = 125 C 25oC -55oC
o
6
4
2
0 0.5 1 1.5 2 2.5 VGS, GATE TO SOURCE VOLTAGE (V) 3
0.0001 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -VSD, BODY DIODE FORWARD VOLTAGE (V) 1.6
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature.
FDMA2002NZ Rev B2 (W)
FDMA2002NZ Dual N-Channel PowerTrench(R) MOSFET
Dimensional Outline and Pad Layout
rev3
FDMA2002NZ Rev B2 (W)
FDMA2002NZ Dual N-Channel PowerTrench(R) MOSFET
TRADEMARKS
The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidianries, and is not intended to be an exhaustive list of all such trademarks. ACEx(R) Build it NowTM CorePLUSTM CorePOWERTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R) EfficentMaxTM EZSWITCHTM *
TM
(R)
Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FlashWriter(R) *
tm
FPSTM F-PFSTM FRFET(R) Global Power ResourceSM Green FPSTM Green FPSTM e-SeriesTM GTOTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM MotionMaxTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
tm
PDP-SPMTM Power-SPMTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM Quiet SeriesTM RapidConfigureTM Saving our world 1mW at a timeTM SmartMaxTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SuperMOSTM (R)
The Power Franchise(R)
tm
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM SerDesTM UHC(R) Ultra FRFETTM UniFETTM VCXTM VisualMaxTM
* EZSWITCHTM and FlashWriter(R) are trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. This datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only.
Rev. I34
FDMA2002NZ Rev B2 (W)
Preliminary
First Production
No Identification Needed Obsolete
Full Production Not In Production


▲Up To Search▲   

 
Price & Availability of FDMA2002NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X