Part Number Hot Search : 
U2A15 10037402 TDA8574 KWTS90B 02100 LC7462 MAC16CMG CY4602
Product Description
Full Text Search
 

To Download FDFMA2P85708 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDFMA2P857 Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
March 2008
FDFMA2P857
Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
-20V, -3.0A, 120m Features
MOSFET:
Max rDS(on) = 120m at VGS = -4.5V, ID = -3.0A Max rDS(on) = 160m at VGS = -2.5V, ID = -2.5A Max rDS(on) = 240m at VGS = -1.8V, ID = -1.0A
General Description
This device is designed specifically as a single package solution for the battery charge switch in cellular handset and other ultraportable applications. It features a MOSFET with low on-state resistance and an independently connected low forward voltage schottky diode for minimum conduction losses. The MicroFET 2x2 package offers exceptional thermal performance for it's physical size and is well suited to linear mode applications.
Schottky:
VF < 0.54V @ 1A Low profile - 0.8 mm maximum - in the new package MicroFET 2x2 mm RoHS Compliant
Pin 1 A NC D A1 NC 2 D3 C MicroFET 2x2 G S 6C 5G 4S
MOSFET Maximum Ratings TA = 25C unless otherwise noted
Symbol VDSS VGSS ID PD TJ, TSTG VRRM IO Parameter Drain to Source Voltage Gate to Source Voltage Drain Current -Continuous -Pulsed Power Dissipation Power Dissipation Operating and Storage Junction Temperature Range Schottky Repetitive Peak Reverse Voltage Schottky Average Forward Current (Note 1a) (Note 1b) (Note 1a) Ratings 20 8 -3 -6 1.4 0.7 -55 to +150 30 1 Units V V A W C V A
Thermal Characteristics
RJA RJA RJA RJA Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Ambient (Note 1a) (Note 1b) (Note 1c) (Note 1d) 86 173 86 140 C/W
Package Marking and Ordering Information
Device Marking .857 Device FDFMA2P857 Package MicroFET 2x2
1
Reel Size 7''
Tape Width 8mm
Quantity 3000 units
www.fairchildsemi.com
(c)2008 Fairchild Semiconductor Corporation FDFMA2P857 Rev.B1
FDFMA2P857 Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
Electrical Characteristics TJ = 25C unless otherwise noted
Symbol Parameter Test Conditions Min Typ Max Units
Off Characteristics
BVDSS BVDSS TJ IDSS IGSS Drain to Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate to Source Leakage Current ID = -250A, VGS = 0V ID = -250A, referenced to 25C VDS = -16V, VGS = 0V VGS = 8V, VDS = 0V -20 -12 -1 100 V mV/C A nA
On Characteristics
VGS(th) VGS(th) TJ rDS(on) gFS Gate to Source Threshold Voltage Gate to Source Threshold Voltage Temperature Coefficient VGS = VDS, ID = -250A ID = -250A, referenced to 25C VGS = -4.5V, ID = -3.0A Static Drain to Source On Resistance VGS = -2.5V, ID = -2.5A VGS = -1.8V, ID = -1.0A VGS = -4.5V, ID = -3.0A, TJ = 125C Forward Transconductance VDS = -5V, ID = -3.0A -0.4 -0.7 2 90 120 172 118 7 120 160 240 160 S m -1.3 V mV/C
Dynamic Characteristics
Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = -10V, VGS = 0V, f = 1.0MHz 435 80 45 pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg(TOT) Qgs Qgd Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate to Source Gate Charge Gate to Drain "Miller" Charge VDS = -10V ID = -3.0A VGS = -4.5V VDD = -10V, ID = -1A VGS = -4.5V, RGEN = 6 9 11 15 6 4 0.8 0.9 18 19 27 12 6 ns ns ns ns nC nC nC
Drain-Source Diode Characteristics
IS VSD trr Qrr Maximum Continuous Drain-Source Diode Forward Current Source to Drain Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, IS = -1.1A (Note 2) -0.8 17 6 -1.1 -1.2 A V ns nC
IF = -3.0A, di/dt = 100A/s
Schottky Diode Characteristics
TJ = 25C IR Reverse Leakage VR = 10V TJ = 85C TJ = 125C TJ = 25C IR Reverse Leakage VR = 20V TJ = 85C TJ = 125C TJ = 25C VF Forward Voltage IF = 100mA TJ = 85C TJ = 125C TJ = 25C VF Forward Voltage IF = 1A TJ = 85C TJ = 125C
FDFMA2P857 Rev.B1 2
0.5 0.05 0.6 1.1 0.09 0.9 0.37 0.29 0.23 0.5 0.46 0.43
4.5 1.0 8.4 8.0 1.6 10 0.40 0.35 0.29 0.54 0.51 0.48
A mA mA A mA mA V V V V V V
www.fairchildsemi.com
FDFMA2P857 Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
Electrical Characteristics TA = 25C unless otherwise noted
Notes: 1: RJA is determined with the device mounted on a 1in2 oz. copper pad on a 1.5 x 1.5 in. board of FR-4 material. RJC is guaranteed by design while RJA is determined by the user's board design. (a) MOSFET RJA = 86oC/W when mounted on a 1in2 pad of 2 oz copper, 1.5" x 1.5" x 0.062" thick PCB. (b) MOSFET RJA = 173oC/W when mounted on a minimum pad of 2 oz copper. (c) Schottky RJA = 86oC/W when mounted on a 1in2 pad of 2 oz copper, 1.5" x 1.5" x 0.062" thick PCB. (d) Schottky RJA = 140oC/W when mounted on a minimum pad of 2 oz copper.
a)86oC/W when mounted on a 1in2 pad of 2 oz copper.
b)173oC/W when mounted on a minimum pad of 2 oz copper.
c)86oC/W when mounted on a 1in2 pad of 2 oz copper.
d)140oC/W when mounted on a minimum pad of 2 oz copper.
2: Pulse Test: Pulse Width < 300s, Duty cycle < 2.0%.
FDFMA2P857 Rev.B1
3
www.fairchildsemi.com
FDFMA2P857 Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
Typical Characteristics TA = 25C unless otherwise noted
VGS =-4.5V -3V -3.5V -1.8V -2.5V -2V
NORMALIZED DRAIN TO SOURCE ON-RESISTANCE
6
-ID, DRAIN CURRENT (A)
3.0
VGS =-1.5V
5 4 3 2 1 0 0.0
2.5 2.0 1.5 1.0 0.5
-1.8V -2.0V -2.5V -3.0V -3.5V -4.5V
-1.5V
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
6
-VDS, DRAIN TO SOURCE VOLTAGE (V)
-ID, DRAIN CURRENT(A)
Figure 1. On-Region Characteristics
Figure 2. Normalized On-Resistance vs Drain Current and Gate Voltage
0.28
rDS(on), DRAIN TO SOURCE ON-RESISTANCE (OHM)
DRAIN TO SOURCE ON-RESISTANCE
1.4 1.3 1.2 1.1 1.0 0.9 0.8 -50
ID =-3A VGS = -4.5V
ID =-1.5A
RDS(ON), NORMALIZED
0.22
0.16
TA = 125oC
0.10
TA = 25oC
-25
0 25 50 75 100 125 TJ, JUNCTION TEMPERATURE (oC)
150
0.04
0
2 4 6 8 -VGS, GATE TO SOURCE VOLTAGE (V)
10
Figure 3. Normalized On- Resistance vs Junction Temperature
-IS, REVERSE DRAIN CURRENT (A)
Figure 4. On-Resistance vs Gate to Source Voltage
10
VGS = 0V
6 5 4 3 2 1 0 0.0
TA = 125oC VDS = -5V
-ID, DRAIN CURRENT (A)
1 0.1 0.01 0.001 0.0001 0.0
TA = 125oC
25oC -55oC
-55oC 25oC
0.5 1.0 1.5 2.0 -VGS, GATE TO SOURCE VOLTAGE (V)
2.5
0.2 0.4 0.6 0.8 1.0 -VSD, BODY DIODE FORWARD VOLTAGE (V)
1.2
Figure 5. Transfer Characteristics
Figure 6. Source to Drain Diode Forward Voltage vs Source Current
FDFMA2P857 Rev.B1
4
www.fairchildsemi.com
FDFMA2P857 Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
Typical Characteristics TA = 25C unless otherwise noted
GATE TO SOURCE VOLTAGE(V)
5
ID = -3A
700 600
CAPACITANCE (pF)
f = 1MHz VGS = 0V
4 3 2 1 0
VDS= -5V -15V
500 400 300 200 100
Coss Ciss
-10V
-VGS,
0
1
2 3 Qg, GATE CHARGE(nC)
4
5
0 0
Crss
4 8 12 16 -VDS, DRAIN TO SOURCE VOLTAGE (V) 20
Figure 7. Gate Charge Characteristics
10 100
ID, DRAIN CURRENT (A)
Figure 8. Capacitance Characteristics
200 100
100us 1ms
1
P(PK), PEAK TRANSIENT POWER (W)
RDS(ON) LIMITED
10
10ms
0.1
VGS = -4.5V
SINGLE PULSE RJA = 173oC/W TA = 25oC
100ms 1s 10s DC
1
SINGLE PULSE RJA = 173 C/W
o
0.01 0.1
1
10
100
0.1 -4 10
10
-3
VDS, DRAIN to SOURCE VOLTAGE (V)
10 10 10 10 t, PULSE WIDTH (s)
-2
-1
0
1
10
2
10
3
Figure 9. Forward Bias Safe Operating Area
IR, REVERSE LEAKAGE CURRENT (mA)
3
Figure 10. Single Pulse Maximum Power Dissipation
10
TJ = 125oC
IF, FORWARD CURRENT(A)
1
TJ = 125oC
1 0.1
TJ = 85oC
0.1
85oC
0.01 0.001
TJ = 25oC
0.01
25oC
0.001
0
100 200 300 400 VF, FORWARD VOLTAGE(mV)
500
600
0.0001
0
5
10 15 20 VR, REVERSE VOLTAGE (V)
25
30
Figure 11. Schottky Diode Forward Current
Figure 12. Schottky Diode Reverse Current
FDFMA2P857 Rev.B1
5
www.fairchildsemi.com
FDFMA2P857 Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
Typical Characteristics TA = 25C unless otherwise noted
1
DUTY CYCLE-DESCENDING ORDER
NORMALIZED THERMAL IMPEDANCE, ZJA
0.1
D = 0.5 0.2 0.1 0.05 0.02 0.01
PDM
t1 t2
SINGLE PULSE o RJA = 173 C/W
NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJA x RJA + TA
0.01 -4 10
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
t, RECTANGULAR PULSE DURATION (s)
Figure 13. Transient Thermal Response Curve
FDFMA2P857 Rev.B1
6
www.fairchildsemi.com
FDFMA2P857 Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
Dimensional Outline and Pad Layout
rev3
FDFMA2P857 Rev.B1
7
www.fairchildsemi.com
FDFMA2P857 Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
TRADEMARKS
The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidianries, and is not intended to be an exhaustive list of all such trademarks. ACEx(R) Build it NowTM CorePLUSTM CorePOWERTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R) EfficentMaxTM EZSWITCHTM *
TM
(R)
Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FlashWriter(R) *
tm
FPSTM F-PFSTM FRFET(R) Global Power ResourceSM Green FPSTM Green FPSTM e-SeriesTM GTOTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM MotionMaxTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
tm
PDP-SPMTM Power-SPMTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM Quiet SeriesTM RapidConfigureTM Saving our world 1mW at a timeTM SmartMaxTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SuperMOSTM (R)
The Power Franchise(R)
tm
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM SerDesTM UHC(R) Ultra FRFETTM UniFETTM VCXTM VisualMaxTM
* EZSWITCHTM and FlashWriter(R) are trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. This datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only.
Rev. I34
Preliminary
First Production
No Identification Needed Obsolete
Full Production Not In Production
FDFMA2P857 Rev.B1
8
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDFMA2P85708

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X